Part Number Hot Search : 
16CTQ060 S12GB7C XT334Q 2SD1317Q 10A01 VDC1093 FDB8442 VF040
Product Description
Full Text Search
 

To Download 2SB1097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1097
DESCRIPTION With TO-220Fa package Low collector saturation voltage Complement to type 2SD1588 APPLICATIONS For low frequency power amplifier and low speed switching applications
PINNING PIN 1 2 3 Emitter Collector Base DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 30 150 -55~150 ae ae Open emitter Open base Open collector CONDITIONS VALUE -80 -60 -5 -7 2.0 W UNIT V V V A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-30mA; IB=0 IC=-1mA; IE=0 IE=-1mA; IC=0 IC=-5A ;IB=-0.5A IC=-5A ;IB=-0.5A VCB=-60V; IE=0 VEB=-5V; IC=0 IC=-3A ; VCE=-1V 40 MIN -60 -80 -5
2SB1097
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V V
-0.5 -1.5 -10 -10 200 |I |I
V V A A
hFE Classifications M 40-80 L 60-120 K 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1097
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X