Part Number Hot Search : 
36M200 U1510 73D19 51216 IN74H CMF54A EC5575 F2520
Product Description
Full Text Search
 

To Download 2SB1096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1096
DESCRIPTION With TO-220Fa package High breakdown voltage Complement to type 2SD1587 APPLICATIONS For TV vertical output applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 25 150 -55~150 ae ae Open emitter Open base Open collector CONDITIONS VALUE -200 -150 -5 -2 2.0 W UNIT V V V A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-30mA; IB=0 IE=-1mA; IC=0 IC=-500mA ;IB=-50mA IC=-500mA ;IB=-50mA VCB=-150V; IE=0 VEB=-5V; IC=0 IC=-0.4A ; VCE=-10V IC=-0.4A; VCE=-10V 40 5 MIN -150 -5
2SB1096
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
-1.0 -1.5 -50 -50 200 |I |I
V V A A
MHz
hFE Classifications M 40-80 L 60-120 K 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1096
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X