Part Number Hot Search : 
EDI7F JANTX1 TDA1175 IXTA2 SQ50X34 L0025 HDF4815S EDI7F
Product Description
Full Text Search
 

To Download 2S3023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
VS
PRODUCT FEATURE
2S3020 SERIES
"SMA" FEMALE (FIELD REPLACEABLE)
SPDT SWITCHES
( 2 - 18 GHz )
* * * * Integral TTL Drivers Reduced Harmonics Removable Connectors -55C to +125C Operation
.09 TYP. .20
J1
+5
E2 -V E1 GD
P/N 2S3020
M
VS
IN
J2
.75
SPECIFICATIONS
MODEL NUMBER 2S3021 2S3022 2S3023 2S3024 FREQUENCY RANGE (GHz) 2-8 4 - 12 6 - 18 2 - 18 VSWR INSERTION ISO. MAX. LOSS (dB) (dB) MAX. MIN. 1.7 1.8 1.9 2.0 1.5 1.8 2.2 2.4 60 60 55 55
+5
E2 -V E1 GD
.53 .90
J1
P/N 2S3020
DC PINS .018 DIA x .13 LG
M
VS
IN
.760
J2
FARSIDE: #2-56 UNC-2B x .10 DP
.010
.25
.070 TYP
.010
.610
The 2S3020 Series with internal drivers are sealed, integrated switching networks, using passivated PIN diodes, thereby minimizing electrical parasitics. This enables the SPDT switches to work over extremely wide bandwidths. These switches are ruggedly built and conservatively rated to insure highly reliable operation. The 2S3020 Series incorporates a TTL PIN diode driver integrated with the MVS solid state RF section and bias filtering circuits. MVS switches are ideally suited for microwave sub-assemblies, where many system functions must be integrated together. The 2S3020 Series is perfect for highspeed channel selection or pulse modulation.
.13 (TYP)
.38
MTG SURFACE
OPTIONS AVAILABLE Alternate Configurations Logic Decoding Isolations to 80 dB Alternate Power Supplies Integration of Filters Integration of Limiters Custom Screening
M
VS
Microwave & Video Systems, Inc.
160B Shelton Road Monroe, CT 06810
TEL (203) 445-1970 FAX (203) 445-1564
RF PINS .012 DIA x .085/.060 LG
Switching Speed (50% TTL to 10/90% RF) Harmonic Generation (@ +20 dBm) TTL Control (2 Line) RF Power (No Performance Degradation) Power Supply Requirements Operating Temperature Range
50 ns Max 60 dBc Max "0" Select +27 dBm +5V, -15V -55 to +125C


▲Up To Search▲   

 
Price & Availability of 2S3023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X