Part Number Hot Search : 
681KD20 UCY7403N FR205 MAXQ3210 ES3207 MAXQ3210 TL431 2SK3161S
Product Description
Full Text Search
 

To Download 2N3904-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
2N3904
Features
* * Through Hole Package Capable of 600mWatts of Power Dissipation and 200mA Ic. Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1 Marking:Type number Lead Free Finish/Rohs Compliant ("P"Suffix designates Compliant. See ordering information)
NPN General Purpose Amplifier
TO-92
A E
*
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=1.0mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10Adc, IE=0) Emitter-Base Breakdown Voltage (I E=10Adc, IC=0) Base Cutoff Current (VCE=30Vdc, VBE=3.0Vdc) Collector Cutoff Current (VCE=30Vdc, VBE=3.0Vdc) DC Current Gain* (I C=0.1mAdc, VCE=1.0Vdc) (I C=1.0mAdc, VCE=1.0Vdc) (I C=10mAdc, VCE=1.0Vdc) (I C=50mAdc, VCE=1.0Vdc) (I C=100mAdc, VCE=1.0Vdc) Collector-Emitter Saturation Voltage (I C=10mAdc, IB=1.0mAdc) (I C=50mAdc, IB=5.0mAdc) Base-Emitter Saturation Voltage (I C=10mAdc, IB=1.0mAdc) (I C=50mAdc, IB=5.0mAdc) Current Gain-Bandwidth Product (I C=10mAdc, VCE=20Vdc, f=100MHz) Output Capacitance (VCB=5.0Vdec, IE=0, f=1.0MHz) Input Capacitance (VBE=0.5Vdc, IC=0, f=1.0MHz) Noise Figure (IC=100Adc, VCE=5.0Vdc, RS=1.0k f=10Hz to 15.7kHz) Delay Time (VCC=3.0Vdc, VBE=0.5Vdc Rise Time IC=10mAdc, IB1=1.0mAdc) Storage Time (VCC=3.0Vdc, IC=10mAdc Fall Time IB1=IB2=1.0mAdc) 300s, Duty Cycle 2.0% Min 40 60 6.0 50 50 Max Units Vdc Vdc Vdc nAdc nAdc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX
B
ON CHARACTERISTICS
hFE 40 70 100 60 30
C
300
VCE(sat)
0.2 0.4 0.65 0.85 0.95
Vdc
D
VBE(sat)
Vdc C B E
SMALL-SIGNAL CHARACTERISTICS
fT Cobo Cibo NF 250 4.0 8.0 5.0 MHz G pF
DIMENSIONS
pF dB
DIM A B C D E G
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width 35 35 200 50 ns ns ns ns
INCHES MIN .170 .170 .550 .010 .130 .010
MAX .190 .190 .590 .020 .160 .104
MM MIN 4.33 4.30 13.97 0.36 3.30 2.44
MAX 4.83 4.83 14.97 0.56 3.96 2.64
NOTE
www.mccsemi.com
1 of 5
Revision: 6
2008/05/08
2N3904
MCC
TM
Micro Commercial Components
DC Current Gain vs Collector Current 220 200 160 hFE 120 80 40 VBE(ON) -(V) 0.6 0.4 0.2 VCE = 5.0V 1.2
Base-Emitter ON Voltage vs Collector Current VCE = 5.0V 1.0 0.8 TA = 25C TA = 125C TA = -40C
0.1
1 IC - (mA)
10
100
0 0.1
1.0 IC - (mA)
10
100
Collector Saturation Volatge vs Collector Current .150 .125 .100 VCE(SAT) - (V) .075 .050 .025 0 0.1 VBE(SAT) - (V) 1.2 IC/IB = 10 TA = 25C 1.1 1.0 .90 .80 .70
Base Saturation Voltage vs Collector Current IC/IB = 10 TA = 25C
1.0 IC - (mA)
10
100
.60 0.1
1.0 IC - (mA)
10
100
Collector Cutoff Current vs Ambient Temperature 1000 1.0 8 VCB = 20V 100 ICBO - (mA) 10 2 1.0 0 25 50 75 TA - (C) 100 125 150 pF 6
Capacitance vs Reverse Bias Voltage f = 1 MHz
4
CIB
COB
0 0.1
1.0 Volts - (V)
10
www.mccsemi.com
Revision: 6
2 of 5
2008/05/08
2N3904
Maximum Power Dissipation vs Ambient Temperature 800 12 10 600 PD(MAX) - (mW) 400 TO-92 NF - (dB) 6 4 200 SOT-23 0 0 2 0 0.1 8 IC = 1.0mA
MCC
Micro Commercial Components
Noise Figure vs Source Resistance
TM
IC = 100A
f = 1.0kHz 1.0 10 RS - (k) Current Gain 100
50
100 TA - (C)
150
200
Contours of Constant Gain Bandwidth Product (fT) 12 10 8 VCE - (V) 6 4 2 0 0.1 hfe 100 1000
VCE = 10V f = 1.0kHz
10 IC - (mA) *100MHz increments from 200 to 500MHz
1.0
100
10 0.1
1.0 IC - (mA)
10
Noise Figure vs Frequency 6 5 4 NF - (dB) 3 2 1 0 IC = 50A RS = 1.0k IC = 100A RS = 500 VCE = 5.0V
Switching Times vs Collector Current 1000 IB1 = IB2 = IC/10 tr ts
IC = 0.5mA RS = 200 T - (ns)
100
10
tf
0.1
1.0 f - (kHz)
10
100
1.0 1.0
10 IC - (mA)
100
www.mccsemi.com
Revision: 6
3 of 5
2008/05/08
2N3904
Output Admittance VCE = 10V f = 1.0kHz 100
MCC
Micro Commercial Components
Input Impedance 10 VCE = 10V f = 1.0kHz
TM
hie - (k) 1.0
hoe - () 10
0.1 0.1
1 1.0 IC - (mA) 10 0.1 1.0 IC - (mA) 10
Voltage Feedback Ratio 100 1000
Turn On and Turn Off Times vs Collector Current
hfe - (X10 ) 10 T - (ns)
-4
100
toff
ton 10 ton IB1 = IC/10 VBE(OFF) = 0.5V toff IB1 = IB2 = IC/10 10 IC - (mA) 100
1.0
0.1
1.0 IC - (mA)
10
1.0 1.0
www.mccsemi.com
Revision: 6
4 of 5
2008/05/08
MCC
Device
TM
Micro Commercial Components
Ordering Information
Packing Ammo Packing;2Kpcs/AmmoBox Bulk;1Kpcs/Bag (Part Number)-AP (Part Number)-BP
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
5 of 5
2008/05/08


▲Up To Search▲   

 
Price & Availability of 2N3904-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X