Part Number Hot Search : 
APD322 RE46C101 LTE4208 MJ13009 SMCJ11 SMCJ11 SMCJ11 6TRPB
Product Description
Full Text Search
 

To Download 1SV270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon Epitaxial Planar Diode 1SV270
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
+0.05 0.3-0.05
+0.05 0.85-0.05
Features
High Capacitance Ratio:C1V/C4V = 2.0(Typ.) Low Series Resistance:rs = 0.28 (Typ.)
0.475 0.375
+0.1 2.6-0.1
1.0max
Absolute Maximum Ratings Ta = 25
Parameter Reverse Voltage Junction Temperature Storage Temperature Range Symbol VR Tj Tstg Value 10 125 -55 to +125 Unit V
Electrical C haracteristics T a = 25
P aram eter R everse V oltage R everse C urrent C apacitance C apacitance R atio S eries R esistance S ym bol VR IR C 1V C 4V C1V/C 4V rs V R = 1V , f = 470 M H z C onditions IR = 1 A M in 10 3 15 7.8 1.3 16 8 2 0.28 0.5 17 8.7 Typ M ax U nit V nA pF
V R = 10 V f = 1 M H z;V R = 1 V f = 1 M H z;V R = 4 V
Marking
Marking TF
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SV270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X