Part Number Hot Search : 
SD1609 S87C51FB MI31T R3A150F2 70104 S3P72H8 STBN068 NTES1N02
Product Description
Full Text Search
 

To Download 1N58201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5820 THRU 1N5822
3.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 40 Volts Current 3.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Cases: DO-201AD molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.10 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol 1N5820 Type Number Maximum Recurrent Peak Reverse Voltage VRRM 20 Maximum RMS Voltage VRMS 14 Maximum DC Blocking Voltage VDC 20
Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TL = 90 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum Instantaneous Forward Voltage @ 9.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range
1N5821
30 21 30 3.0 80
1N5822
40 28 40
Units V V V A A
I(AV) IFSM VF VF IR 0.475 0.850
RJA Cj TJ Storage Temperature Range TSTG Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
0.500 0.900 2.0 20 40 200 -65 to +125 -65 to +125
0.525 0.950
V V mA mA /W pF
- 96 -
RATINGS AND CHARACTERISTIC CURVES (1N5820 THRU 1N5822)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS
10
4
AVERAGE FORWARD CURRENT. (A)
3
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=100 C 1.0 Tj=75 C
0
0
2
1
Resistive of Inductive Load 0.375"(9.5mm) Lead Length
.10 Tj=25 C
0
0 0 20 40 60 80 100
o
120
140
LEAD TEMPERATURE. ( C)
.01
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
80
PEAK FORWARD SURGE CURRENT. (A)
70 .001 60 50 40 20 30 20 10 8.3ms Single Half Sine Wave JEDEC Method 0 20 40 60 80 100 120
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.4- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
10
1N
58
20
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000
1.0
JUNCTION CAPACITANCE.(pF)
400
1N
58
21
NUMBER OF CYCLES AT 60Hz
~1
N5
1
2
5
10
20
50
100
0.1 100 80 60 .2 .3 .4 .5 .6 .7 FORWARD VOLTAGE. (V) .8 .9
20
10 0.1 0.4 1.0 4 10 REVERSE VOLTAGE. (V) 40 100
- 97 -
82
2
Tj=25oC Pulse Width=300 s 1% Duty Cycle


▲Up To Search▲   

 
Price & Availability of 1N58201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X