Part Number Hot Search : 
RT33L012 MAX5484 74HCT86N R3060 DD200S UCD1H101 100M255 DSP56855
Product Description
Full Text Search
 

To Download 150-JS6DT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A tognum group BrAnd
Diesel engine-generator set 150-JS6DT3
150 ekW /60 Hz /Standby 208 - 600V
SYSTEM RATINGS
Standby
Voltage (L-L) Phase PF Hz kW kVA AMPS skVA@30% Voltage Dip Generator Model Temp Rise Connection
** UL2200 Offered
240V** 1 1.0 60 150 150 625 187 431CSL6206 130C/27C 12 LEAD ZIG-ZAG
240V** 1 1.0 60 150 150 625 195 431CSL6224 130C/27C 4 LEAD
208V** 3 0.8 60 150 187.5 520 236 431CSL6202 130C/27C 12 LEAD LOW WYE
240V** 3 0.8 60 150 187.5 451 236 431CSL6202 130C/27C 12 LEAD HI DELTA
480V** 3 0.8 60 150 187.5 226 315 431CSL6202 130C/27C 12 LEAD HI WYE
600V** 3 0.8 60 150 187.5 180 312 431PSL6240 125C/40C 4 LEAD WYE
FACTS
// // // // // // // // //
EPA Tier 3 Certified Engine-Generator Set Tested to ISO 8528-5 Class G3, for transient response UL2200, CSA Listing Offered Accepts Rated Load in One Step Per NFPA 110, Level 1 All engine-generator sets are prototype and factory tested MTU Onsite Energy is a single source supplier Global Product Support 2 Year Standard Warranty 6068HF285 Diesel Engine - 6.8 Liter Displacement - 4-Cycle
Complete Range of Accessories Permanent Magnet Generator (PMG) - Optional - Brushless, Rotating Field - 300% Short Circuit Capability - 2/3 Pitch Windings // Digital Control Panel(s) - UL Recognized, , NFPA 110 - Complete System Metering - LCD Display // Cooling System - Integral Set-Mounted - Engine Driven Fan
// //
2
// / /
150-JS6DT3
stanDarD eQUiPMent
//
Engine
//
digital Control panel(s)
Air Cleaner Oil Pump Full Flow Oil Filter Jacket Water Pump Thermostats Exhaust Manifold - Dry Blower Fan & Fan Drive Radiator - Unit Mounted Electric Starting Motor - 12V Governor - Electric Isochronous Base - Formed Steel SAE Flywheel & Bell Housing Charging Alternator - 12V Battery Box & Cables Flexible Fuel Connectors Flexible Exhaust Connection EPA Certified Engine
Digital Metering Engine Parameters Generator Protection Functions Engine Protection SAE J1939 Engine ECU Communications Windows-Based Software Multilingual Capability Remote Communications to our RDP-110 Remote Annunciator 16 Programmable Contact Inputs 7 Contact Outputs UL Recognized, , CE Approved Event Recording IP 54 Front Panel Rating with Integrated Gasket NFPA110 Level Compatible
//
Additional Features
//
generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise and motor starting Sustained short circuit current of up to 300% of the rated current for up to 10 seconds Self-Ventilated and Drip-Proof Superior Voltage Waveform Digital, Solid State, Volts-per-Hertz Regulator No Load to Full Load Regulation Brushless Alternator with Brushless Pilot Exciter 4 Pole, Rotating Field 130C Standby Temperature Rise 1 Bearing, Sealed Flexible Coupling Full Amortisseur Windings 125% Rotor Balancing 3-Phase Voltage Sensing 1% Voltage Regulation 100% of Rated Load - One Step 3% Maximum Harmonic Content
Oil Drain Extension & S/O Valve Flexible Fuel Connector Battery Cables Vibration Isolation Pads Jacket Water Heater: -20 F Mainline Circuit Breaker UL2200 Listed Steel Sub-Base Radiator Duct Flange (OPU) Lube Oil & Antifreeze Operator's and Owner's Manual 2 Year/3000 Hour Warranty Factory Tested at 0.8 PF (3 PH)
//
optional Features
Battery Charger: 6 Amp or 10 Amp Battery: 12 Volt w/ Rack Circuit Breaker: Standard or 100% Muffler (OPU only) Sub-Base Fuel Tank w/ Electrical Stub-Up Area Weatherproof Enclosure Sound Attenuation - 1 1/2" Foam - Sound Scoops Remote Annunciator Isochronous Governor
3
// / /
150-JS6DT3
aPPlication Data
//
Engine
John Deere 6068HF285 4-Cycle 6-Inline 415 (6.8) 4.19 (10.6) 5 (12.7) 19:1 1,800 JDEC 237 (177) 1% 60 Hz Dry
//
Fuel Consumption
11.8 (44.7) 9.2 (34.8) 6.7 (25.4)
Manufacturer Model Type Arrangement Displacement: Cu In (lit) Bore: in (cm) Stroke: in (cm) Compression Ratio Rated RPM Engine Governor Max Power: Standby: bhp (kWm) Regulation Frequency Air Cleaner
At 100% of Power Rating: gal/hr (lit/hr) At 75% of Power Rating: gal/hr( lit/hr) At 50% of Power Rating: gal/hr (lit/hr)
//
Cooling - radiator System
122 (50) 0.5 (0.12) 48 (180) 5,324 (93.5) 1,821 (32) 1,461 (26)
Ambient Capacity of Radiator: F (C) Max. Restriction of Cooling Air, Intake, and Discharge Side of Rad.: in. H20 (kPa) Water Pump Capacity: gpm (lit/min) Heat Rejection to Coolant: BTUM (kW) Heat Radiated to Air to Air: BTUM (kW) Heat Radiated to Ambient: BTUM (kW)
//
Liquid Capacity (Lubrication)
5.28 (20) 3.25 (12.3) 6 (22.7)
//
Air requirements
480 (13.6) 17,712 (502)
Total Oil System: gal (lit) Engine Jacket Water Capacity: gal (lit) System Coolant Capacity: gal (lit)
//
Electrical
12 800
Aspirating: *SCFM (m3/min) Air Flow Required for Rad. Cooled Unit: *SCFM (m3/min) Air Flow Required for Heat Exchanger/Remote Rad. based on 25F Rise: *SCFM (m3/min) * Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
3,295 (94)
Electric Volts DC Cold Cranking Amps Under 0F (-17.8C)
// //
Fuel System
3/8" NPT 3/8" NPT 10 (3) Diesel #2 28.3 (107.2)
Exhaust System
941 (505) 1,201 (34) 30 (7.5)
Fuel Supply Connection Size Fuel Return Connection Size Maximum Fuel Lift: ft (m) Recommended Fuel Total Fuel Flow: gal/hr (lit/hr)
Gas Temp. (Stack): F (C) Gas Volume at Stack Temp: CFM (m3/min) Maximum Allowable Back Pressure: in. H20 (kPa)
4
// / /
150-JS6DT3
WEIGHTS AND DIMENSIONS
Drawing above for illustration purposes only, based on standard open power 480 volt generator. Lengths may vary with other voltages. Do not use for installation design.
System OPU EPU
dimensions (L x W x H) 110 x 52 x 64 in (2,790 x 1,320 x 1,630 mm) 110 x 52 x 77 in (2,790 x 1,320 x 1,960 mm)
Height w/tank 24hr. 82.9 in (2,110 mm) 97 in (2,460 mm)
Weight (less tank) 3,098 lb (1,405 kg) 3,718 lb (1,687 kg)
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
soUnD Data
unit type OPU w/Critical Grade Muffler (dBA) Sound Attenuated Enclosure (dBA)
Measurements for sound data are taken at 23 ft (7 m).
Standby Full Load 92 84
Standby no Load 84 76
(c) MTU Onsite Energy. Subject to alteration due to technological advances. 2009-05
eMissions Data
nox + nmHC 2.86 Co 378 pm 104
RATING DEFINITIONS AND CONDITIONS
Ambient capability factor at 984 ft (300 m). Consult your local MTU Onsite Energy Power Generation Distributor for other altitudes. // Standby ratings apply to installations served by a reliable utility source. The standby rating is applicable to varying loads for the duration of a power outage. No overload capability for this rating. Ratings are in accordance with ISO-3046/1, BS 5514, AS 2789, and DIN 6271. // Deration Factor: Altitude: 0.5% per 1,000 ft (305 m) above 5,000 ft (1,524 m) and 4% per 1,000 ft (305 m) above 10,000 ft (3,048 m). temperature: 0.5% per 10F (5.5C) above 77F (25C).
//
All units are in g/hp-hr and are EpA d2 cycle values. Emission levels of the engine may vary as a function of ambient temperature, barometric pressure, humidity, fuel type and quality, installation parameters, measuring instrumentation, etc. The data provided are laboratory results from one engine representing this rating. The data was obtained under controlled environmental conditions with calibrated instrumentation traceable to the United States National Bureau of Standards and in compliance with US EPA regulations found within 40 CFR Part 89. The weighted cycle value from each engine is guaranteed to be below the US EPA Standards at the US EPA defined conditions.
Materials and specifications subject to change without notice.
// tognum group Companies: Europe / middle East / Africa / Latin America / MTU Onsite Energy / 88040 Friedrichshafen / Germany / Phone + 49 7541 90 7060 / Fax +49 7541 90 7084 / powergenregion1@mtu-online.com // Asia / Australia / Pacific / MTU Onsite Energy / 1, Benoi Place / Singapore 629923 / Republic of Singapore / Phone + 65 6861 5922 / Fax + 65 6861 3615 / powergenregion2@mtu-online.com // uSA / Canada / mexico / MTU Onsite Energy / 100 Power Drive / Mankato, Minnesota 56001 / USA / Phone + 1 507 625 7973 / Fax + 1 507 625 2968 / powergenregion3@mtu-online.com // Worldwide for Hotmodule / MTU Onsite Energy / 81663 Munich / Germany / Phone + 49 89 203042 800 / Fax +49 89 203042 900 / info@mtu-online.com // www.mtu-online.com


▲Up To Search▲   

 
Price & Availability of 150-JS6DT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X