Part Number Hot Search : 
1612B SMBJ45A BU207 NTE7116 LVC1G1 TFZ13B 13T1C 3845A
Product Description
Full Text Search
 

To Download 150-JC6DT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A tognum grouP BrAnd
DIESEL ENGINE-GENERATOR SET 150-JC6DT3
150 ekW /60 Hz /Standby 135 ekW /60 Hz /Prime 208 - 600V
SySTEm RATINGS
Standby
Voltage (L-L) Phase PF Hz kW kVA AMPS skVA@30% Voltage Dip Generator Model* Temp Rise Connection 240V** 1 1.0 60 150 159 625 267 432PSL6210 130C/27C
12 LEAD ZIG-ZAG
240V** 1 1.0 60 150 159 625 310 431PSL6226 130C/27C 4 LEAD
208V** 3 0.8 60 150 187.5 520 280 431CSL6204 130C/27C
12 LEAD LOW WYE
240V** 3 0.8 60 150 187.5 451 375 431CSL6204 130C/27C
12 LEAD HI DELTA
480V** 3 0.8 60 150 187.5 226 375 431CSL6204 130C/27C 12 LEAD HI WYE
600V** 3 0.8 60 150 187.5 180 315 431PSL6240 125C/40C 4 LEAD WYE
Prime
Voltage (L-L) Phase PF Hz kW kVA AMPS skVA@30% Voltage Dip Generator Model* Temp Rise Connection 240V 1 1.0 60 135 135 563 185 432PSL6210 105C/40C
12 LEAD ZIG-ZAG
240V 1 1.0 60 135 135 563 195 431PSL6226 105C/40C 4 LEAD
208V 3 0.8 60 135 168.75 468 238 431CSL6204 105C/40C
12 LEAD LOW WYE
240V 3 0.8 60 135 168.75 406 238 431CSL6204 105C/40C
12 LEAD HI DELTA
480V 3 0.8 60 135 168.75 203 315 431CSL6204 105C/40C 12 LEAD HI WYE
600V 3 0.8 60 135 168.75 162 315 431PSL6240 105C/40C 4 LEAD WYE
* The Generator Model Number identified in the table is for standard C Series Configuration. Consult the factory for alternate configuration. ** UL2200 Offered
2
// / /
150-JC6DT3
FACTS
// // // // // // // // // //
EPA Tier 3 Certified Engine-Generator Set Tested to ISO 8528-5 for Transient Response UL2200, CSA Listing Offered Accepts Rated Load in One Step Per NFPA 110, Level 1 All engine-generator sets are prototype and factory tested MTU Onsite Energy is a single source supplier Global Product Support 2 Year Standard Warranty Custom Design for Any Application 6068HF285 Diesel Engine - 6.8 Liter Displacement - 4-Cycle
Complete Range of Accessories Permanent Magnet Generator (PMG) - Optional - Brushless, Rotating Field - 300% Short Circuit Capability - 2/3 Pitch Windings // Digital Control Panel(s) - UL Recognized, , NFPA 110 - Complete System Metering - LCD Display // Cooling System - Integral Set-Mounted - Engine Driven Fan
// //
STANDARD EQUIPmENT
//
Engine
Brushless Alternator with Brushless Pilot Exciter 4 Pole, Rotating Field 130C Standby Temperature Rise 1 Bearing, Sealed Flexible Coupling Full Amortisseur Windings 125% Rotor Balancing 3-Phase Voltage Sensing 1% Voltage Regulation 100% of Rated Load - One Step 3% Maximum Harmonic Content
Air Cleaner Oil Pump Full Flow Oil Filter Jacket Water Pump Thermostat Exhaust Manifold - Dry Blower Fan & Fan Drive Radiator - Unit Mounted Electric Starting Motor - 12V Governor - Electric Isochronous Base - Formed Steel SAE Flywheel & Bell Housing Charging Alternator - 12V Battery Box & Cables Flexible Fuel Connectors Flexible Exhaust Connection EPA Certified Engine
//
digital Control Panel(s)
//
generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise and motor starting Sustained short circuit current of up to 300% of the rated current for up to 10 seconds Self-Ventilated and Drip-Proof Superior Voltage Waveform Digital, Solid State, Volts-per-Hertz Regulator No Load to Full Load Regulation
Digital Metering Engine Parameters Generator Protection Functions Engine Protection SAE J1939 Engine ECU Communications Windows-Based Software Multilingual Capability Remote Communications to our RDP-110 Remote Annunciator 16 Programmable Contact Inputs 7 Contact Outputs UL Recognized, , CE Approved Event Recording IP 54 Front Panel Rating with Integrated Gasket NFPA110 Level Compatible
3
// / /
150-JC6DT3
APPLICATION DATA
//
Engine
John Deere 6068HF285 4-Cycle 6 In-Line 415 (6.8) 4.19 (10.6) 5 (12.7) 19:1 1,800 JDEC 237 (177) 216 (161) .25% 60 Hz Dry
//
Fuel Consumption
STANDBY 11.8 (44.7) 9.2 (34.8) 6.7 (25.4) PRIME 10.6 (40.1) 8.3 (31.4) 6 (22.7)
Manufacturer Model Type Arrangement Displacement: Cu In (lit) Bore: in (cm) Stroke: in (cm) Compression Ratio Rated RPM Engine Governor Max Power: Standby: bhp (kWm) Max Power: Prime: bhp (kWm) Regulation Frequency Air Cleaner
At 100% of Power Rating: gal/hr (lit/hr) At 75% of Power Rating: gal/hr( lit/hr) At 50% of Power Rating: gal/hr (lit/hr)
//
Cooling - radiator System
STANDBY 122 (50) 0.5 (0.12) 48 (180) 5,324 (93.5) 1,821 (32) 1,461 (25.7) PRIME 122 (50) 0.5 (0.12) 48 (180) 4,792 (84.3) 1,702 (30) 1,239 (21.8)
Ambient Capacity of Radiator: F (C) Maximum Allowable Static Pressure on Rad. Exhaust: in. H20 (kPa) Water Pump Capacity: gpm (lit/min) Heat Rejection to Coolant: BTUM (kW) Heat Rejection to Air to Air: BTUM (kW) Heat Radiated to Ambient: BTUM (kW)
//
Liquid Capacity (Lubrication)
//
Air requirements
STANDBY 480 (13.6) 17,712 (502) PRIME 470 (13.3) 17,712 (502)
Total Oil System: gal (lit) Engine Jacket Water Capacity: gal (lit) System Coolant Capacity: gal (lit)
5.28 (20) 3.25 (12.3) 6 (22.7)
//
Electrical
12 800
Electric Volts DC Cold Cranking Amps Under 0F (-17.8C)
Aspirating: *SCFM (m3/min) Air Flow Required for Rad. Cooled Unit: *SCFM (m3/min) Air Flow Required for Heat Exchanger/Remote Rad. based on 25F Rise: *SCFM (m3/min)
3,295 (94)
2,794 (80)
* Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
//
Fuel System
3/8" NPT 3/8" NPT 10 (3) Diesel #2 28.3 (107.2)
//
Exhaust System
STANDBY 941 (505) 1,201 (34) 30 (7.5) PRIME 916 (491) 1,165 (33) 30 (7.5)
Fuel Supply Connection Size Fuel Return Connection Size Maximum Fuel Lift: ft (m) Recommended Fuel Total Fuel Flow: gal/hr (lit/hr)
Gas Temp. (Stack): F (C) Gas Volume at Stack Temp: CFM (m3/min) Maximum Allowable Back Pressure: in. H20 (kPa)
4
// / /
150-JC6DT3
WEIGHTS AND DIMENSIONS
Drawing above for illustration purposes only, based on standard open power 480 volt generator. Lengths may vary with other voltages. Do not use for installation design.
System OPU
dimensions (L x W x H) 105 x 36 x 56.6 in (2,670 x 910 x 1,420 mm)
Weight (less tank) 3,098 lb (1,405 kg)
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
SOUND DATA
unit type OPU w/Critical Grade Muffler (dBA) Sound Attenuated Enclosure (dBA)
Measurements for sound data are taken at 23 ft (7 m).
Standby Full Load 92 84
Standby no Load 84 76
Prime Full Load 90.5 82.5
Prime no Load 84 76
(c) MTU Onsite Energy. Subject to alteration due to technological advances. 2009-05
EmISSIONS DATA
nox + nmHC 2.86 Co 0.78 Pm 0.104
RATING DEFINITIONS AND CONDITIONS
Ambient capability factor at 984 ft (300 m). Consult your local MTU Onsite Energy Power Generation Distributor for other altitudes. // Standby ratings apply to installations served by a reliable utility source. The standby rating is applicable to varying loads for the duration of a power outage. No overload capability for this rating. Ratings are in accordance with ISO-3046/1, BS 5514, AS 2789, and DIN 6271. // Prime power ratings apply to installations where utility power is unavailable or unreliable. At varying load, the number of generator set operating hours is unlimited. A 10% overload capacity is available for one hour in twelve. Ratings are in accordance with ISO-8528/1, overload power in accordance with ISO-3046/1, BS 5514, AS 2789, and DIN 6271. For limited running time and base load ratings, consult the factory. // Deration Factor: Altitude: 0.5% per 1,000 ft (305 m) above 5,000 ft (1,524 m) and 4% per 1,000 ft (305 m) above 10,000 ft (3,048 m). temperature: 0.5% per 10F (5.5C) above 77F (25C).
//
All units are in g/hp-hr and are EPA d2 cycle values. Emission levels of the engine may vary as a function of ambient temperature, barometric pressure, humidity, fuel type and quality, installation parameters, measuring instrumentation, etc. The data provided are laboratory results from one engine representing this rating. The data was obtained under controlled environmental conditions with calibrated instrumentation traceable to the United States National Bureau of Standards and in compliance with US EPA regulations found within 40 CFR Part 89. The weighted cycle value from each engine is guaranteed to be below the US EPA Standards at the US EPA defined conditions.
Materials and specifications subject to change without notice.
// tognum group Companies: Europe / middle East / Africa / Latin America / MTU Onsite Energy / 88040 Friedrichshafen / Germany / Phone + 49 7541 90 7060 / Fax +49 7541 90 7084 / powergenregion1@mtu-online.com // Asia / Australia / Pacific / MTU Onsite Energy / 1, Benoi Place / Singapore 629923 / Republic of Singapore / Phone + 65 6861 5922 / Fax + 65 6861 3615 / powergenregion2@mtu-online.com // uSA / Canada / mexico / MTU Onsite Energy / 100 Power Drive / Mankato, Minnesota 56001 / USA / Phone + 1 507 625 7973 / Fax + 1 507 625 2968 / powergenregion3@mtu-online.com // Worldwide for Hotmodule / MTU Onsite Energy / 81663 Munich / Germany / Phone + 49 89 203042 800 / Fax +49 89 203042 900 / info@cfc-solutions.com //www.mtu-online.com


▲Up To Search▲   

 
Price & Availability of 150-JC6DT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X