Part Number Hot Search : 
MH3025M SSM700 ISL95810 M16C6N5 2SC3603 QPF8N60 MX566AKQ C1455
Product Description
Full Text Search
 

To Download 1070003801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PenMount 9036 Touch Controller Board
PenMount 9036 control board is a powerful RS-232 touch screen control board to support 4-, 5-, and 8-wire touch screens by executing the same drivers as all PenMount series control board and ICs. PenMount 9036 is good for all kinds of resistive touch screens, user could put PenMount 9036 control board in different systems space and connected to system's serial interface. PenMount 9036 is selected the different type touch screen by dip switch, also with automatic pin adjustment by software drivers.
Electrical Specifications:
Touch Screen: Touch Screen Controller Communications: Baud Rate: Resolution: Mode selection: Power Input: Power Consumption: Board Size: Portrait: Static Protection: Storage/Working Temperature Others: For 4-, 5- & 8-wire analog resistive type DMC9000 RS-232 19200 and 9600 baud rate selection 2048 x 2048 (10-bit A/D converter inside) PnP or non-PnP 5V to 12V DC 12V: 23mA+ i where (i = v/touch screen sheet R) 5V: 20mA+ i where (i = v/touch screen sheet R) 60 x 25 mm Support 90o to 270o screen rotation ESD device optional Storage -40C - +85, Working: 0C - +70C Touch activate indication LED on board, Advanced calibration, Multi-Monitor Display, Right button, Linearity grid Noise filtering, Auto pin assignment, Beep sound
Changes that contribute to technical improvement are subject to alternations
2003 Bearb. Gepr. Vert.
Date 30.07. 30.07.
Name Maurer Maurer
Touch Screen - Control Board
RS-232 4-, 5-, 8- wire
SPECIFICATIONS
EDV-Datasheet
don't change manually
PenMount 9036
Manufactured by Apex Material Technology Corp.
H 1070,0038.01-.04
a
Zu
2002057
24.10.2005 Datum
Maurer Name
And.
D 79346 Endingen
Blatt 1 von 2
Index: a
Driver Software DOS, Windows 3.11, Windows 95/98/Me, Windows NT/2000/XP, QNX, Linux, Windows CE (for both X86 and SA CPU) Windows CE.Net (X86, SA CPU & Xscale)
Actual driver overview and download: http://www.amtouch.com.tw/downloads/drivers.htm
Connector Definition
JP1: - Pin 1 and P2: pin 1: `Ground', pin 2: for 5V to 12V DC power - Pin 3 to Pin 6: PIN3: RTS PIN4: TXD PIN5: RXD PIN6: Ground JP2: Touch Screen Lines: 8-Wire PIN1 Right Sense PIN2 Left Sense PIN3 Bottom Sense PIN4 Top Sense PIN5 Right Excite PIN6 Left Excite PIN7 Bottom Excite PIN8 Top Excite PIN9 Ground SW1: S1: S2 : S3: S3: Baud rate adjustment, PnP enable or disable, set at `ON` set at `OFF' `OFF' is for 19600 bps, `ON' is for 9600 bps `OFF' is enable, `OFF' is disable & S4: set at `OFF' is for 5- wire touch screen & S4: set at `ON` is for 4 and 8-wire touch screen
4-Wire N/A N/A N/A N/A Right Left Bottom Top Ground
5-Wire N/A N/A N/A Sense LR LL UR UL Ground
1070. 0038.01 1070. 0038.02 1070. 0038.03 1070. 0038.04
with cable set 4-wire ZIF,
9pin D-Sub cable 450mm
with cable set 4-wire AMPC, 9pin D-Sub cable 450mm with cable set 8-wire AMPC, 9pin D-Sub cable 450mm with cable set 5-wire AMPC, 9pin D-Sub cable 450mm
Changes that contribute to technical improvement are subject to alternations
2003 Bearb. Gepr. Vert.
Date 30.07. 30.07.
Name Maurer Maurer
Touch Screen - Control Board
RS-232 4-, 5-, 8- wire
SPECIFICATIONS
EDV-Datasheet
don't change manually
PenMount 9036
Manufactured by Apex Material Technology Corp.
H 1070,0038.01-.04
a
Zu
2002057
24.10.2005 Datum
Maurer Name
And.
D 79346 Endingen
Blatt 2 von 2
Index: a


▲Up To Search▲   

 
Price & Availability of 1070003801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X