Part Number Hot Search : 
30010 B3EZ6 FJY4004R TS3A501 10MGRAC 1NB60 95320 SCCT3
Product Description
Full Text Search
 

To Download 10095050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DECORATIVE
ChromaFlair(R) L-Spec Light Interference Pigments Seeing Color In A Whole New Light
Key Features
* Opaque, thin, multi-layered microflakes * Dramatic color changes when viewed from different angles * Easy to stir in or incorporate into paints and dyes * OEM automotive durable
Applications
* Decorative effects * Product differentiation * Broad range of custom applications in automotive and consumer product industries
ChromaFlair pigments are unique, multi-layer pigment flakes that give paints, coatings, plastics, textiles and packaging the ability to change color when viewed from different angles. Created using a revolutionary thin-film technology, each flake exhibits a wide range of hues depending on the angle at which it is viewed and the angle of incidence of light - a dramatic color shift that is even achievable in low-light environments. Highly chromatic, durable and easy to incorporate, ChromaFlair pigments can add value and appeal to virtually any product where color is a key differentiating factor. ChromaFlair L-Spec is ideal for general-purpose applications, having a wider color tolerance specification than ChromaFlair T-Spec. Seven standard colors are currently available and their names reflect the color seen at approximately 0 and 45 respectively, the number represents the pigment's approximate hue at normal viewing angle.
TELEPHONE: 707 525-7007
FAX: 707 525-7537
WEBSITE: www.jdsu.com
CHROMAFLAIR(R) L-SPEC LIGHT INTERFERENCE PIGMENTS
2
Specifications
Parameter Chemical nature Certifiable Properties Color tolerance delta E cmc1 L*1 a*1 b*1 Particle size - D502 Particle size - D992 Dowanol(R) PnP Content % by Weight3 Typical Properties Relative flake thickness4 Specific surface area5 (m2/gram) Dry specific gravity (H2O=1.0 g/cm3) Wet specific gravity (H2O=1.0 g/cm3)
Red/Gold 000L
Silver/Green Gold/Silver Green/Purple Cyan/Purple Blue/Red 060L 080L 190L 230L 280L Metal-coated magnesium fluoride mixture 3.0 61.7 10.5 8.3 17 to 21 m <67 m 9 to 11 2.62 0.29 2.98 2.38 2.0 73.9 9.2 61.1 17 to 21 m <67 m 9 to 11 1.00 0.75 3.02 2.44 2.0 53.2 -39.7 -1.1 17 to 21 m <67 m 9 to 11 2.27 0.33 2.91 2.39 2.0 50.4 -21.9 -21.7 17 to 21 m <67 m 9 to 11 1.97 0.38 2.94 2.40 2.0 40.5 19.1 -48.1 17 to 21 m <67 m 9 to 11 1.32 0.57 2.95 2.42
Magenta/Gold 334L
2.0 43.4 31.5 4.2 17 to 21 m <67 m 9 to 11 1.14 0.65 3.01 2.43
2.0 42.8 26.7 -9.0 17 to 21 m <67 m 9 to 11 1.17 0.64 2.99 2.43
1. JDSU Test Method 21074545 and JDSU Test Method 21074804 2. JDSU Test Method 04092004-J7BI-BP3K 3. JDSU Test Method 04142004-2MUS-ZL14 4. Flake thickness is related to Gold/Silver 080 5. Specific area reported is the theoretical coverage of a monolayer of pigment flakes
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-707-525-7007 in North America and +800-5378-JDSU worldwide or via e-mail at chromaflair@jdsu.com.
Sample: 10095049
Notes: 1. The information furnished above has been compiled from sources considered to be dependable and is believed to be accurate. However, users should conduct confirming tests in their own plant or laboratory to determine suitability,as conditions for use are not under our control. JDSU makes no guarantee as to the results obtained in using the material, and shall not be held liable for any damages resulting from mixing or further processing that is inconsistent with recommended usage. Because we cannot control the application, use, or processing of the products, we cannot accept responsibility. No statement contained herein should be construed as a recommendation for any use which would violate any patent rights. 2. Additional safety information is contained in the product's Material Safety Datasheet, which all users are strongly urged to consult. 3. Approvals: ChromaFlair pigment is made entirely of components registered with leading international authorities including EINECS, MITI, TSCA, DLS, Canadian DSL and AICS, and does not require its own registration.
Product Code 10095049 10095054 10095055 10095052 10095053 10095057 10095050
Appearance Red/Gold 000L (Shifts from red through orange and yellow into green) Silver/Green 060L (Shifts from silver through green into purplish blue) Gold/Silver 080L (Shifts from gold to bluish silver) Green/Purple 190L (Shifts from green through blue and red into orange) Cyan/Purple 230L (Shifts from cyan through purple into reddish orange) Blue/Red 280L (Shifts from blue through purple to warm red) Magenta/Gold 334L (Shifts from magenta through red, orange and gold into yellow)
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. ChromaFlair(R), JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2005 JDS Uniphase Corporation. All rights reserved. 30137394 Rev. 002 11/05 CHROMAFLAIRL.DS.DEC.AE
TELEPHONE: 707 525-7007
FAX: 707 525-7537
WEBSITE: www.jdsu.com
Reviewed November 2006


▲Up To Search▲   

 
Price & Availability of 10095050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X