Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download 026T124F102A1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 026
(R)
Industrial 15/16" (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
Features * Dust-proof construction * Water splash proof construction available
* 5-watt power rating * Superior resistance stability in temperature
and environment change
* Tandem constructions available * Bushing or twist tab mounting
power switches * Excellent linearity performance * RoHS compliant
* Available with pull-push and rotary
Electrical and Mechanical Specifications
Resistance Range Linear : 1 ohm through 25K ohms Audio : 20 ohms through 10K ohms Resistance Tolerance Standard : 10% Special : Tighter tolerance available in most resistance values Power Rating 5 watts @25C, 4 watts @ 55C, derated to no load at 105C, linear taper (Derating required on two section countols.) Voltage Rating Bushing to Terminals: High pot test, one minute -- 1,000 VAC Operating maximum -- 500 VDC Across End Terminals: 350 VDC maximum, load not to exceed wattage rating. Resistance Tapers Standard: Linear or 20% audio Special: Consult CTS Linearity Standard: 3% linearity Special: Consult CTS Power Switches Rotary Pole-SPST, DPST & SPDT Pull-Push Pole-SPST (Pull-ON, Push-OFF) Rotational Angle Mechanical Rotation: Without switch: 3005 With switch: 3005 Effective Rotation: Without switch: 2805 With switch: 2655 Rotational Torque: Standard: 3/4 to 6 in. oz (54 - 432 gf-cm) Special: higher torque models available, consult CTS Operating Temperature -30C to +85C
(continued on next page)
1-4 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
10/15/06
Shaft Center to Lug Shaft Information Standard: .438" (11.1mm) Available for round, flatted, knurled, or slot metal shaft Special: .531" (13.5mm) available Diameter: 6.35mm (.250") Consult CTS for custom-made metal and economic plastic shaft Special Features and Constructions Mounting Information Terminals accepting push-on connectors available. Bushing Mount Straight or concentric tandem constructions. Diameter: EIA standard 3/8-32 UNEF-2A thread Can be combined with 450 series, 15/16" (24mm) diameter, to make any combination of straight or concentric tandem Standard length: 9.53mm (.375") or 6.35mm (.250") constructions with or without switch. Consult CTS for custom-made metal and economic plastic Long life constructions available. bushing Twisted Tab Mounting Available Locating Lugs Standard: Left lug with terminals facing inward Available: No lug, right lug or two lugs with terminals facing inward Long Life Construction This construction provides an extended life of 50K and 100K cycles. Consult CTS for details.
T026 Metal Shaft, Bushing Mounting, Type "T" Solder Lug Terminals
11.9 .469 MTG. SURFACE 3/8-32 UNEF-2A 3.18 .125 O23.8 .937 M AX. 19.8 .780 11.1 .437 CLEARANCE HOLE 4.160.08 .164.003 2.080.08 .082.003
1
3
1.570.08 .062.003
0.4 "A" .016 0.8 "L" .031
MAX. 22.2 .875 TERMINAL (3) HOLES O2.18 /.086
2
0.08 0.08 10.41 10.41 .410 .410 .003 .003
WIPER CW 3 CLOCKWISE CIRCUIT
1.570.08 .062.003
MOUNTING HOLE DETAIL
2 CCW 1
DIMENSION:
mm inch
X026 / Y026 Metal Shaft, Bushing Mounting, Printed Circuit Type X/Y Terminals
MTG. SURFACE "A" 0.4 .016 11.1 .437 3.18 .125 O23.8 .937 MTG. SURFACE REF. 2.030.05 3.68 .080.002 .145
O2.080.05 .082.002 (6) HLS.
3/8-32NEF-2A
4.0 .156
1 2 3
X=17.5 .687 Y=22.0 .867
TYP. 7.92 .312 MOUNTING HOLE DETAIL
2 CCW 1 CLOCKWISE CIRCUIT WIPER CW 3
"L"0.8 .031
TYP. 7.92 .312
4.9 .191
DIMENSION:
mm inch
2-4 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
10/15/06
U026 Metal Shaft, Bushing Mounting, Printed Circuit Type "U" Formed Terminals
MTG. SURFACE CLEARANCE HOLE 11.1 .437 3.18 .125
11.9 .469
4.160.08 .164.003
(2)
(2)
(2)
O23.8 .937
1.570.08 .062.003
0.08 10.41 .410 .003
14.83 .58
3/8-32 UNEF-2A 0.4 "A" .016 0.8 "L" .031
1
2
3
MAX. 22.2 .875
(2) MOUNTING HOLE DETAIL 7.87 .31
2 CCW 1 CLOCKWISE CIRCUIT WIPER CW 3
O2.54 (3) .1
DIMENSION:
mm inch
V026 Metal Shaft, Bushing Mounting, Printed Circuit Type "V" Formed Terminals
4.160.08 .164.003 11.9 .469 MTG. SURFACE 3/8-32 UNEF-2A O 2 3 .8 .9 3 7 3.18 .125 11.1 .437 CLEARANCE HOLE 2.080.08 .082.003
34.5 1.36 REF.
1.570.08 .062.003
3
0.08 0.08 1.570.08 10.41 10.41 .062.003 .410 .410 .003 .003 MOUNTING HOLE DETAIL
0.4 "A" .016 0.8 "L" .031
1
2
1 9 .8 .7 8 0 M A X .
22.2 MAX. .875
2 CCW 1 CLOCKWISE CIRCUIT WIPER CW 3
7.92(2)0.05 .031.002
O2.080.05 .082.002
2.030.05 .080.002 PCB LAYOUT
DIMENSION:
mm inch
S026 Metal Shaft, Bushing Mounting, Faston Type "S" Formed Terminals
MTG. SURFACE
CLEARANCE HOLE 4.160.08 .164.003 2.080.08 .082.003
11.9 .469
3/8-32 UNEF-2A 3.18 .125
11.1 .437
O 2 3 .8 .9 3 7
1.570.08 .062.003 0.4 "A" .016 "L" 0.8 .031
1 2 3
8.0 .315
0.08 0.08 10.41 10.41 .410 .410 .003 .003
1.570.08 .062.003
MOUNTING HOLE DETAIL
2 CCW 1 CLOCKWISE CIRCUIT WIPER CW 3
22.2 MAX. .875
DIMENSION:
mm inch
3-4 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
10/15/06
VPE026 Metal Shaft, Twist TAB Mounting, Type "V" Formed Terminals
MTG. SURFACE 11.9 .469 0.8 "L" .031 8.33 CENT. .328 MAX. 23.5 .925 MIN. 21.1 .832 7.92(2)0.05 .031.002 O2.080.05 .082.002 2.030.05 .080.002 PCB LAYOUT
2 CCW 1 2 3 1 CLOCKWISE CIRCUIT WIPER CW 3
CLEARANCE HOLE 4.17 .164 CENT
REF. 34.5 1.358
O23.8 .937
3.96 .156 CENT.
1.57 .062
10.41 10.41 .410 .410
1.57 .062
MOUNTING HOLE DETAIL DIMENSION: mm inch
22.2 MAX .875 * Consult CTS for details
T2-026
Dual-section, Metal Shaft, Bushing Mounting, Type "T" Solder Lug Terminals
23.0 .906 MTG. SURFACE
0.8 "L" .031
(R) (P)
CLEARANCE HOLE 11.1 .437
2 CCW 1 WIPER CW 3 6 5 WIPER
3.18 .125
4.160.08 .164.003 2.080.08 .082.003
23.8 .937
MAX 19.8 .780
4
3/8-32 UNEF-2 0.4 "A" .016
1 4 2 5 3 6
CLOCKWISE CIRCUIT
1.570.08 .062.003
TERMINAL HOLES O2.18/.086 * More multi-section models available, consult CTS for details
22.2 .875 MAX.
0.08 0.08 1.570.08 10.41 10.41 .062.003 .410 .410 .003 .003 MOUNTING HOLE DETAIL
DIMENSION:
mm inch
Ordering Information
026
T
2
20
R
SHAFT TRIM
103
B
RESIST TOL A - 10% B - 20% D - 5%
1
A
1
SPECIALS 1 - LOCATING LUG LEFT SIDE 2 - LOCATING LUG RIGHT SIDE 3 - NO LOCATING LUG 5 - LOCATING LUG BOTH SIDE
TERMINAL STYLE TXYUSOLDER LUG PC .687"(17.5mm) PC .867"(22.0mm) FORMED TO FRONT V - FORMED TO REAR S - FASTON
METAL MOUNTING STYLE "A" BUSHING LENGTH: 1/8" INCREMENTS EXAMPLES: 2 3 8 1 .250"(6.35mm) .375"(9.53mm) 1.000"(25.4mm) TWIST TAB MOUNT A - .250"(6.35mm) DIECAST B - .375"(9.53mm) DIECAST -
R - ROUND F - FLATTED .375"X.156" (9.53mmX4.0mm) K - KNURLED EIA S148 24 TEETH S - SD SLOT .063" DEEP X.047" WIDE (1.6mmX1.2mm)
TAPER 1 - LINEAR 2 - 20%AUD 3 - 20%CCW AUD
METAL SHAFT LENGTH "L" FROM MOUNTING SURFACE 1/32"INCREMENTS EXAMPLES: 20 - .625"(6.35mm) 24 - .750"(19.5mm) 28 - .875"(22.2mm) 32 - 1.000"(25.4mm) * CONSULT CTS FOR SPECIAL REQUIREMENTS
RESISTANCE CODE EXAMPLES CODE 5A0 501 102 252 502 103 253 RESISTANCE 5 OHMS 500 OHMS 1K 2.5K 5K 10K 25K SWITCHES A - NONE B - SPST C - DPST D - SPDT E - SPST F - SPST FUNCTION ROTARY ROTARY ROTARY PULL-PUSH ROTARY CTS TYPE TGC 027 028 FR-K FR-GC CURRENT RATING 6AMP@125VAC 3AMP@125VAC 1AMP@250VAC 3AMP@125VAC 3AMP@125VAC 3AMP@125VAC 1AMP@250VAC/DC
* CONSULT CTS FOR DETAILS
4-4 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
10/15/06


▲Up To Search▲   

 
Price & Availability of 026T124F102A1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X