|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: www.SunLED.com ZVGMOK54W-4 2.0x1.25mm SMD CHIP LED LAMP PRELIMINARY SPEC Features 2.0mmx1.25mm SMT LED, 0.45mm MAX. THICKNESS. BI -COLOR, LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF VG MOK (InGaAlP) (InGaAlP) 5 30 5 30 Unit Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR VG (InGaAlP) 2.1 2.5 10 MOK (InGaAlP) 2.1 2.5 10 Unit V V uA V mA P 574 610 nm iFS PT TA Tstg 150 75 -40 ~ +85 195 75 mA mW D 570 601 nm 20 29 nm C -40 ~ +85 C 15 15 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 79 248 Wavelength nm P Viewing Angle 2 1/2 ZVGMOK54W-4 Green Orange InGaAlP InGaAlP WATER CLEAR 36 110 V1 574 610 120 Published Date : FEB 25, 2008 Drawing No : SDSA6210 Checked : B.L.LIU P.1/5 Part Number: www.SunLED.com ZVGMOK54W-4 2.0x1.25mm SMD CHIP LED LAMP VG Published Date : FEB 25, 2008 Drawing No : SDSA6210 V1 Checked : B.L.LIU P.2/5 Part Number: www.SunLED.com ZVGMOK54W-4 2.0x1.25mm SMD CHIP LED LAMP MOK Published Date : FEB 25, 2008 Drawing No : SDSA6210 V1 Checked : B.L.LIU P.3/5 Part Number: www.SunLED.com ZVGMOK54W-4 2.0x1.25mm SMD CHIP LED LAMP Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25, 2008 Drawing No : SDSA6210 V1 Checked : B.L.LIU P.4/5 Part Number: www.SunLED.com ZVGMOK54W-4 2.0x1.25mm SMD CHIP LED LAMP PACKING & LABEL SPECIFICATIONS ZVGMOK54W-4 Published Date : FEB 25, 2008 Drawing No : SDSA6210 V1 Checked : B.L.LIU P.5/5 |
Price & Availability of ZVGMOK54W-4 |