Part Number Hot Search : 
LUMBERG AN131 BA4558 PS252 D2495 TS7009 IRKD166 C4532X
Product Description
Full Text Search
 

To Download XPS-2340W-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES DESCRIPTION
XPS-2340W-CXX0G
1
***********************************************************************************************************************************************************************
XPS-2340W-CXX0G (RoHS Compliant) 10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
**********************************************************************************************************************************************************************
l l l l l l l l l l l l l l l
Support 9.95 Gbps to 10.5 Gbps Complaint with XFP MSA Compliant to IEEE 802.3ae 10GBASE-LR/LW Compliant to 10GFC 1200-SM-LL-L Compliant with XFI 10G Serial Electrical Interface Maximum Link Length of 40 km Uncooled 6- CWDM DFB LD: 1270 nm to 1370 nm 2-Wire Interface for Integrated Digital Diagnostic Monitoring XFI Loopback Mode No reference Clock required Only Required +3.3 V Power Supply Power Consumption < 2 W RoHS Compliant -5 to 70 oC Case Operating Temperature Duplex LC Connector
APPLICATIONS
l 10GBASE-LR at 10.3125 Gb/s l 10GBASE-LW at 9.953 Gb/s l 10GFC at 10.51875 Gb/s
LASER SAFETY
This single-mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
XPS-2340W-CXX0G series transceiver is designed for single-mode fibre serial optical data communications such as 10G Ethernet 10GBASE-LR/LW and 10G Fibre Channel 1200-SM-LL-L. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are six center wavelengths available from 1270 nm to 1330 nm, with each step 20 nm. A guaranteed minimum optical link budget of 16 dB is offered. The transceiver consists of two sections: The transmitter section consists of a directly modulated uncooled CWDM DFB laser, driver and signal conditioner. The receiver section incorporates a PIN photodiode integrated with a trans-impedance preamplifier (TIA) and signal conditioner. The module is with the XFP 30-pin connector to allow hot plug capability. Integrated Tx and Rx signal conditioners provide high jitter-tolerance for full XFI compliance and no external reference clock required. The internally ac coupled high speed serial I/O simplifies interfacing to external circuitry. Only single 3.3V power supply is needed. The optical output can be disabled by LVTTL logic high-level input of TX_DIS. Loss of signal (RX_LOS) output is provided to indicate the loss of an input optical signal of receiver. A serial EEPROM in the transceiver allows the user to access transceiver digital diagnostic monitoring and configuration data via the 2-wire XFP Management Interface. This interface uses a single address, A0h, with a memory map divided into a lower and upper area. Basic digital diagnostic data is held in the lower area while specific data is held in a series of tables in the high memory area.
Wavelength (nm) CWDM* Package Case Temp (oC) -5 to 70 RoHS Compliant Yes
ORDER INFORMATION
P/No. Bit Rate (Gb/s) 9.95 - 10.52 10GBASE Power Budget (dB) > 16
XPS-2340W-CXX0G
XFP with DMI
CWDM* Wavelength (0 to 70oC) Central Min. Typ. Wavelength (nm) (nm)
-C270 -C290 -C310 1264.5 1284.5 1304.5 1270 1290 1310
Max. (nm)
1277.5 1297.5 1317.5
Label
Central Wavelength
Min. (nm)
1324.5 1344.5 1364.5
Typ. (nm)
1330 1350 1370
Max. (nm)
1337.5 1357.5 1377.5
Label C33 C33 C33
C27 -C330 C29 -C350 C31 -C370 CWDM*: 6 Wavelengths from 1270 nm to 1370 nm, each step 20 nm.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Relative Humidity Power Supply Voltage Symbol Tstg Topr RH VCC3 Min -40 -5 0 0 Max 85 70 85 3.6 Units o C o C % V
XPS-2340W-CXX0G
Notes
2
***********************************************************************************************************************************************************************
Non condensing
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current (@3.3V) Power Dissipation Operating Case Temperature Data Rate Symbol VCC3 ICC3 PD Topr Min 3.13 Typ 3.3 Max 3.47 550 2 70 10.52 Units / Notes V mA W o C Gb/s
-5 9.95
Transmitter Optical Specifications (Topr= -5 to 70oC, Vcc3 = 3.3V 5%)
Parameter Average Launch Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Relative Intensity Noise Average Launch Power of OFF Transmitter Symbol Po, Avg c SMSR RIN Min 1 c -5.5 30 -128 -30 Typ c Max 5 c +7.5 1 Units dBm nm nm dB dB/Hz dBm Notes 1 2 -20 dB width
1. Output power is power coupled into a 9/125 m single-mode fiber. 2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1370 nm, each step 20 nm.
Receiver Optical Specifications (Topr= -5 to 70oC, Vcc3 = 3.3V 5%)
Parameter Sensitivity Receiver Overload LOS -- Deasserted LOS -- Asserted LOS -- Hysteresis Wavelength of Operation 3. Average received power; BER < 10 Symbol Sen1 P MAX LOSD LOSA c
-12
Min 0.5 ---26 1 1260
Typ ---------
Max -15 -15 --5 1620
Units dBm dBm dBm dBm dB nm
Notes 3 Transition: low to high Transition: high to low
and PRBS 231-1.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Electrical Characteristics
Parameter Symbol Min Typ 9.95328 10.3125 20 100 100 120 9.95328 10.3125 100 100 340 850 820 Max Units Gb/s ppm mVpp Gb/s ppm mVpp High-Speed Signal (CML) Interface Specification Input Data Rate Input Date Rate Tolerance Differential Input Impedance Differential Data Input Amplitude Output Data Rate Rin
XPS-2340W-CXX0G
Notes 4 5 4 5 6, Internally AC coupled 4 5 4,5 6, Internally AC coupled
3
***********************************************************************************************************************************************************************
Output Date Rate Tolerance Differential Output Impedance Rout Differential Data Output Amplitude Low-Speed Signal (LVTTL) Interface Specification Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Reference Clock (LVPECL) Interface Specification
2.0 GND 2.4 GND No reference clock
Vcc 0.8 Vcc 0.5
V V V V
4. 10GBASE-LW. 5. 10GBASE-LR. 6. The differential input and output amplitudes are per XFP MSA mask at points B' and C'.
Transceiver Timing Characteristics
Parameter TX_DIS Assert Time TX_DIS Negate Time Time to Initialize Interrupt Assert Delay Interrupt Negate Delay P_Down/PST Assert Delay P_Down Nagate Delay Mod_NR Assert Delay Mod_NR Negate Delay Mod_Desel Assert Time Mod_Desel De-Assert Time P_Down Reset Time RX_LOS Assert Delay RX_LOS Negate Delay Serial ID Clock Rate Symbol t_off t_on t_init interrupt_on interrupt_off P_Down/RST_on P_Down/RST_off Mod_nr_on Mod_nr_off T_Mod_Desel T_Mod_Sel T_reset T_Los_on T_Los_off fSCL Min Typ Max 10 2 300 200 500 100 300 1 1 2 2 100 100 400 Units s ms ms ms s s ms ms ms ms ms s s s kHz Notes
10
0
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Management Interface
XPS-2340W-CXX0G
4
***********************************************************************************************************************************************************************
The structure of the memory map is shown in Figure 1, which is accessible over a 2-wire serial interface at the 8-bit address 1010000X (A0h). The normal 256 byte I2C address space is divided into low and upper blocks of 128 Bytes. The lower block of 128 Bytes is always directly available and is used for the diagnostics and control function. Multiple blocks of memories are available in the upper 128 Bytes of the address space. These are individually addressed through a table select Byte which the user enters into a location in the lower address space. Thus, there is a total available address space of 128*256 = 32 Kbytes in this upper memory space. The contents of Table 01h are listed in Table 1 below. Please refer SFF INF-8077i (Revision 4.5) for detailed information.
Figure 1. 2-wire Serial Digital Diagnostic Memory Map Table 1 Monitoring Specification Parameter
Temperature Reserved Tx Bias Tx Power Rx Power Vcc3 10% 2dB 2dB 3%
Data Address
96 ~ 97 98 ~ 99 100 ~ 101 102 ~ 103 104 ~ 105 106 ~ 107
Accuracy
3oC
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
CONNECTION DIAGRAM
XPS-2340W-CXX0G
5
***********************************************************************************************************************************************************************
Table 3 PIN Description
PIN
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Logic
Signal Name
GND VEE5 Mod_Desel Interrupt TX_DIS VCC5 GND VCC3 VCC3 SCL SDA Mod_Abs Mod_NR RX_LOS GND GND RDRD+ GND VCC2
Description
Module Ground -5.2V Power Supply (Not required) Module De-select; When held low allows module to respond to 2-wire serial interface Interrupt; Indicates presence of an important condition which can be read over the 2wire serial interface Transmitter Disable; Turns off transmitter laser output +5V Power Supply (Not required) Module Ground +3.3V Power Supply +3.3V Power Supply Serial 2-wire interface clock Serial 2-wire interface data line Indicates Module is not present. Grounded in the Module Module Not Ready; Indicating Module Operational Fault Receiver Loss Of Signal Indicator Module Ground Module Ground Receiver Inverted Data Output Receiver Non-Inverted Data Output Module Ground +1.8V Power Supply (Not required)
Note
1 3 2
LVTTL-I LVTTL-O LVTTL-I
3 1
LVTTL-I/O LVTTL-I/O LVTTL-O LVTTL-O LVTTL-O
2 2 2 2 2 1 1
CML-O CML-O
1 3
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
21 LVTTL-I P_Down/RST 22 23 24 PECL-I 25 PECL-I 26 27 28 CML-I 29 CML-I 30 VCC2 GND RefCLK+ RefCLKGND GND TDTD+ GND
XPS-2340W-CXX0G
Power down; When high, requires the module to limit power consumption to 1.5W or below. 2-Wire serial interface must be functional in the low power mode. Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. +1.8V Power Supply (Not required) Module Ground Reference Clock Non-Inverted Input, AC coupled on the host board. (Not used. Internally terminated to 50 ohm (100 ohm diff.)) Reference Clock Inverted Input, AC coupled on the host board. (Not used. Internally terminated to 50 ohm (100 ohm diff.)) Module Ground Module Ground Transmitter Inverted Data Input Transmitter Non-Inverted Data Input Module Ground
6
***********************************************************************************************************************************************************************
3 1 4 4 1 1
1
1. Module ground pins GND are isolated from the module case and chassis ground within the module. 2. Shall be pulled up with 4.7K-10Kohms to a voltage between 3.15V and 3.45V on the host board. 3. These PINs are open within module. 4. A Reference Clock input is not required. If present, it will be ignored.
Mechanical Specification (Units in mm)
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Recommended Power Circuit Schematic
XPS-2340W-CXX0G
7
***********************************************************************************************************************************************************************
Host Board
Optional Host +5V 0.1F VCC5 4.7H 22F 0.1F
Host +3.3V 0.1F
4.7H 22F 0.1F
XFP Connector
VCC3
XFP Module
Optional Host +1.8V 0.1F
VCC2 4.7H 22F 0.1F
Optional Host -5.2V 0.1F
VEE5 4.7H 22F 0.1F
Recommended Interface Circuit
Host Board
SerDat Out+ CML SerDat OutZ=50 SerDat In+ CML 100 SerDat InZ=50 Vcc(+3.3V) 4.7K to 10K REFCLKP 100 REFCLKN RX_LOS INTERRUPT SDA SCL MOD_NR MOD_a bs TX_DIS MOD_DeSel P_Down/RST GND 10K VCC(+3 .3V) Z=50 RD RD + CML Z=50 TD TD + 100 CML
XFP module
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Table 2 Serial ID Memory Contents (Table 01h)
Address
128 129 130 131~138 139 140 141 142 143 144 145 146 147 148~163 164 165~167 168~183 184~185 186~187 188~189 190 191 192~195 196~211 212~219 220
XPS-2340W-CXX0G
8
***********************************************************************************************************************************************************************
Field Size (Byte)
1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 2 2 2 1 1 4 16 8 1
Name of Filed
Identifier Ext. Identifier Connector type Transceiver Encoding BR-Min BR-Max length (SMF)-Km Length (E-50m) Length (50 m) Length (62.5 m) Length (Copper) Device Tech Vendor name CDR Support Vendor OUI Vendor PN Vendor rev Wavelength Wavelength Tolerance Max Case Temp CC_BASE Power Supply Vendor SN Date code Diagnostic Monitoring Type
Description
XFP power consumption <2.5W, no Ref Colck required LC connector 10GBASE-LR/LW, 10GFC 1200-SM-LL-L 64B/66B & 8B10B 9.9Gbps 10.5Gbps 40 Km 0m 0m 0m 0m Uncooled CWDM DFB, PIN detector 06
Hex
50 07 44 40 00 00 00 00 00 00 C0 63 69 28 00 00 00 00 50 4F 50 54 4F 57 41 59 20 OPTOWAY 20 20 20 20 20 20 20 20 CDR supports 9.953G ~ 10.52G, XFI Loopback E1 00 0E FA XPS-2340W-CXX0G 58 50 53 2D 32 33 34 30 XX = 27, 29, 31, 33, 35, 37 57 2D 43 xx xx 30 47 20 ASCII ("31 61" means 1a revision) xx xx 1XX1nm, XX=27,2 9, 31, 33 xx xx +/- 6.5nm 70deg Check sum of Byte 128 -- 190 2Wmax, 1.5W pd_max , 550mA 3.3V ASCII ASCII Year (2 Byte), Month (2 Byte), Day (2 Byte) No BER Support, Average Power Optional Soft TX_DISABLE implemented, Optional Soft P_down implemented AUX1 for Vcc3. Check sum of Byte 192 -- 222 05 14 46 64 96 06 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx 20 20 08 60 70 Reserved
221 1 Enhanced Options 222 1 Aux Monitoring 223 1 CC_EXT 224~255 32 Vendor Specific Note: Specifications subject to change without notice.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0
Optoway
Revision History
Version
1.0 2.0 Initial datasheet Add wavelength 1350 nm and 1370 nm
XPS-2340W-CXX0G
9
***********************************************************************************************************************************************************************
Subject
Release Date
2008/7/1 2008/11/1
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 11/1/2008
V2.0


▲Up To Search▲   

 
Price & Availability of XPS-2340W-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X