Part Number Hot Search : 
M54123L AD100 P4SMA36A HPR1016 D87C51 20400 B90N6T 74HC14DB
Product Description
Full Text Search
 

To Download TPCA8011-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPCA8011-H
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-speed U-MOSIII)
TPCA8011-H
High Efficiency DCDC Converter Applications Notebook PC Applications Portable-Equipment Applications
* * * * * * *
6.00.3 0.50.1 8 1.27
Unit: mm
0.40.1 5 0.05 M A
5.00.2
Small footprint due to a small and thin package High speed switching Small gate charge: QSW =16 nC (typ.) Low drain-source ON-resistance: RDS (ON) = 2.7 m (typ.) High forward transfer admittance: |Yfs| =120 S (typ.) Low leakage current: IDSS = 10 A (max) (VDS = 20 V) Enhancement mode: Vth = 0.6 to 1.3 V (VDS = 10 V, ID = 200 A)
0.150.05
1 5.00.2 0.950.05
4
0.595 A 0.1660.05
S 1
0.05 S 4 1.10.2
0.60.1
4.250.2
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD PD EAS IAR (Tc=25) (Note 4) Channel temperature Storage temperature range EAR Tch Tstg Rating 20 20 12 40 120 45 2.8 Unit V V V A W W
8
5 0.80.1
1,2,3SOURCE 5,6,7,8DRAIN
JEDEC JEITA TOSHIBA
4GATE
2-5Q1A
Pulsed (Note 1)
Weight: 0.069 g (typ.)
Drain power dissipation (Tc=25) Drain power dissipation (t = 10 s) (Note 2a) Drain power dissipation (t = 10 s) (Note 2b) Single-pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy
Circuit Configuration
8 7 6 5
1.6
W
208 40 2.0 150 -55 to 150
mJ A mJ C C 1 2 3 4
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
1
2006-11-16
3.50.2
TPCA8011-H
Thermal Characteristics
Characteristic Thermal resistance, channel to case (Tc=25) Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Symbol Rth (ch-c) Max 2.78 Unit C/W
Rth (ch-a)
44.6
C/W
Thermal resistance, channel to ambient (t = 10 s) (Note 2b)
Rth (ch-a)
78.1
C/W
Marking (Note 5)
TPCA 8011-H
*
Type Lot No.
Note 1: The channel temperature should not exceed 150C during use. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
(a)
(b)
Note 3: VDD = 16 V, Tch = 25C (initial), L = 0.1 mH, RG = 25 , IAR = 40 A Note 4: Repetitive rating: pulse width limited by max channel temperature Note 5: * Weekly code: (Three digits) Week of manufacture (01 for first week of year, continuing up to 52 or 53) Year of manufacture (The last digit of the calendar year)
2
2006-11-16
TPCA8011-H
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON-resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("Miller") charge Gate switch charge tf toff Qg Qgs1 Qgd QSW VDD 16 V, VGS = 5 V, ID = 40 A - Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton VGS 5 V 0V 4.7 ID = 20A VOUT RL = 0.5 VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 10 V, VDS = 0 V VDS = 20 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -12 V VDS = 10 V, ID = 200 A VGS = 2.5 V, ID = 20 A VGS = 4.5 V, ID = 20 A VDS = 10 V, ID = 20 A Min 20 8 0.6 60 Typ. 4.7 2.7 120 2900 430 1300 13 24 22 61 32 7.7 11 16 Max 10 10 1.3 7.5 3.5 ns nC pF Unit A A V V m S
VDD 10 V - Duty < 1%, tw = 10 s = VDD 16 V, VGS = 5 V, ID = 40 A -
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition IDR = 40 A, VGS = 0 V Min Typ. Max 120 -1.2 Unit A V
3
2006-11-16
TPCA8011-H
ID - VDS
50 10 8 40 6 5 4.5 30 4 2 3.5 3 2.5 2.3 2.2 Common source Ta = 25C Pulse test 100 3 2.6 10
ID - VDS
2.5 Common source 2.4 Ta = 25C Pulse test
Drain current ID (A)
Drain current ID (A)
80 6 60 5
2.1
2.3 2.2 2.1
20
1.9
40
4.5 2 4 1.9
10
VGS = 1.7 V
20
3.5 VGS = 1.7 V
0 0
0.2
0.4
0.6
0.8
1.0
0 0
1
2
3
4
5
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
ID - VGS
100 0.40
VDS - VGS
Common source
Drain-source voltage VDS (V)
Common source 80 VDS = 10 V Pulse test
Ta = 25 0.32 Pulse test
Drain current ID (A)
60
0.24
40
25
0.16 ID = 40 A 0.08 20 10 2 4 6 8 10
20 100 Ta = -55C
0 0
1
2
3
4
0 0
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
Yfs - ID (S)
1000 Common source 100 Common source Ta = 25C Pulse test VDS = 10 V Pulse test 100 Ta = -55C 25 100
RDS (ON) - ID
Forward transfer admittance |Yfs|
10
Drain-source ON-resistance RDS (ON) (m)
10 VGS = 2.5 V
1
4.5
0.1 0.1
1
10
100
1 0.1
1
10
100
Drain current ID (A)
Drain current ID (A)
4
2006-11-16
TPCA8011-H
RDS (ON) - Ta
12 Common source Pulse test 1000 Common source
IDR - VDS (A)
Ta = 25C Pulse test 4.5 100 4 3 2.5
Drain-source ON-resistance RDS (ON) (m)
8 ID = 40 A
VGS = 2.5 V 4 VGS = 4.5 V
10, 20 A
Drain reverse current IDR
10
ID = 10, 20, 40 A
1 0 -80 -40 0 40 80 120 160 1 0 -0.2 -0.4
VGS = 0 V -0.6 -0.8 -1.0
Ambient temperature
Ta
(C)
Drain-source voltage VDS
(V)
Capacitance - VDS
10000 2.5
Vth - Ta
Common source
Gate threshold voltage Vth (V)
VDS = 10 V 2.0 ID = 0.2 mA Pulse test
(pF)
Ciss
Capacitance C
1.5
1000
Coss
1.0
Common source VGS = 0 V f = 1 MHz Ta = 25C 100 0.1
Crss
0.5
1
10
100
0 -80
-40
0
40
80
120
160
Drain-source voltage VDS
(V)
Ambient temperature
Ta
(C)
Dynamic input/output characteristics
20 10 VDS 16 8
Drain-source voltage VDS (V)
8 Common source 4 VGS ID = 40 A Ta = 25C Pulse test 0 0 10 20 30 40
4
2
0 50
Total gate charge Qg
(nC)
Gate-source voltage
12
6
VGS (V)
5
2006-11-16
TPCA8011-H
rth - tw
1000 (1) Device mounted on a glass-epoxy board (a)
Transient thermal impedance rth (C/W)
(Note 2a) (2) Device mounted on a glass-epoxy board (b) 100 (Note 2b) (3) Tc = 25 C
(2)
(1)
10 (3) 1
Single - Pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw (s)
PD - Ta
3.0
(1)Device mounted on a
PD - Tc
50
(W)
(1) 2.5
(2)Device mounted on a glass-epoxy board(b) (Note 2b) t 10s
(W) Drain power dissipation PD
40 30 20 10 0
glass-epoxy board(a) (Note 2a)
Drain power dissipation PD
2.0 (2) 1.5
1.0
0.5
0 0
40
80
120
160
0
40
80
120
160
Ambient temperature
Ta (C)
Case temperature
Tc
(C)
Safe operating area
1000
ID max (Pulse)*
Drain current ID (A)
100
t = 1 ms * ID max (Continuous) 10 ms *
10
DC operation Tc=25 * Single - pulse
1
Ta=25 Curves linearly must with be derated in VDSS max 1 10 100 increase
temperature. 0.1 0.1
Drain-source voltage VDS
(V)
6
2006-11-16
TPCA8011-H
7
2006-11-16


▲Up To Search▲   

 
Price & Availability of TPCA8011-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X