Part Number Hot Search : 
2GMXX RT7257 GBJ10 C829K 60N06 SBS808M BUY49S C106M
Product Description
Full Text Search
 

To Download TPCA8003-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPCA8003-H
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCA8003-H
High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
6.00.3 0.50.1 8 1.27 5.00.2
Unit: mm
0.40.1 5 0.05 M A
* * * * * * *
Small footprint due to a small and thin package High speed switching Small gate charge: QSW = 8.4 nC (typ.) Low drain-source ON-resistance: RDS (ON) = 5.1 m (typ.) High forward transfer admittance: |Yfs| = 60S (typ.) Low leakage current: IDSS = 10 A (max) (VDS = 30 V) Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
0.150.05
1 5.00.2 0.950.05
4
0.595 A 0.1660.05
S 1
0.05 S 4 1.10.2
0.60.1
Absolute Maximum Ratings (Ta = 25C)
8
4.250.2
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1)
Symbol VDSS VDGR VGSS ID IDP PD PD PD EAS IAR
Rating 30 30 20 35 105 45 2.8
Unit V V V A W W
5 0.80.1
1,2,3SOURCE 5,6,7,8DRAIN
4GATE
JEDEC JEITA TOSHIBA
2-5Q1A
Pulsed (Note 1) (Tc=25) (t = 10 s) (Note 2a) (t = 10 s) (Note 2b)
Weight: 0.069 g (typ.)
Drain power dissipation Drain power dissipation
Circuit Configuration
8 7 6 5
Drain power dissipation
1.6
W
Single-pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Tc=25) (Note 4) Channel temperature Storage temperature range
159 35 4.5 150 -55 to 150
mJ A mJ C C 1 2 3 4
EAR Tch Tstg
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
1
2006-11-16
3.50.2
TPCA8003-H
Thermal Characteristics
Characteristic Thermal resistance, channel to case (Tc=25) Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Symbol Rth (ch-c) Max 2.78 Unit C/W
Rth (ch-a)
44.6
C/W
Thermal resistance, channel to ambient (t = 10 s) (Note 2b)
Rth (ch-a)
78.1
C/W
Marking (Note 5)
TPCA 8003-H
Type Lot No.
Note 1: The channel temperature should not exceed 150C during use. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
(a)
(b)
Note 3: VDD = 24 V Tch = 25C (initial) L = 0.1 mH RG = 25 IAR = 35 A Note 4: Repetitive rating: pulse width limited by max. channel temperature Note 5: * Weekly code: (Three digits) Week of manufacture (01 for first week of year, continuing up to 52 or 53) Year of manufacture (The last digit of the calendar year)
2
2006-11-16
TPCA8003-H
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON-resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("Miller") charge Gate switch charge tf toff Qg Qgs1 Qgd QSW VDD 24 V, VGS = 10 V, ID = 35 A - Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton VGS 10 V 0V 4.7 ID = 18 A VOUT RL =0.83 VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 30 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = 10 V, ID = 1 mA VGS = 4.5 V, ID = 18 A VGS = 10 V, ID = 18 A VDS = 10 V, ID = 18 A Min 30 15 1.1 30 Typ. 7.3 5.1 60 1465 175 610 4 11 10 36 25 13 5.8 5.1 8.4 Max 10 10 2.3 9.5 6.6 ns nC pF Unit A A V V m S
VDD 15 V - Duty < 1%, tw = 10 s = VDD 24 V, VGS = 10 V, ID = 35 A - VDD 24 V, VGS = 5 V, ID = 35 A -
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition IDR = 35 A, VGS = 0 V Min Typ. Max 105 -1.2 Unit A V
3
2006-11-16
TPCA8003-H
ID - VDS
50 10 8 40 6 5 4.5 4 3.6 3.8 3.4 3.2 Common source Ta = 25C Pulse test 100 10 8 6 4.5 4 4.1
ID - VDS
Common source Ta = 25C Pulse test 3.8 3.6 60 3.4 40 3.2 3 2.8 VGS = 2.6V
5
Drain current ID (A)
30
20
3
Drain current ID (A)
80
10
2.8
20
0 0
0.2
0.4
0.6
0.8
1
0 0
VGS = 2.6V 1 2 3 4 5
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
ID - VGS
100
VDS - VGS
0.4
80
Drain-source voltage VDS (V)
Common source VDS = 10 V Pulse test
Common source Ta = 25C Pulse test
0.32
Drain current ID (A)
60
0.24
ID = 35 A
40 Ta = -55C 20 100 25 0 0 1 2 3 4 5 6
0.16
0.08
18 9
0 0
2
4
6
8
10
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
Yfs - ID (S)
1000 100 Common source Ta = 25C Pulse test
RDS (ON) - ID
Forward transfer admittance |Yfs|
100 Ta = -55C
10
100
25
Drain-source ON-resistance RDS (ON) (m)
10
4.5
VGS = 10 V
1 Common source VDS = 10 V Pulse test 0.1 0.1 1 10 100
1 0.1 1 10 100
Drain current ID (A)
Drain current ID (A)
4
2006-11-16
TPCA8003-H
RDS (ON) - Ta
20 Common source Pulse test 1000 Common source
IDR - VDS (A)
Ta = 25C Pulse test ID = 35A 18 9 100 10 3 10 4.5
Drain-source ON-resistance RDS (ON) (m)
16
12
8
VGS = 4.5 V
Drain reverse current IDR
4 VGS = 10 V 0 -80
ID = 35A,18A,9A
1 1 VGS = 0 V 0.1 0 -0.2 -0.4 -0.6 -0.8 -1.0
-40
0
40
80
120
160
Ambient temperature
Ta
(C)
Drain-source voltage VDS
(V)
Capacitance - VDS
10000 2.5
Vth - Ta
(V) Gate threshold voltage Vth
(pF)
Ciss 1000
2
Capacitance C
1.5
Coss 100
1 Common source 0.5 VDS = 10 V ID = 1 mA Pulse test 0 -80 -40 0 40 80 120 160
Common source VGS = 0 V f = 1 MHz Ta = 25C
Crss
10 0.1
1
10
100
Drain-source voltage VDS
(V)
Ambient temperature
Ta
(C)
Dynamic input/output characteristics
50 Common source 20
(V)
Drain-source voltage VDS
ID = 35 A 40 Ta = 25C Pulse test 30 VDS 20 24 12 VDD = 6 V
16
12
8
10
VGS
4
0 0
8
16
24
32
0 40
Total gate charge Qg
(nC)
Gate-source voltage VGS
(V)
5
2006-11-16
TPCA8003-H
rth - tw rth (C/W)
1000 (1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) 100 (Note 2b) (3) Tc=25 (1) (2)
Transient thermal impedance
10
(3) 1
Single - pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw (s)
PD - Ta
3 (1)
(1)Device mounted on a (2)Device mounted on a glass-epoxy board(b) 10s (Note 2b)
PD - Tc
50
(W)
2.5
(W) Drain power dissipation PD
40 30 20 10 0
glass-epoxy board(a)
(Note 2a)
Drain power dissipation PD
2 (2) 1.5
1
0.5
0 0
40
80
120
160
0
40
80
120
160
Ambient temperature Ta
(C)
Case temperature
TC
(C)
Safe operating area
1000
Drain current ID (A)
100
ID max (Pulse) * t=1ms * ID max (Continuous) 10ms *
10
DC Operation Tc = 25 * Single - pulse
1
Ta = 25 Curves must be derated linearly with increase in temperature. VDSS max 1 10 100
0.1 0.1
Drain-source voltage VDS
(V)
6
2006-11-16
TPCA8003-H
7
2006-11-16


▲Up To Search▲   

 
Price & Availability of TPCA8003-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X