Part Number Hot Search : 
1N6046A C4420 DF005S SSD1858Z SS400 L8148 C4AKFA SB772
Product Description
Full Text Search
 

To Download TIP147 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
DESCRIPTION *With TO-3PN package *DARLINGTON *High DC current gain *Complement to type TIP140/141/142 APPLICATIONS *Designed for general-purpose amplifier and low frequency switching applications. PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP145/146/147
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL PARAMETER TIP145 VCBO Collector-base voltage TIP146 TIP147 TIP145 VCEO Collector-emitter voltage TIP146 TIP147 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current-DC Collector current-peak Base current-DC Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -60 -80 -100 -60 -80 -100 -5 -10 -15 -0.5 125 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-A PARAMETER Thermal resistance junction to case Thermal resistance case to ambient MAX 1.0 35.7 UNIT /W /W
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP145 VCEO(SUS) Collector-emitter sustaining voltage TIP146 TIP147 VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage TIP145 ICBO Collector cut-off current TIP146 TIP147 TIP145 ICEO Collector cut-off current TIP146 TIP147 IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain IC=-5A ,IB=-10mA IC=-10A ,IB=-40mA IC=-10A ,IB=-40mA IC=-10A ; VCE=-4V VCB=-60V, IE=0 VCB=-80V, IE=0 VCB=-100V, IE=0 VCE=-30V, IB=0 VCE=-40V, IB=0 VCE=-50V, IB=0 VEB=-5V; IC=0 IC=-5A ; VCE=-4V IC=-10A ; VCE=-4V IC=-30mA, IB=0 CONDITIONS SYMBOL
TIP145/146/147
MIN -60 -80 -100
TYP.
MAX
UNIT
V
-2.0 -3.0 -3.5 -3.0
V V V V
-1
mA
-2
mA
-2 1000 500
mA
Switching times td tr tstg tf Delay time Rise time Storage time Fall time VCC =-30 V, IC = -5.0 A, IB =-20 mA ;Duty CycleE20% IB1 = IB2, RC & RB Varied, TJ = 25 0.15 0.55 2.5 2.5 s s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
TIP145/146/147
Fig.2 Outline dimensions(unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
TIP145/146/147
4


▲Up To Search▲   

 
Price & Availability of TIP147

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X