Part Number Hot Search : 
1336M 00101 74HC27 1336M MMBZ4709 MC54H HZS4LL TTE10
Product Description
Full Text Search
 

To Download SW260001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW26000(2V600AH)
Outer dimensions (mm)
645
675
(SA 02 2w0 vh 6 6)00 0
Sw (2 2 6 v6 00 00 0 Ah )
145
108
206
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 2V 600 Ah 675 mm (26.57 inches) 645 mm (25.39 inches) 206 mm (8.11 inches) 145 mm (5.71 inches) 36Kg (79.56lbs)
M8 20 20 11
Terminal Type (mm)
Characteristics
Capacity 25 (77 ) 10 hour rate(60 A) 5 hour rate(96 A) 1 hour rate(360 A) 600 AH 480 AH 360 AH Approx 0.40 m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 )
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
2.30 2.20 2.10 2.00 1.90 1.80 1.70 1.60 1.50 1.40 1.30 01 2
120A 60A 300A 600A 1266A
4 6 8 10
20
40 60
2
4 6 8 10 20 40
T37 Initial Charging Current less than 240 A Voltage 2.35-2.40V Voltage 2.25-2.30V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time
1.60V 1.70V 1.75V 1.80V 1.85V A W A W A W A W A W
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
R


▲Up To Search▲   

 
Price & Availability of SW260001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X