Part Number Hot Search : 
LD7550BL ON1414 SDR7TF MA46H071 EL6259CU ML4801 BA6906F1 LRS1329
Product Description
Full Text Search
 

To Download SW-312-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-312-PIN
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
Features
* * * * * * * * * Integral TTL Driver Ultra Low Power Consumption Fast Switching Speed: 7 ns Typical Hermetic Surface Mount Package 50 Ohm Nominal Impedance MIL-STD-883 Screening Available Lead-Free CR-9 Package 260C Reflow Compatible RoHS* Compliant Rev. V6
Functional Block Diagram
RFC GND GND RF1 GND GND
GND GND GND RF2 GND GND GND Orientation Mark Vee
Description
M/A-COM's SW-312-PIN is a GaAs FET SPDT reflective switch with integral silicon ASIC driver. Packaged in a 16-lead ceramic surface mount package, this device offers excellent performance and repeatability from DC to 3 GHz while maintaining low power consumption. The SW-312-PIN is ideally suited for use where fast speed, low power consumption and broadband applications are required. MIL-STD-883 screening available.
Vcc C1
Pin Configuration Ordering Information
Part Number
SW-312-PIN MASW-008846-0001TB
Pin No.
1 2 3 4 5
Function
Vee GND GND GND RF2 GND GND GND
Pin No.
9 10 11 12 13 14 15 16
Function
RFC GND GND RF1 GND GND Vcc C1
Package
Bulk Packaging Sample Test Board
Note: Reference Application Note M513 for reel size information.
6 7 8
The metal bottom of the case must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-312-PIN
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
Electrical Specifications: (From -55C to +85C), Z0 = 50 1,2
Parameter
Insertion Loss
Rev. V6
Test Conditions
--
Frequency
DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz -- -- -- 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz -- -- -- --
Units
dB dB dB dB Ratio Ratio Ratio Ratio dB dB dB dB ns ns mV dBm dBm dBm dBm dBm dBm A A mA mA
Min
-- -- -- -- -- -- -- -- 30 35 40 45 -- -- -- -- -- -- -- -- -- -- -- -- --
Typ
-- -- -- -- -- -- -- -- -- -- -- -- 7 18 25 +25 +30 +60 +65 +40 +46 -- -- -- --
Max
1.2 1.1 0.9 0.8 1.5:1 1.4:1 1.4:1 1.3:1 -- -- -- -- -- -- -- -- -- -- -- -- -- 1 1 1 1
VSWR
--
Isolation
--
Trise, Tfall Ton, Toff Transients 1 dB Compression IP2 IP3 Vin Low Vin High Vcc Vee
10% to 90% 1.3V CTL to 90% / 10% In-Band Input Power Two-Tone Input Power up to +5 dBm Two-Tone Input Power up to +5 dBm 0V to 0.8V 2.0V to 5.0V +5.0V 10% -5.0V to -8.0V
1. All specifications apply when operated with bias voltages of +5V for Vcc and -5V for Vee. 2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-312-PIN
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
Absolute Maximum Ratings 3,4,5
Parameter
Max Input Power 50 MHz 500 - 3000 MHz VCC VEE VCC - VEE Vin
5
Rev. V6
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -55C to +125C -65C to +150C 0 = TTL Low; 1 = TTL High 0 1
Truth Table (Switch)
Condition of Switch Control Input RF Common to Each RF Port RF1
On Off
RF2
Off On
Operating Temperature Storage Temperature 3. 4. 5.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Typical Performance Curves
Insertion Loss vs. Frequency
Handling Procedures
Please observe the following precautions to avoid damage:
+ 8 5 C 2
+ 2 5 C
- 55 C
1.5
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Loss (dB)
1
0.5
0 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y ( G H z)
Isolation vs. Frequency
VSWR vs. Frequency
80 70 60
2.00 1.80
Isolation dB
50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3
VSW R
1.60 1.40 1.20 1.00 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y ( G H z)
F requency ( GH z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-312-PIN
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
Lead-Free, CR-9 Ceramic Package
Rev. V6
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-312-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X