Part Number Hot Search : 
S1205 AN520 SDM0565R MBR1535 200PC ICL765 BF1202WR STB6015
Product Description
Full Text Search
 

To Download STP6NK90Z07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP6NK90Z - STP6NK90ZFP STB6NK90Z - STW7NK90Z
N-channel 900V - 1.56 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESHTM Power MOSFET
Features
Type STP6NK90Z STP6NK90ZFP STB6NK90Z STW7NK90Z

VDSS 900 V 900 V 900 V 900 V
RDS(on) <2 <2 <2 <2
ID 5.8 A 5.8 A
1 3 2
5.8 A 5.8 A
TO-220
TO-220FP
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatability
3 1
D2PAK
TO-247
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs.
Internal schematic diagram
Application
Switching application
Order codes
Part number STP6NK90Z STP6NK90ZFP STB6NK90ZT4 STW7NK90Z Marking P6NK90Z P6NK90ZFP B6NK90Z W7NK90Z Package TO-220 TO-220FP D PAK TO-247
2
Packaging Tube Tube Tape e reel Tube
April 2007
Rev 5
1/18
www.st.com 18
Contents
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Contents
1 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 Protection features of gate-to-source zener diodes . . . . . . . . . . . . . . . . . . 4
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ............................. 7
3 4 5 6
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Parameter TO-220/ D2PAK/TO247 Value TO220FP 900 30 5.8 3.65 23.2 140 1.12 4.5 2500 5.8 (1) 3.65 23.2 30 0.24
(1) (1)
Unit
VDS VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor
V V A A A W W/C V/ns V C C
PTOT dv/dt (3) VISO Tj Tstg
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s; Tc= 25C) Max operating junction temperature Storage temperature
-55 to 150
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 5.8 A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX.
Table 2.
Symbol
Thermal data
Parameter TO-220 D2PAK 0.89 60 62.5 300 50 Value TO-220FP 4.2 TO-247 0.89 C/W C/W C/W C Unit
Rthj-case Rthj-pcb Rthj-amb Tl
Thermal resistance junctioncase max Thermal resistance junctioncase max Thermal resistance junctionambient max Maximum lead temperature for soldering purpose
3/18
Electrical ratings
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, Vdd=50V) Value 5.8 300 Unit A mJ
Table 4.
Symbol BVGSO
Gate-source zener diode
Parameter Test conditions Min. 30 Typ. Max. Unit V
Gate-source breakdown voltage Igs= 1mA (Open Drain)
1.1
Protection features of gate-to-source zener diodes
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Electrical characteristics
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source Breakdown voltage Zero gate voltage Drain current (VGS = 0) Gate-body leakage Current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID =1mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125C VGS = 20 V VDS = VGS, ID = 100 A VGS = 10 V, ID = 2.9 A 3 3.75 1.56 Min. 900 1 50 10 4.5 2 Typ. Max. Unit V A A A V
Table 6.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Test conditions VDS = 15v, ID = 2.9 A Min. Typ. 5 1350 130 26 70 17 45 20 20 46.5 8.5 25 11 12 20 60.5 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC ns ns ns
Input capacitance VDS = 25 V, f = 1 MHz, Output capacitance Reverse transfer capacitance VGS = 0 VDS =0V, VDS = 0V to 720V VDD = 450 V, ID = 3 A, RG = 4.7 , VGS = 10 V (see Figure 20)
Coss eq. (2) Equivalent output capacitance td(on) tr tr(off) tr Qg Qgs Qgd Tr(Voff) Tr Tc Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Off-voltage rise time Fall time Cross-over time
VDD = 720 V, ID = 5.8 A, VGS = 10 V VDD = 720 V, ID = 5.8 A, RG = 4.7 , VGS = 10 V (see Figure 22)
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
5/18
Electrical characteristics
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 5.8 A, VGS = 0 ISD = 5.8 A, di/dt = 100 A/s VDD = 36 V, Tj = 150C (see Figure 22) 840 5880 14 Test conditions Min. Typ. Max. 5.8 23.2 1.6 Unit A A V ns C A
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Pulse width limited by safe operating area
6/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Electrical characteristics
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220/ D2PAK Figure 2. Thermal impedance for TO-220/ D2PAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Safe operating area for TO-247
Figure 6.
Thermal impedance for TO-247
7/18
Electrical characteristics Figure 7. Output characterisics
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z Figure 8. Transfer characteristics
Figure 9.
Transconductance
Figure 10. Static drain-source on resistance
Figure 11. Gate charge vs gate-source voltage Figure 12. Capacitance variations
8/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z Figure 13. Normalized gate threshold voltage vs temperature
Electrical characteristics
Figure 14. Normalized on resistance vs temperature
Figure 15. Source-drain diode forward characteristic
Figure 16. Normalized BVDSS vs temperature
Figure 17. Maximum avalanche energy vs temperature
9/18
Test circuit
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
3
Test circuit
Figure 19. Unclamped inductive waveform
Figure 18. Unclamped inductive load test circuit
Figure 20. Switching times test circuit for resistive load
Figure 21. Gate charge test circuit
Figure 22. Test circuit for inductive load switching and diode recovery times
10/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/18
Package mechanical data
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
12/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Package mechanical data
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
G
13/18
Package mechanical data
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
14/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Package mechanical data
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
15/18
Packaging mechanical data
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
16/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Revision history
6
Revision history
Table 8.
Date 29-Nov-2005 16-Aug-2006 10-Apr-2007
Revision history
Revision 3 4 5 Complete version New template, no content change Typo mistake on Table 2 Changes
17/18
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STP6NK90Z07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X