Part Number Hot Search : 
TB30N0 5MTCX BR1008S VNQ6004 E4920 E4920 VNQ6004 PSZ201
Product Description
Full Text Search
 

To Download SSM2603GY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM2603GY
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PRODUCT SUMMARY
Simple Drive Requirement Small Package Outline Surface Mount Device
S D D G
BVDSS RDS(ON)
D D
-20V 65m -5.0A
ID
SOT-26
DESCRIPTION
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device.
D
G
The SOT-26 package is universally used for all commercial-industrial applications.
S
Pb-free; RoHS-compliant
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1,2 3 3
Rating -20 12 -5 -4 -20 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
THERMAL DATA
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
11/29/2007 Rev.1.00
www.SiliconStandard.com
1
SSM2603GY
ELECTRICAL CHARACTERISTICS
(TJ=25 C unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
2
Min. -20 -0.5 -
Typ. -0.1
Max. Units 53 65 120 -1.2 -1 -10 100 16 1200 V V/ m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4.5A VGS=-4.5V, ID=-4.2A VGS=-2.5V, ID=-2.0A
9 10.6 2.32 3.68 5.9 3.6 32.4 2.6 740 167 126
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=55 C)
o
VDS=VGS, ID=-250uA VDS=-5V, ID=-2.8A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS= 12V ID=-4.2A VDS=-16V VGS=-4.5V VDS=-15V ID=-4.2A RG=6,VGS=-10V RD=3.6 VGS=0V VDS=-15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
SOURCE-DRAIN DIODE
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-1.2A, VGS=0V IS=-4.2A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 27.7 22
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 156/W when mounted on min. copper pad.
11/29/2007 Rev.1.00
www.SiliconStandard.com
2
SSM2603GY
40 36
T A =25 C -5.0V
30
o
32
TA=150oC
-5.0V -4.0V
28
-ID , Drain Current (A)
-4.0V
-ID , Drain Current (A)
24
65m
-3.0V
20
20
-3.0V
16
12
10
8
V G = -2.0V
0 0 1 2 3 4 5 6 7 8 9
4
V G = -2.0V
0 1 2 3 4 5 6 7
0
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
220
1.8
180
I =-4.2A I DD =-4.2A T A =25o o C T A =25 C Normalized RDS(ON)
0 2 4 6 8 10 12
1.6
I D = -4.2A V GS = -4.5V
1.4
RDS(ON) (m )
140
1.2
100
1
60
0.8
20
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
10
1
1
T j =150 o C
0.1
T j =25 o C
-VGS(th) (V)
0.5
-IS(A)
2.01E+08
0.01 0 0.4 0.8 1.2 1.6
0 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
11/29/2007 Rev.1.00
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
www.SiliconStandard.com
SSM2603GY
f=1.0MHz C iss
12
1000
I D = -4.2A -VGS , Gate to Source Voltage (V)
10
V DS = -16V
8
65m
C (pF)
100
C oss C rss
6
4
2
0 0 5 10 15 20 25
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
10
0.2
1ms -ID (A)
1
0.1
0.1
0.05
PDM
0.01
10ms 100ms
0.1
t T
Duty factor = t/T Peak Tj = PDM x Rthja + T a Rthja = 156/W
0.01
Single Pulse
T A =25 o C Single Pulse
1s DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
11/29/2007 Rev.1.00
Fig 12. Gate Charge Waveform
4
www.SiliconStandard.com
SSM2603GY
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
11/29/2007 Rev.1.00
www.SiliconStandard.com
5


▲Up To Search▲   

 
Price & Availability of SSM2603GY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X