Part Number Hot Search : 
MC56F 90858 HA178L00 3266X500 SBL2040 AAT3236 BP420 TB84M
Product Description
Full Text Search
 

To Download SSF1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF1016
Feathers: Advanced trench process technology avalanche energy, 100% test Fully characterized avalanche voltage and current Description: The SSF1016 is a new generation of high voltage and low current N-Channel enhancement mode trench power MOSFET. This new technology increases the device reliability and electrical parameter repeatability. SSF1016 is assembled in high reliability and qualified assembly house. Application: Power switching application SSF1016 TOP View (T0-220) ID =75A BV=100V Rdson=16m(Max.
Absolute Maximum Ratings Parameter ID@Tc=25 C ID@Tc=100C IDM PD@TC=25C VGS EAS EAR dv/dt TJ TSTG Thermal Resistance Parameter RJC RJA Junction-to-case Junction-to-ambient Min. -- -- Typ. 0.55 -- Max. -- 62 Units C/W Continuous drain current,VGS@10V Continuous drain current,VGS@10V Pulsed drain current Power dissipation Linear derating factor Gate-to-Source voltage Single pulse avalanche energy Repetitive avalanche energy Peak diode recovery voltage Operating Junction and Storage Temperature Range Max. 75 65 300 227 1.5 20 380 TBD 31 -55 to +150 W W/ C V mJ mJ v/ns C A Units
Electrical Characteristics @TJ=25 C(unless otherwise specified) Parameter BVDSS VGS(th) IDSS Drain-to-Source breakdown voltage Gate threshold voltage Drain-to-Source leakage current Gate-to-Source forward leakage Gate-to-Source reverse leakage RDS(on) Static Drain-to-Source on-resistance Min. 100 -- 2.0 -- -- -- --
2009.8.10
Typ. -- 11 -- -- -- -- --
Max. Units -- 16 4.0 2 10 100 -100 V V
Test Conditions VGS=0V,ID=250A VDS=VGS,ID=250A VDS=100V,VGS=0V
m VGS=10V,ID=30A
A VDS=100V, VGS=0V,TJ=150C nA VGS=20V VGS=-20V
Version : 1.0 page 1of5
IGSS
(c)Silikron Semiconductor CO.,LTD.
SSF1016
Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Total gate charge Gate-to-Source charge Gate-to-Drain("Miller") charge Turn-on delay time Rise time Turn-Off delay time Fall time Input capacitance Output capacitance Reverse transfer capacitance -- -- -- -- -- -- -- -- -- -- 90 20 31 18.2 15.6 70.5 13.8 3150 350 240 nS -- -- VDD=30V ID=2A ,RL=15 RG=2.5 VGS=10V VGS=0V pF VDS=25V f=1.0MHZ nC ID=30A,VGS=10V VDD=30V
Source-Drain Ratings and Characteristics Parameter IS ISM Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Reverse Recovery Time Forward Turn-on Time . . Min. -- -- -- Typ. -- -- -- 57 107 Max. 75 A 300 1.3 -- -- V nS C Units Test Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ=25C,IS=60A,VGS=0V TJ=25C,IF=75A di/dt=100A/s
VSD Diode Forward Voltage trr ton Qrr Reverse Recovery Charge
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes: Repetitive rating; pulse width limited by max junction temperature. Test condition: L =0.3mH, VDD = 50V,Id=37A
Pulse width300S, duty cycle1.5% ; RG = 25 Starting TJ = 25C
EAS Test Circuit:
Gate Charge Test Circuit:
(c)Silikron Semiconductor CO.,LTD.
2009.8.10
Version : 1.0
page
2of5
SSF1016
Switch Time Test Circuit: Switch Waveform:
Transfer Characteristic
Capacitance
On Resistance vs Junction Temperature
Breakdown Voltage vs Junction Temperature
(c)Silikron Semiconductor CO.,LTD.
2009.8.10
Version : 1.0
page
3of5
SSF1016
Gate Charge
Source-Drain Diode Forward Voltage
Safe Operation Area
Max Drain Current vs Junction
Transient Thermal Impedance Curve
(c)Silikron Semiconductor CO.,LTD.
2009.8.10
Version : 1.0
page
4of5
SSF1016
TO-220 MECHANICAL DATA:
(c)Silikron Semiconductor CO.,LTD.
2009.8.10
Version : 1.0
page
5of5


▲Up To Search▲   

 
Price & Availability of SSF1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X