Part Number Hot Search : 
28100Y 91J4K5E CS9LTRH APL0400 ER303 1N5931 IRHE3230 TM9369
Product Description
Full Text Search
 

To Download SS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz Crystal * SS4
Pin Type Crystal * 11.35 x 4.65 mm
actual size taped version available wave soldering temperature: 260 C max. package height 3.6 mm max.
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range SS4 (HC49/U4H) ( fund. AT-cut ) ( 3rd OT. AT-cut ) 3.2768 ~ 40.0 MHz 27.0 ~ 64.0 MHz
Dimensions
3.6 max. 12.0 min. 4.650.1
load capacitance CL shunt capacitance Co storage temperature drive level max. aging
12 pF ~ 32 pF or series < 5 pF -40 C ~ +90 C 500 W (100 W recommended)
< 5 ppm first year
note: taping specification- see www.jauch.de
0.43 +0.05 - 0.03
4.88
frequency tolerance at 25 C
10 ppm ~ 30 ppm
11.35 max.
in mm
Frequency Stability vs. Temperature
20 ppm 30 ppm 50 ppm 100 ppm
10.5 max.
ESR (series resistance Rs)
frequency in MHz
O
vibration mode fund.- AT fund.- AT fund.- AT fund.- AT fund.- AT fund.- AT fund.- AT 3rd OT - AT
ESR max. in 200 120 100 80 70 50 40 120
ESR typ. in 100 60 50 40 35 25 20 80
-20 C ~ +70 C STD -40 C ~ +85 C T1
O> 8.0 MHz
* 8.0 MHz *< 8.0 MHz
O 8.0 MHz O 8.0 MHz
3.2768 ~ 3.999 4.000 ~ 4.499 4.500 ~ 5.999 6.000 ~ 6.999 7.000 ~ 9.999 10.00 ~ 13.99 14.00 ~ 40.00 27.00 ~ 64.00
*
O
standard available
Order Information
Q
Quartz
frequency
type
load capacitance in pF 12 pF ~ 32 pF S for series
stability at 25 C 30 = 30 ppm std
stability vs. temp. range see table
option
3.2768 ~ 64.0 MHz
SS4
blank = -20 C ~ +70 C T1 = -40 C ~ +85 C FU = for fundamental frequencies 20 MHz 3OT = 3rd overtone MP = middle pin TR = taped TA = taped, ammo pack KIS = spacer IS = insulation spacer LL = lead length in mm PT = plastic tray
Example: Q 30.0-SS4-30-30/30-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Quartz Crystal * SS4
Load Capacitance Codes
12 pF: a 13 pF: v 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f 20 pF: c 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . 32 pF: e series: s T: 3rd OT
bath temperature (C)
260 200 150 100 50 0 ca. 3.5 C/s ca. 2.0 C/s ca. 5.0 C/s
Wave Soldering Profile
example 4.0 MHz / 12 pF: 4a000
20
60
100
140
180
220
time (seconds)
Taping Specification
6.351.3 12.71.0 02.0
Marking
frequency with load capacitance code company code / date code / internal code
24.55 max.
3.851.7
18+2.0/-0.5
Jan.
Febr.
Mar.
Apr.
May
June
July
Aug.
Sept.
Okt.
Nov.
Dec.
2005
9.0+0.75/-0.5
A N a n
B P b p
C Q c q
D R d r
E S e s
F T f t
G U g u
H V h v
J W j w
K X k x
L Y l y
M Z m z
2006
15.5 max. 18.0+1/-0.5
2007 2008
12.71.0
o 4.00.2 Direction of feed
in mm
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of SS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X