Part Number Hot Search : 
TLMY3100 PA09A 1550A LVCH1624 60100 20TTS BD4148 TLMG3100
Product Description
Full Text Search
 

To Download SP10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP10200
Elektronische Bauelemente
VOLTAGE 200V 10.0AMP Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
ITO-220
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
10
0.5
3.2
0.2 0.1
4.5
0.2
2.8
0.3
0.2
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams(Approximately)
3.7
0.2
2.7 1.3
0.2
2.54
0.2
0.7 2.54
PIN 1 PIN 3
0.2 0.2
13Min
15
0.3
0.5 2.6
0.2 0.2
CASE PIN 2
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 5 Amps,T = 25 C) F Maximum Instantaneous Forward Voltage (IF = 5 Amps,T = 125 C) F Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) T ypical T hermal R es is tance R J A (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SP10200 200 200 200 10 120
0.92 0.80
UNITS V V V
A A V mA mA pF C/W C C
Ta=25 C Ta=125 C
0.02 10 350 2.0 -50 ~ +150 -65 ~ +175
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2006 Rev. B
Page 1 of 2
SP10200
Elektronische Bauelemente
VOLTAGE 200V 10 .0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
100
Typical Forward Characteristic
Average Forward Current (A); per Leg
7
5
Instantaneous Forward Current (A),Per Leg
10
125J 75J 1
0 20 50 100 150
190
Tc, Case Temperature (J)
25J
Typical Junction Capacitance
800
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
Forward Voltage (V)
Junction Capacitance (pF)
600
400
Typical Reverse Characteristic
200
100 125J
0
0.1
1
10
100
Revise Voltage (%)
10
100J
Reverse Current(uA)
Maximum Non- Repetitive Forward Surge Current
200
75J
Peak Forwad surge Current (A)
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
1
120
80
50J 0.1 25J
40
0 0 10 100
0.01 10
40
80
120
180
220
Number of Cycles at 60Hz
Reverse Voltage(V)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2006 Rev. B
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SP10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X