Part Number Hot Search : 
28F200 15H63 FR115 A213DN RL207 9Z1T3 2SC2768 2665AGA
Product Description
Full Text Search
 

To Download SMG2402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMG2402
Elektronische Bauelemente 3.2A, 20V,RDS(ON) 250m[
N-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
A L
Description
The SMG2402 provides the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
S
2 3 Top View
SC-59 Dim
B
1
Min 2.70 1.40 1.00 0.35 1.70 0.00 0.10 0.20 0.85 2.40
Max 3.10 1.60 1.30 0.50 2.10 0.10 0.26 0.60 1.15 2.80
A B
D G
C D
C J K
Features
* Fast Switching * Ultra Low On-Resistance
H
Drain Gate Source
G H J K L S
Applications
* Power Management in Notebook Computer * Protable Equipment * Battery Powered System
G
D
All Dimension in mm
Marking : 2402
S
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@4.5V Continuous Drain Current, VGS@4.5V Pulsed Drain Current
1,2 3 3
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings
20
12 3.2 2.6 7.4 1.38 0.01
Unit
V V A A A W
W / oC
o
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Max. Rthj-a
Ratings
90
Unit
o
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
SMG2402
Elektronische Bauelemente 3.2A, 20V,RDS(ON) 250m[
N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 oC) Static Drain-Source On-Resistance
2 o
o
Unless otherwise specified)
Symbol
BVDSS
Min.
20
_
Typ.
_
Max.
_ _
Unit
V V/ V nA uA uA
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS=12V VDS=20V,VGS=0 VDS=20V,VGS=0 VGS=4.5V, ID=0.93A
o
BVDS/ Tj VGS(th) IGSS IDSS
0.1
_ _ _ _ _ _
0.7
_ _ _ _
1.2
100
1 10 250 350
_ _
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _
m[
VGS=2.7V, ID=0.47A ID=3.6A VDS=10V VGS=4.5V
Total Gate Charge 2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time 2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
4.4 0.6 1.9 5.2 37 15 5.7 145 100 50 6
nC
_ _
_ _ _ _ _
VDS=10V ID=3.6A nS VGS= 5V RG=6[ RD=2.8 [
_ _
_
_
_ _
pF
VGS=0V VDS=10V f=1.0MHz
_
_
S
VDS=10V, ID=0.47A
Source-Drain Diode
Parameter
Forward On Voltage2 Continuous Source Current(Body Diode)
Pulsed Source Current(Body Diode)
1
Symbol
VSD Is
ISM
Min.
_ _
Typ.
_
Max.
1.2 1
Unit
V
Test Condition
IS=1.6A ,VGS=0,Tj=25 C VD=VG=0V,VS=1.2V
o
_ _
A
_
7.4
A
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board; 270C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 5
SMG2402
Elektronische Bauelemente 3.2A, 20V,RDS(ON) 250m[
N-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 5
SMG2402
Elektronische Bauelemente 3.2A, 20V,RDS(ON) 250m[
N-Channel Enhancement Mode Power Mos.FET
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 5
SMG2402
Elektronische Bauelemente 3.2A, 20V,RDS(ON) 250m[
N-Channel Enhancement Mode Power Mos.FET
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of SMG2402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X