Part Number Hot Search : 
W9NK7 66C153 GS9078A GD4052B 2SB1236 AP8505 SB106 RBV401
Product Description
Full Text Search
 

To Download SFR106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR101 THRU SFR107
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0Ampere
DO-41
.034(0.9) .028(0.7) 1.0(25.4) MIN. DIA.
Low coat construction Fast switching for high efficency. Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.205(5.2) .160(4.2) .107(2.7) .080(2.0) 1.0(25.4) MIN. DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012ounce, 0.33 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 55 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA TJ TSTG
SFR 101 50 35 50
SFR 102 100 70 100
SFR 103 200 140 200
SFR 104 400 280 400 1.0 30 1.3 10 200
SFR 105 600 420 600
SFR 106 800 560 800
SFR 107 1000 700 1000
UNITS Volts Volts Volts Amp Amps Volts A
Maximum Reverse Recovery Time (Note 3) T J=25 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
100 15 50 (-55 to +150) (-55 to +150)
150
200
ns pF
/W
Notes: 1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits. 2 Thermal Resistance from junction to Ambient at .375"(9.5mm)lead length, P.C.board mounted. 3.Reverse Recovery Test Conditions:If=0.5mA,Ir=1.0mA,Irr=0.25A
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR101 THRU SFR107
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0Ampere
RATING AND CHRACTERISTIC CURVES SFR101 THRU SFR107
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2
AVERAGE FORWARD CURRENT,
30
PEAK FORWARD SURGE
1.0
8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
0.8
CURRENT, (A)
20
(A)
0.6
0.4
0.2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm)Lead Length
10
1 Cycle
0 1 2
0 0 25 50 55 75 100 125 150 175
4
6
8
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT,
20 10
INSTANTANEOUS REVERSE CURRENT,
10 T j =100 C
(A)
1.0
1.0
Tj =25 C Pulse Width=300us 1% Duty Cycle
0.1
(uA)
0.1
T j=25 C
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK FIG.5-TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE,(%)
1000
JUNCTION CAPACITANCE,(pF)
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE REXOVERY TIME CHARACTERISTIC
Trr
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A
(-)
0 0.25A
100
(+) 25 Vdc
D.U.T
approx
(-) 1 NON IND UCTIVE
PULSE GENERATIOR (NOTE 2)
OSCILLOSCOPE (NOTE 1) -1.0A
1c m
TJ=25 C F=1MHz
Vsig=50mVp-p
10 0.1 1.0 10 100
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF 2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR 50 /100NS /cm
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SFR106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X