Part Number Hot Search : 
B21NM50 121206 D1093UK F2051 MU3541 LU1S041E 0402C ATP143SM
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
SD101AWS THRU SD101CWS
Small Signal Schottky Diodes
Features
l l l Low Reverse Recovery Time Low Reverse Capacitance Low Forward Voltage Drop
l Guard Ring Construction for Transient Protection
Mechanical Data
l Case: SOD-323 plastic case l Terminals: Solderable per MIL-STD-202, Method 208 l Polarity: Indicated by Cathode Band
SOD323
A B
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Maximum sigle cycle surge 10us square wave Power Dissipation(Note 1) Thermal Resistance, Junction to Ambient Junction Tmperature Operation/Storage Temp. Range Symbol VRRM VRWM VR VR(RMS) IFSM Pd R Tj TSTG 42V 35V 2.0A 400mW 650C/W 125 C -55 to +150 C
o o
C
E
SD101AWS SD101BWS SD101CWS
60V
50V
40V
H D
28V
G J
DIM A B C D E G H J
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic Symbol Max Leakage Current SD101AWS 200nA SD101BWS IR 200nA SD101CWS 200nA Maximum Forward SD101AWS Voltage Drop SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS Junction Cap. SD101AWS SD101BWS SD101CWS Reverse Recovery Time 0.41V 0.4V .39V 1V 0.95V 0.9V 2.0pF 2.1pF 2.2pF 1ns Test Condition VR=50V VR=40V VR=30V
DIMENSIONS INCHES MM MIN MAX MIN MAX .090 .107 2.30 2.70 .063 .071 1.60 1.80 .045 .053 1.15 1.35 .031 .045 0.80 1.15 .010 .016 0.25 0.40 .004 .018 0.10 0.45 .004 .010 0.10 0.25 ----.006 ----0.15
SUGGESTED SOLDER PAD LAYOUT
0.074"
NOTE
VF
I F =1mA I F =15mA
0.027"
Cj trr
VR=0V, f=1.0MHz IF=IR=5mA, recover to 0.1I R
0.022"
Note: 1. Valid provided that electrodes are kept at ambient temperature
www.cnelectr.com
SD101AWS thru SD101CWS
Figure 1. Typical variation of forward. current vs.fwd. Voltage for primary conduction through the schottky barrier
mA

Figure 2. Typical forward conduction curve of combination Schottky barrier and PN junction guard ring
mA
A A B C B

C
IF

IF


VF Figure 3.Typical variation of reverse current at versus temperature
mA


VF Figure 4. Typical capacitance curve as a function of reverse voltage
mA
A
B
C
IR
IR

VR
VR
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X