Part Number Hot Search : 
HT7700A STE11 C106D2 2SD667 MCM6709 2SA1009L MAX10 60A273C
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AWS...SD101CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
PINNING PIN DESCRIPTION Cathode Anode
2
Features * Low Forward Voltage
1
1 2
Top View Marking Code: SD101AW S "SJ" SD101BWS "SK" SD101CWS "SL" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Repetitive Reverse Voltage SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS
Symbol VRRM
Value 60 50 40 60 50 40 15 200 50 2 - 65 to + 125 - 65 to + 125 Min. 60 50 40 Max. 0.41 0.4 0.39 1 0.95 0.9 200 200 200 2 2.1 2.2 1
Unit V
Reverse Voltage Forward Continuous Current Power Dissipation
VR IFM Ptot IFSM Tj TS Symbol
V mA mW mA A
O
Non-Repetitive Peak Forward Surge Current at t 1 s at t = 10 s Operating Temperature Range Storage Temperature Range
C C Unit V
O
Characteristics at Ta = 25 C
O
Parameter Reverse Breakdown Voltage at IR = 10 A
SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS
V(BR)R
Forward Voltage at IF = 1 mA at IF = 15 mA Reverse Current at VR = 50 V at VR = 40 V at VR = 30 V Total Capacitance at VR = 0 V, f = 1 MHz
VF
V
IR
nA
CT
pF
Reverse Recovery Time at IF = IR = 5 mA , Irr = 0.1X IR, RL = 100
trr
ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
SD101AWS...SD101CWS
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
SD101AWS...SD101CWS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X