Part Number Hot Search : 
PSD5016 130A0 LV138 DIN8140 RA121 LBT20005 2SK35 SSF4004
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Diodes
SURFACE MOUNT SCHOTTKY BARRIER DIODE SD101AWS
SOD-323
+0.1 1.7-0.1
Unit: mm
Low Forward Voltage Drop
+0.1 2.6-0.1
1.0max
Guard Ring Construction for Transient Protection Negligible Reverse Recovery Time Low Capacitance Ultra-small Surface Mount Package
+0.05 0.1-0.02
0.475
0.375
Absolute Maxim um Ratings Ta = 25
Param ater Peak Repetitive Reverse Voltage W orking Peak Reverse Voltage DC Blocking Volatge RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t 1.0s s Pd ReJA Tj, TSTG Sym bol VRRM VRW M VR VR(RMS) IFM IFSM 40 15 50 2.0 200 625 -65 to+125 V mA mA A mW /W 60 V Value Unit
@ t = 10 Power Dissipation (Note1) Therm al Resistance, Junction to Am bient Air (Note 1) Operating and Storage Tem perature Range Note:
1. Part m ounted on FR-4 PC borad with recom m ended pad layout.
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1
SMD Type
Diodes
SURFACE MOUNT SCHOTTKY BARRIER DIODE SD101AWS
Electrical Characteristics Ta = 25
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop (Note 2) Peak Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Note: 2. Short duration test pulse used to minimize self-heating effect. Symbol V(BR)R VFM IRM CT trr Test Condition VR = 10 A Min 60 0.41 1.00 200 2.0 1.0 A pF nS Max Unit V V
IF = 1.0 mA IF = 15 mA VR = 50 V VR = 0 V, f = 1.0 MHz IF = IR = 5.0 mA Irr = 0.1 x IR, RL = 100
Marking
Marking S1
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X