Part Number Hot Search : 
DLQ5243B W4218X 29LV004 5TUZ47C 24M05 2SC2650 BZT52C36 SP708R
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Central Micro-electrical
Schottky Barrier Diode
FEATURES
Low Forward Voltage Drop. Guard Ring Construction For Transient Protection. Negligible Reverse Recovery Time. Low reverse capacitance. Ultra-small surface mount package.
Production specification
SD101AWS/SD101BWS/SD101CWS
Pb
Lead-free
APPLICATIONS
Schotty barrier switching.
SOD-323
ORDERING INFORMATION
Type No. SD101AWS SD101BWS SD101CWS Marking S1 S2 S3 Package Code SOD-323 SOD-323 SOD-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Peak Repetitive Peak reverse voltage Working Peak DC Reverse Voltage RMS Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current @t<1.0s @t=10s Power Dissipation Thermal Resistance Junction to Ambient Storage temperature Symbol VRRM VRWM VR VR(RMS) IF IFRM Pd RjA Tstg 42 15 50 2.0 200 625 -65~+125 35 28 V mA mA A mW /W 60 50 40 V SD101AW SD101BW SD101CW Unit
Document number: BL/SSSKB024 Rev.A
www.galaxycn.com 1
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
Production specification
SD101AWS/SD101BWS/SD101CWS
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse Breakdown Voltage SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW Symbol V(BR)R Min. 60 50 40 0.41 0.40 0.39 1.00 0.95 0.90 0.2 2.0 2.1 2.2 1.0 Typ. Max. Unit V Conditions IR=10A IR=10A IR=10A IF=1.0mA IF=1.0mA IF=1.0mA IF=15mA IF=15mA IF=15mA VR=50V VR=40V VR=30V VR=0,f=1MHz IR=IF=5mA Irr=0.1*IR,RL=100
Forward voltage
VF
V
Reverse current
IRM
A
Capacitance between terminals SD101AW SD101BW SD101CW Reverse Recovery Time
CT
pF
trr
ns
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKB024 Rev.A
www.galaxycn.com 2
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
SD101AWS/SD101BWS/SD101CWS
SOD-323
K B
SOD-323
C
Dim A Min 1.275 1.675 Max 1.325 1.725
D
A
B C D E H
0.9 Typical 0.25 0.27 0.02 0.35 0.37 0.1
J
E
H
J K
0.1 Typical 2.6 All Dimensions in mm 2.7
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device
INFORMATION
Package SOD-323 Shipping 3000/Tape&Reel
SD101AWS-SD101CWS
Document number: BL/SSSKB024 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X