Part Number Hot Search : 
PUSB2X4D 2SC3596C SAA570 080ASBEW CP759R JR220V B1020 13003H1
Product Description
Full Text Search
 

To Download SBU4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 HG A ! # %! 3 ' ! D 5(5' ! D | 55( D (c) (c) ! # 9 CA @ 9! (c) ! 5| 8745 ! 2 (c)(! (c) %0 ) '((c) ! %! $ " ! ! | F| #$1 #! 9(c)3 & 1 " 1#'E 43 & 1$3 #' ! B )" & 6 3 1!" #! (c) &|$ # #! | (c)
% 4ec(c)cy aGc%6G|'|scc h ss aGcC (R) (c) ''c%aG|c aT cc T(c)Tc Gh'r n ejTGj aTT cA G(c)' GcG GGcAn T aT ON c6%IE Eh'j4 EEA GCT4%AETA G4fyjT cC c'f I I I E A E E A AE A A AA A 3/4 1/2 1/4
RoHS COMPLIANT
MECHANICAL DATA
ux v tr &s q ') ( &&) ' &$w u (c) HG FD C @8 7 53 &&D E(c)AB8 9(c)6 &4&2 &0 21 (c)&f d &$" gd e %# ! p h i (c)&b &X&W US Q Yc aY T VT R I I P rp qo k i j vt us n l m he gfd { z } ~
|
SURGE OVERLOAD RATING TO 200 AMPS PEAK
BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area)
UL RECOGNIZED - FILE #E124962
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
FEATURES
4 AMP SILICON BRIDGE RECTIFIERS
C
22.70
23.24
MECHANICAL SPECIFICATION
0.895
0.915
y yx w
PARAMETER (TEST CONDITIONS)
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
SYMBOL
D3 L
D D1 D2
C1 C2
L1
16.5 25.4
n/a 10.3 1.7
4.2 3.6
4.57
17.8 n/a
19.3 11.3 2.2
4.7 4.1
6.8
0.165
0.660 1.0
0.180
n/a 0.405 0.065
0.140
0.185 0.160
0.260
0.700 n/a
0.760 0.455 0.085
RATINGS
Data Sheet No. BSBU-400-1C
SERIES SBU4A - SBU4M
UNITS
E19
h }~ u ht FDB @ GECA9
5U Y a a b QVa
w6{G%(c)C vw | z yx w
% y
uu o y u u
a iAi aA ii YYi1/4(R)eve U1/4i|aie oe oi AvA Un |E1/4Ao U 1/4EAQU AAu1/4veeeove iA1/4 |ne oUe 1/4a|1/4n 1/4AArUi AA Y U1/4n U1/41/4AEe1/4 U 1/4aY e on i u u e i iua o Ynue e ni i io nii Yio n ei i iY U o Uauu iea uo U / aYii n io io o oe Yon o i o io io ni a ii i e aaa ec a a U Av 1/41/4i i |1/4 U E1/4A1/4iiaAAie1/4e A{evAae aaBaa av Y U o A E EvAI AAU BE AA 1/2 1/2 AEIU A A3/4OxE3/4v ||1/4 EA A *N OO A AA3/4 1/2 * N 1/4O1/4A v N1/4vAI A{AIAII AI E BAEE A|BAEE AEBAEA A|3/4v ||1/4 E (c)(c) A OO 1/2 1/2 O 1/2 AA C 1/2 I C 1/2 I A A C C AA A AA3/4 1/2 * |
rqp m l sEGo nk E
v v
U U U 8g| % (c)
i g d TTj Gh' TSf'eT c(c)s4T a'(c)TC W Y v b I x I u g X b q P p b i h Y e d P I X W U Q R I I g'%y4 TRT(c)e wv Tt Y csrG6Gg f4cb a'Y GRGP VTSQ GP H
w r ~ } w | t s yx w u n t s q p Qs B} q{zrvar oEn
CE N YbpEH SO gOIO C SnNoA OOO AxO O EE NI N EE A E SC bIpC I EHCIjE CHAEAA bAa3/4 CAE I EE C E A AA A (aSH b onQp Ybpa YH ba~
E(R) Q(R)QBr(c)| r BQB (c)(c) Q
/ooo n oi oeS%oi iec eeSeaeaa aia
1/2 S e(b Q( VS H 1/4 * SS(R)
}zy | v ut g q p l m l i d h p{SfwxqbdHs5arYonQk jHHd fYeH HH v bgu g e w d a w vu yVHSp YxHw gtSrP XbqpPHfgeXba YHVSQI y vus Xfi hX d c R XWU TRP
/o y y uuu u
(c)|yy 643 (c))('%"#! 5$ 21 0 8&&$ 7
(c)q| (R) (c) IE O Ux OqOI INIe*E EC U U U O I I O I O OO O I I E I E I E E i e ae a Ya aa a e e eca*a Y AE A eeAA A3/4 1/4* A 1/23/4A A 1/2 i i o o o n i i o*oi qi
| (c)
i h BBE BB BQ y BBGBEw xx Br BB B gBgBf ed BBc bX QaYBV W SBSBER BBs S PP BQI HHF BBGBEC DD tt qq Brp m l k j Bh i g Qf e d 986 543 21) ('% $# 7&!0&!"
v Bu U BT A B@ B !

*T e '(c)GCe c T
OAA N3/41/2 A|E5A1FI )D3CyAE57'A1F(R)HA1/4 I I IIA EEEAE A AA w AH%F 1|'AH311F1 3v HHt1F(R)H1 q t }~ rw } w ~ xs t3D(R)H1 q r xs
ee e
e aa cae a aaa U A a 7a 'AUH3a a 7)3 H31U UYU i ri e
i i
O O O O O x )o /oao uo UU rU oo rn
s z z q (c) } w u w w | "3 A 111 AkAFAAH3k313H) | AHu5AA)s 7%ADD7|1 AF} FHH7 v u z z rq | u t w} ~ 731)7H) } Hw )'u H3kA'H1)w )k w | * x | ~} | w { z w x } z w 1u H) "H~ e'33 HF3A533 qA ) 1 A1 11 A } z~ z s z z z x r * w} ~ 731)H) } aAw )1u H3"HDxyA')Dq w | ' x | ~ } | w { z w wvu tsr p )o l nm
H(c) #!3 H3%"(c) (c)'))y $ "| y y | y
GF HE 1E
Q 4I P
T (R S
j ki %f hg
V @U
X 4W
yy au
on/4oco'o'e nTAcGTSTfae o o iiiieee ec u yu u
! " (c)
| bYXW )aA31VU TR I S QP
y
FIGURE 1. FORWARD CURRENT DERATING CURVE
eUO GhU'O TOSO'O UY x U x O O
&A3GHAF$A2 DCA7A9 8 7532 (1& ()'%# @ 4E (0 B @ 64 $ 0 &$ x Fv3u w
t q i gf d Hsarp1Hh )"ec
0.1 0.6
1.0
10
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
0.7
RATING & CHARACTERISTIC CURVES FOR SERIES SBU4A - SBU4M
0.8
0.9
4 AMP SILICON BRIDGE RECTIFIERS
1.0
1.1
1.2
1.3
u /uru
DCA (@B4@845 997 6
3 42
0 1)
' (&
%
A 7) FH3 5H 731733H 1) 31 y
e ed
E20
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
a aaaa aa a
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Data Sheet No. BSBU-400-2C
m


▲Up To Search▲   

 
Price & Availability of SBU4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X