Part Number Hot Search : 
TS3V339 1E330 03GEEG3E DSPIC33 P4000TA SR205 220M4 1N4128D
Product Description
Full Text Search
 

To Download SB240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220 THRU SB2B0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
DO-15
Forward Current - 2.0 Ampere
FEATURES
1.0 (25.4) MIN.
0.140 (3.6) 0.104(2.6) DIA.
0.300(7.6) 0.230(5.8)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction,majority carrier conduction Low power loss,high efficiency High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.014 ounce, 0.40 grams
0.034 (0.90) 0.028 (0.70) DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
SB SB 220 230
SB 240
SB SB 250 260
SB 270
SB 280
SB 290
SB 2B0
UNITS VOLTS VOLTS VOLTS Amp
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length(see fig.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction temperature range Storage temperature range
VRRM VRMS VDC I(AV)
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 2.0
70 49 70
80 56 80
90 63 90
100 70 100
IFSM VF IR CJ RqJA TJ TSTG 220 -65 to +125 0.55
60.0 0.70 0.5 10.0 80 50.0 -65 to +150 -65 to +150 0.85
Amps Volts mA pF C/W C C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES SB220 THRU SB2B0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
2.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
60
1.6
48
1.2
Single Phase Half Wave 60Hz Resistive or inductive Load
36
0.8
24
0.4
SB220-SB240 SB250-SB2B0
0 25 50 75 100 125 150 175
12
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 1,000 10
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MILLAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100
TJ=100 C
1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
10 TJ=75 C
0.1
SB220-SB240 SB250-SB260 SB270-SB2B0
0.2 0.4 0.6 0.8 1.0 1.1
1
0.01
0.1
TJ=25 C
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
2000 1000 100
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
JUNCTION CAPACITANCE, pF
SB220-SB240 SB250-SB2B0
10
100
1
TJ=25 C
0.1 0.01 0.1 1 10 100
10 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of SB240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X