Part Number Hot Search : 
AD7542JN HR2000 AD7821TQ BUK45 013TR LA7642N 1REEL SMCJ10
Product Description
Full Text Search
 

To Download RJC097PKB100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RJC097 Series
TOCOS
POTENTIOMETERS
(R)
3/4'' Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
Features
3/4" rectilinear, 15-turn, through-hole, sealed cermet trimmers Miniature design for component density Side adjust with single-slot standard or extended shaft Knob styles available for easier adjustment State-of-the-art brush contact design Excellent stability and low noise PC board solderable pins Sealed to withstand wave soldering and immersion cleaning Meets UL flammability standards
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 10 to 1M (standard 1, 2 & 5 sequence ) Resistance Tolerance . . . . . . . . . . . . . . . 10% and 20% End Resistance . . . . . . . . . . 1% or 3, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear Peak Noise (C.R.V.) . . . . . . . 1% or 1, whichever is greater Power Rating . . . . . . 0.75 watt at 70 C, 0 watt at 125 C Maximum Input Voltage . . . . . . . . 300VDC or power rating, whichever is smaller Temperature Coefficient . . . . 100ppm / C, 200 to 1M 250ppm / C, other values
Environmental
Temperature Range . . . . . . . . . . . . . . . . . Low Temperature Operation . . . . . . . . . 55 C to 125 C 55 C, 0.75 watt, 45 minutes T/R ) 3%, S.S. ) 1%
High Temperature Exposure . . . . . . . . . 125 C, 250 hours T/R ) 3%, S.S. ) 1% Load Life . . . . . . . . . . . . . . . . 70 C, 0.75 watt, 1,000 hours T/R ) 3%, S.S. ) 3%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles T/R ) 2%, S.S. ) 1% Shock . . . . . . . . . . . . . 50G, 6ms, 6 directions, 3 times each T/R ) 1%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 0.75 watt, 1,000 hours T/R ) 3%, S.S. ) 1% Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 0.75 watt, 10 cycles, 240 hours T/R ) 3% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 1% Seal Test . . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . . . . . . . . 200 cycles without discontinuity T/R ) 3%
T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio )
Insulation Resistance . . . . . 1,000M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . 900VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . .15 3 turns
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . .15 3 turns Shaft Torque . . . . . . . . . . . . . . . 300 gf* cm (4.16 oz*in) max. Stop Strength . . . . . . . . . . . . . . . . . . . . . . . . . . Clutch action Flammability of Plastic Materials . . UL 94V-0 for housing; UL 94HB for knob Nominal Weight . . . . . . . . . . . . . . . . . . . . 1.1g (P); 1.3g (PK ) 1.7g (PK1 with knob attached & PK2) Marking . . . . . . . . . . . . . . . . . . . Resistance code, date code, model type, wiring diagram
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
107
RJC097 Series
RJC097P
Single-Slot, Short Shaft, Side Adjust
Dimensions
RJC097PK
Short Shaft, Permanent Small Knob, Side Adjust
Unit: mm
1.5
0.2
4.7
O2.8 0.2
0.3
2.6
O4.7 0.2
4.7
0.3
0.3
0.1
0.6 6.4
0.4 0.1
0.6 4.7
0.3
0.1
6.4
0.4
4.7 0.6 (3) 0.4 (3)
0.1
0.3
0.3
0.2
0.6 (3) 0.4 (3)
0.1
0.5
0.2 (4)
0.3
0.1
0.1
5.0
1.0
0.5
0.2 (4)
0.3
0.2
0.3
0.1
5.0
1.0
5.1
0.3
0.1
5.1
0.3
12.7
0.3
3.5
0.3
2.5
0.3
12.7
0.3
3.5
0.3
2.5
0.3
19.0
0.5
19.0
0.5
4.7
0.3
#1
#2
#3
4.7
0.3
#1
#2
#3
18
18
RJC097PK1
Single-Slot, Extended Shaft, Side Adjust, Removable Large Knob (same knob as PK2)
RJC097PK2
Extended Shaft, Permanent Large Knob, Side Adjust
5.3
1.0
4.7
0.3
12.0
0.5
O8.8
0.3
3.0
0.5
2.0
0.8
O3.7
O4.0
1.0
0.6 6.4
0.4 0.1
4.7
O2.6
0.05
6.4
0.3
0.4
4.7 0.6 (3) 0.4 (3)
0.1
0.3
0.3
0.2
0.6 (3) 0.4 (3)
0.1
0.5
0.2 (4)
0.3
0.1
0.1
5.0
1.0
0.5
0.2 (4)
0.3
0.2
0.3
0.1
0.1
5.0
1.0
5.1
0.3
5.1
0.3
12.7
0.3
3.5
0.3
2.5
0.3
12.7
0.3
3.5
0.3
2.5
0.3
19.0
0.5
19.0
0.5
4.7
0.3
#1
#2
#3
4.7
0.3
#1
#2
#3
O6.2 O6.7
18
18
The knob shipped with the PK1 is the same style and size as the PK2 knob. With the knob attached, the dimensions and weight of PK1 are the same as the PK2 model.
Recommended PCB Layout
P, PK, PK1 & PK2 Pin-Out
O1.0
Electrical Schematic
Unit: mm
clockwise
max. (3 holes)
5.0 #1 #3 2.5 #2 12.7
ccw #1
#3 cw
#2
wiper
108
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RJC097 Series
RJC097 P K1 B 102 K
Part Numbering System
Resistance Tolerance: K = 10%; M = 20% Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 105 = 1,000,000 ). Resistance Taper: B = Linear. Adjustment Knob: K = Permanent Small Knob, Short Shaft. K1 = Removable Large Knob, Extended Shaft, Single-Slot. K 2 = Permanent Large Knob, Extended Shaft. Blank = No Knob, Short Shaft, Single-Slot. Terminal Style: P = 3 -Lead Configuration. TOCOS Series Name.
Part Numbers
Nominal Resistance Value ( ) Code Catalog No. Bulk Resistance Tolerance 10% Resistance Tolerance 20% Potentiometer Styles
RJC097P Through-Hole, P Terminal Style, Single-Slot, Short Shaft, Side Adjust
10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 K K K K K K K K K K K K K K K K RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P RJC097P B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 M M M M M M M M M M M M M M M M
RJC097P
RJC097PK Through-Hole, P Terminal Style, Short Shaft, Permanent Small Knob, Side Adjust
10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 K K K K K K K K K K K K K K K K RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK RJC097PK B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 M M M M M M M M M M M M M M M M
RJC097PK
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
109
RJC097 Series
Nominal Resistance Value ( ) Code
Part Numbers
Catalog No. Bulk Resistance Tolerance 10% Resistance Tolerance 20% Potentiometer Styles
RJC097PK1 Through-Hole, P Terminal Style, Single-Slot, Extended Shaft, Removable Large Knob, Side Adjust
10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 K K K K K K K K K K K K K K K K RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 RJC097PK1 B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 M M M M M M M M M M M M M M M M
RJC097PK1
RJC097PK2 Through-Hole, P Terminal Style, Extended Shaft, Permanent Large Knob, Side Adjust
10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 K K K K K K K K K K K K K K K K RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 RJC097PK2 B B B B B B B B B B B B B B B B 100 200 500 101 201 501 102 202 502 103 203 503 104 204 504 105 M M M M M M M M M M M M M M M M
RJC097PK2
Packaging
Standard: Bulk Packaging Quantity
P & PK: 20 pieces per vinyl bag. 200 pieces per box. PK1 & PK 2: 10 pieces per vinyl bag. 100 pieces per box.
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
110
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com


▲Up To Search▲   

 
Price & Availability of RJC097PKB100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X