Part Number Hot Search : 
MBRS1 SA185 AD9154 UPA1717G XC3064 D420SV 60025 120N102
Product Description
Full Text Search
 

To Download PM24024-110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM150-PM240
1 2 0 - 2 4 0 W AT T S D C / D C S I N G L E
OPEN FRAME & ENCLOSED
Features
* * * * * * Very wide input range Reverse input voltage protection High operating temperature EMI/RFI meets EN55022-B Safety IEC60950, EN60950 Operating temperature -25 to +55OC
Specifications
INPUT
Input voltage Input current 12V, 24V, 36V, 48V, 110V, 220V. See table See table
ENVIRONMENTAL
Operating temperature Storage temperature Cooling -25C to 55C -40C to 85C Convection
Reverse polarity protection Yes Inrush current limit Soft start Available as option. Add suffix "N" to model number Yes
STANDARDS AND APPROVALS
Safety standards C-Tick EMC standards IEC60950, EN60950, EN/IEC61204-3 AS/NZS CISPR11 Group 1, Class A EN1000-6-1-2 EN/IEC61000-4-2 EN/IEC61000-4-3 EN/IEC61000-4-4 EN/IEC61000-4-5 EN/IEC61000-4-6 EN61000-6-3,EN61000-6-4, EN55011/EN55022 Level B
OUTPUT
Output voltage Voltage adjustment Output current Ripple & noise Line regulation Load regulation Temperature coefficient Overcurrent protection Overvoltage protection No load power Transient response See table -5% to +10% See table 15-30mV pk-pk typical 0.1% 0.3%, 0%-100% load 0.02% per C Yes Yes 9W <1mS for 10/90% load step to within 3% of nominal
EMI standards
MECHANICAL
Dimensions Weight Conformal coating Mounting brackets PM150 & PM240: 88x214x160mm 2.5kg Available as option. Add suffix "I" Please consult Powerbox for mounting options
OPERATING
Efficiency Switching frequency Safety isolation Alarm facilities Indicators Series operation Parallel operation Series diode PM150: 80%-88%, PM240: 88%-91% 30kHz Input/Output/Case: 2.5kVAC Contacts for undervoltage, overvoltage DC on LED Yes Yes Provided as standard on output
Your dependable power partner - www.powerbox.com.au
131
OPEN FRAME & ENCLOSED
PM150-PM240
1 2 0 - 2 4 0 W AT T S D C / D C S I N G L E
Selection Table
MODEL NUMBER PM150A12 PM150A13.8 PM150A15 PM150A24 PM150A48 PM150B12 PM150B13.8 PM150B15 PM150B24 PM150B28 PM150B36 PM150B48 PM150C12 INPUT 10-30V 10-30V 10-30V 10-30V 10-30V 20-60V 20-60V 20-60V 20-60V 20-60V 20-60V 20-60V 50-150V OUTPUT 12V 13.8V 15V 24V 48V 12V 15V 24V 28V 36V 48V 12V 10A 8.7A 8A 5A 2.5A 12.5A 10A 6.25A 5.36A 4.17A 3.13A 12.5A OUTPUT POWER 120W 120W 120W 120W 120W 150W 150W 150W 150W 150W 150W 150W 150W 150W MODEL NUMBER PM150C15 PM150C24 PM150C28 PM150C48 PM150D12 PM150D13.8 PM150D15 PM150D24 PM150D28 PM150D48 PM240 24/24 PM240 24/48 PM240 24/60 PM240 24/110 INPUT 50-150V 50-150V 50-150V 50-150V 90-270V 90-270V 90-270V 90-270V 90-270V 90-270V 18-32V 18-32V 18-32V 18-32V OUTPUT 15V 24V 28V 48V 12V 13.8V 15V 24V 28V 48V 24V 48V 60V 110V 10A 6.25A 5.36A 3.13A 12.5A 10.9A 10A 6.25A 5.36A 3.13A 9A 4.5A 3.6A 1.97A OUTPUT POWER 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 216W 216W 216W 216W MODEL NUMBER PM240 48/24 PM240 48/36 PM240 48/48 PM240 48/60 PM240 48/110 PM240 110/24 PM240 110/48 PM240 110/60 PM240 110/110 PM240 220/24 PM240 220/48 PM240 220/60 INPUT 38-60V 38-60V 38-60V 38-60V 38-60V 88-150V 88-150V 88-150V 88-150V 175-300V 175-300V 175-300V OUTPUT 24V 36V 48V 60V 110V 24V 48V 60V 110V 24V 48V 60V 110V 10A 6.7A 5A 4A 2.2A 10A 5A 4A 2.2A 10A 5A 4A 2.2A OUTPUT POWER 240W 240W 240W 240W 240W 240W 240W 240W 240W 240W 240W 240W 240W
13.8V 10.9A
PM240 220/110 175-300V
PM150C13.8 50-150V 13.8V 10.9A
Technical Illustrations
PM 150-PM240
132


▲Up To Search▲   

 
Price & Availability of PM24024-110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X