|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net PL16 Series 5mm (T13/4) Ultra Bright Yellow LED Features *Popular T1 3/4 Lens style with Flange *High Intensity *Ultra High Light Output *Narrow Viewing Angle *RoHS Compliant Absolute Maximum Ratings at TA = 25C Power Dissipation ............................................................................................ 78mW Reverse Voltage (<100A)....................................................................................... 5.0V Max Forward Current ........................................................................................ 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)................................................... 100mA Operating Temperature Range ................................................................... -25C to +85C Storage Temperature Range...................................................................... -40C to +100C Soldering Temperature (1.6mm below body)............................................................... 260C for 5 seconds Electrical & Optical Characteristics at TA = 25C Part Number Water Clear Lens PL16C-WCY17 Yellow AlGaInP Emitting Color Chip Material Dominant Wave Length nm 589 Peak Wave Length nm 591 Viewing Angle 2 1/2 Deg 15 Forward Voltage @20mA (V) Typ 1.9 Max 2.4 Luminous Intensity @20mA (mcd) Min 900 Typ 1800 All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads. 8.7 24.0Min. 5.0 2.54 0.1 Anode 1.5typ. 1.0 0.5 Square 5.9 01-30-07 Rev 0 RS |
Price & Availability of PL16C-WCY17 |