Part Number Hot Search : 
KD125 BA403 224CNQ BCR148W 32F10 MBJ20 2SB14 BC327
Product Description
Full Text Search
 

To Download OFFM-1-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FIBER MANAGEMENT
OFFM
Optical Fiber Flat Manifold
Miniflex Technology manufactured by Richco - Patented
Part No.
OFFM-4-1 OFFM-6-1 OFFM-8-1 OFFM-8-2 OFFM-1-12
Material: Glass-filled PBT UL94 V0; Color: Charcoal Gray Standard Pack: 10 per bag Supplied With
Manifold and 4 PTFE tubes, 1 meter long each Manifold and 6 PTFE tubes, 1 meter long each Manifold and 8 PTFE tubes, 1 meter long each Manifold and 8 PTFE tubes, 2 meters long each Bag of 10 manifolds and 1 PTFE coil 120 meters long
Features * Maximum of 12 fibers * Ability to stack * Fiber threading guide system in lid * Can be terminated to OFBLT protective tubing (see page 202) or standard cable element tubing. * Silicone sleeve is provided to give added grip to cope with variations in element tube diameters * A range of flanged termination crimp kits (OFTK Series) are available to give a strong, mechanical anchorage for common size element/blown fiber tubing and OFBLT, contact your local Richco office for further information
Material: PTFE UL94 V0; Color: Natural Standard Pack: 120 meter coil per bag
PTFE-1-120-NAT
Other colors are available by special order.
Description The Optical Fiber Flat Manifold has the ability to breakout and protect primary fiber from cable element tubing, ribbon fiber or a blown fiber unit. The input fiber tube is secured by a clamping system molded into the product. Each output fiber is protected in a 900 m PTFE tube, also secured by a molded detail. Threading the fiber is achieved by the effective guide provided in the snap-on lid. Assembly of the manifold is made easy by a simple "lay-through" design, which prevents fiber kinking or breakage. Installing fiber is easy, clean, neat and extremely compact while still controlling all bend radii. Mounts with the self-adhesive pad provided or by the integral screw holes, which give the ability to stack.
OFFM-MK2
Optical Fiber Flat Manifold
J
Features * Maximum of 12 fibers * Ability to stack * Fiber threading guide system in lid * Can be terminated to OFBLT protective tubing (see page 202) or standard cable element tubing. * Silicone sleeve is provided to give added grip to cope with variations in element tube diameters
* A range of flanged termination crimp kits (OFTK Series) are available to give a strong, mechanical anchorage for common size element/blown fiber tubing and OFBLT, contact your local Richco office for details Miniflex Technology manufactured by Richco * Enables pre-assembly of PTFE Material: 6% Glass Reinforced PBT UL94V0; Color: Charcoal Gray tubes in complete pack, and Standard Pack: 10 per bag alternative method of fiber feed/ Part Number Supplied With assembly OFFM-MK2-10-40 Gray 900 Micron PTFE tube in 40M pull out pack All dimensions in millimeters * Supplied with adhesive ribbon fiber adapter to accept ribbon fiber Material: PTFE UL94 V0; Color: Natural * Molded detail that secures 900 micron Standard Pack: 120 meter coil per bag PTFE tubing is separate from body and PTFE-1-120-NAT cover for ease of handling Other colors are available by special order.
190
773-539-4060 Samples: 1-800-621-1892


▲Up To Search▲   

 
Price & Availability of OFFM-1-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X