![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CYStech Electronics Corp. Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET Spec. No. : C428Q8 Issued Date : 2008.05.28 Revised Date : Page No. : 1/5 MTDN4224Q8 Description The MTDN4224Q8 provides the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost effectiveness. The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. Features * RDS(ON)=14m@VGS=10V, ID=10A * Simple drive requirement * Low on-resistance * Fast switching speed * Dual N-ch MOSFET package * Pb-free package Equivalent Circuit MTDN4224Q8 Outline SOP-8 GGate SSource DDrain MTDN4224Q8 CYStek Product Specification CYStech Electronics Corp. Absolute Maximum Ratings (Ta=25C) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, TA=25 C (Note 1) Continuous Drain Current, TA=70 C (Note 1) Pulsed Drain Current (Note 2&3) Total Power Dissipation @ TA=25 C Linear Derating Factor Operating Junction Temperature Storage Temperature Thermal Resistance, Junction-to-Ambient (Note 1) Symbol VDS VGS ID ID IDM Pd Tj Tstg Rth,ja Spec. No. : C428Q8 Issued Date : 2008.05.28 Revised Date : Page No. : 2/5 Limits 30 20 10 8 30 2 0.016 -55~+150 -55~+150 62.5 Unit V V A A A W W / C C C C/W Note : 1. Surface mounted on 1 in copper pad of FR-4 board; 135C/W when mounted on minimum copper pad 2. Pulse width limited by maximum junction temperature. 3. Pulse width300s, duty cycle2% Characteristics (Tj=25C, unless otherwise specified) Symbol Min. Static BVDSS 30 BVDSS/Tj VGS(th) 1.0 GFS IGSS IDSS IDSS *RDS(ON) *RDS(ON) Dynamic *Qg *Qgs *Qgd *td(ON) *tr *td(OFF) *tf Ciss Coss Crss Rg Source-Drain Diode *VSD *trr *Qrr Typ. 0.03 16 15 6 14 12 8 34 16 1910 400 280 0.9 30 24 Max. 3.0 100 1 25 14 20 23 3070 1.2 Unit V V/C V S nA A A m m Test Conditions VGS=0, ID=250A Reference to 25C, ID=1mA VDS = VGS, ID=250A VDS =10V, ID=10A VGS=20 VDS =30V, VGS =0 VDS =24V, VGS =0, Tj=70C VGS =10V, ID=10A VGS =4.5V, ID=7A nC ID=10A, VDS=24V, VGS=4.5V ns VDS=15V, ID=1A,VGS=10V, RG=3.3, RD=15 pF V ns nC VGS=0V, VDS=25V, f=1MHz F=1MHz IS=1.7A, VGS=0V IS=10A, VGS=0, dI/dt=100A/s *Pulse Test : Pulse Width 300s, Duty Cycle2% MTDN4224Q8 CYStek Product Specification CYStech Electronics Corp. Characteristic Curves Spec. No. : C428Q8 Issued Date : 2008.05.28 Revised Date : Page No. : 3/5 MTDN4224Q8 CYStek Product Specification CYStech Electronics Corp. Characteristic Curves(Cont.) Spec. No. : C428Q8 Issued Date : 2008.05.28 Revised Date : Page No. : 4/5 MTDN4224Q8 CYStek Product Specification CYStech Electronics Corp. SOP-8 Dimension Top View A Right side View G Spec. No. : C428Q8 Issued Date : 2008.05.28 Revised Date : Page No. : 5/5 Marking: I B C H Device Name Date Code 4224SS J D Front View Part A E Part A K L N O 8-Lead SOP-8 Plastic Package CYStek Package Code: Q8 M F *: Typical DIM A B C D E F G H Inches Min. Max. 0.1990 0.1969 0.1496 0.1575 0.2283 0.2441 *0.0500 0.0138 0.0193 0.1472 0.1527 0.0531 0.0689 0.1889 0.2007 Millimeters Min. Max. 4.80 5.00 3.80 4.00 5.80 6.20 *1.27 0.35 0.49 3.74 3.88 1.35 1.75 4.80 5.10 DIM I J K L M N O Inches Min. Max. 0.0039 0.0098 0.0157 0.0354 0.0074 0.0098 0.0145 0.0204 0.0118 0.0197 0.0031 0.0051 0.0000 0.0059 Millimeters Min. Max. 0.10 0.25 0.40 0.90 0.19 0.25 0.37 0.52 0.30 0.50 0.08 0.13 0.00 0.15 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. MTDN4224Q8 CYStek Product Specification |
Price & Availability of MTDN4224Q8
![]() |