Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download MMBTA14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT-23 Plastic-Encapsulate Transistors
MMBTA13,14
FEATURES Darlington Amplifier Marking : MMBTA13:K2D; MMBTA14:K3D MAXIMUM RATINGS (TA=25 unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC RJA TJ Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Thermal Resistance Junction to Ambient Junction Temperature Storage Temperature Value 30 30 10 0.3 350 417 150 -55 to +150 Units V V V A mW /W
TRANSISTOR (NPN)
SOT-23
Unit : mm 1. BASE 2. EMITTER 3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO* IEBO* hFE(1) * DC current gain hFE(2) * Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat)* VBE (sat) * VBE * fT Cob Test conditions IE=0 MIN 30 30 10 0.1 0.1 MMBTA13 MMBTA14 VCE=5V, IC= 100mA MMBTA13 MMBTA14 IC=100mA, IB=0.1mA IC=100mA, IB=0.1mA VCE=5V,IC= 100mA VCE=5V, IC= 10mA 5000 10000 10000 20000 1.5 2 2.0 125 12 V V V MHz pF MAX UNIT V V V
IC= 100A,
IC= 100uA, IB=0 IE= 100A, IC=0 VCB=30 V , IE=0 VEB= 10V , IC=0
A A
VCE=5V, IC= 10mA
f=100MHz
VCB=10V,IE=0,f=1MHz
* Pulse Test : pulse width300s,duty cycle2%.


▲Up To Search▲   

 
Price & Availability of MMBTA14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X