Part Number Hot Search : 
133AX 10D20 2SC2371 MPC603 M18SP6RQ LX550 C4064G 1008F
Product Description
Full Text Search
 

To Download MLC510A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLC510A 8-bit micro-controller with 160 dots LCD driver
Features
* Single chip 8-bit micro-controller * Operating voltage: 2.2V to 5.5V * Memory :

* LCD driver output:

Max 32 segment x 5 common 1/4 or 1/5 duty 1/3 bias driving mode
Program ROM : 8K Bytes Data RAM : 128 Bytes LCD display RAM : 20 Bytes
* Two re-loadable 8-bit timers * Build-in Watch-Dog timer * Build-in dual oscillation circuit:
* 18 input/output pins:

Single
or
dual
clock
operation
is
Dedicated I/O pins: P0[0:3] Shared input or output pins: ! P0[4:5]/TMin ! P1[0:1]/IR ! P2[0:1] ! P3[0:7]/Segment

selected by code option RC type main oscillator Crystal type sub-oscillator Oscillator up to 4MHz @ 2.4V and 6MHz @ 3.6V
Application Field
Timepiece, sport meter
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue this product without notice. MEGAWIN Technology Co., Ltd. 2005 All rights reserved. 2005/10 version A6
MEGAWIN


▲Up To Search▲   

 
Price & Availability of MLC510A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X