Part Number Hot Search : 
MS1426 2902004 SDA165B BZX84C30 79L15ACF DB105 8AP350 DB105
Product Description
Full Text Search
 

To Download MABA-008350-CT71TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
1:1 Flux Coupled Transformer 0.3-200MHz
Features
* * * * * * Surface Mount 1:1 Impedance Centre tap on secondary 260C Reflow Compatible RoHS* Compliant Available on Tape and Reel. Reel quantity 2000
MABACT0071 V1
Schematic
Description
M/A-COM's MABACT0071 is a 1:1 RF flux coupled transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.
Case Style: SM-164
Pin Configuration
Pin No. 1 2 3 4 5 Function Secondary Dot Secondary centre tap Secondary Primary Primary Dot
Ordering Information
Part Number MABACT0071TR MABA-008350-CT71TB Package 2000 piece reel Customer test board
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
RoHS Compliant
1:1 Flux Coupled Transformer 0.3-200MHz MABACT0071 V1
Electrical Specifications: TA = 25C, Z0 = 75 1
Parameter Insertion Loss 1 (Pin 1-5) Insertion Loss 2 (Pin 3-5) Amplitude Unbalance (Nominal 0dB) Phase Unbalance (Nominal 180) Input Return Loss Frequency 0.3 - 5 MHz 5 - 200 MHz 0.3 - 10 MHz 10 - 200 MHz 0.3 - 200 MHz 0.3 - 200 MHz 0.3 - 5 MHz 5 - 120 MHz 120 - 200 MHz Units dB dB dB dB dB dB dB dB Min 5 19 15 Typ 1.0 0.5 1.0 0.4 0.1 0.3 13 27 21 Max 2.6 0.9 2.6 0.75 0.3 3.0 -
Absolute Maximum Ratings 1,2
Parameter Max Input Power DC current Operating Temperature Storage Temperature Absolute Maximum 250mW 240mA -40C to +85C -55C to +100C
Recommended PCB Configuration
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
RoHS Compliant
1:1 Flux Coupled Transformer 0.3-200MHz
Typical Performance Curves: TA = 25C, Z0 = 75 1
Insertion Loss 1: (Pin 5 to 1)
0.0 -0.2 -0.4 -0.6 -0.8
MABACT0071 V1
Insertion Loss 2: (Pin 5 to 3)
0.0 -0.2 -0.4 -0.6 -0.8
dB
-1.0 -1.2 -1.4 -1.6 -1.8 -2.0 00.3 50 100 150 200
dB
-1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 0.3 50 100 150 200
Frequency (M Hz)
Frequency (M Hz)
Amplitude Unbalance
1.0 0.8 0.6 0.4 0.2
Phase Balance
185 184 183 182
degree
181 180 179 178 177 176 175
dB
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 0.3 50 100 150 200
00.3
50
100
150
200
Frequency (M Hz)
Frequency (M Hz)
Input Return Loss
0 -5 -10
dB
-15 -20 -25 -30 -35 00.3 50 100 150 200
F requency (M H z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-008350-CT71TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X