Part Number Hot Search : 
L8XPREL TDA7266 F1628 13036 254273 MH1383P LZ951600 SI7401DN
Product Description
Full Text Search
 

To Download MAAM-008734-0CA101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A101 / SMA101
Cascadable Amplifier 5 to 100 MHz
Features
* * * * HIGH OUTPUT POWER: +23 dBm (TYP.) HIGH THIRD ORDER IP: +36 dBm (TYP.) HIGH SECOND ORDER IP: +64 dBm (TYP.) LOW NOISE FIGURE: 3 dB (TYP.) Rev. V2
Product Image
Description
The A101 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This push-pull cascode design offers the benefits of low noise figure and high linearity. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.
Ordering Information
Part Number
A101 SMA101 MAAM-008734-0CA101
Package
TO-8B Surface Mount SMA Connectorized **
** The connectorized version is not RoHs compliant.
Electrical Specifications: Z0 = 50, VCC = +12 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 12 Volts (max) mA
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power
Guaranteed 0 to 50C
5-100 16.0 0.4
Units 25C
MHz dB dB dB dB dBm dBm dBm dBm 3-120 17.0 0.3 20 3.0 23.0 +36 +64 +70 1.2:1 / 1.5:1 105 1.7:1 / 1.7:1 115 1.9:1 / 1.9:1 125 3.5 22.0 4.0 20.5
Absolute Maximum
-62C to +125C +125C +15 V +13 dBm 50 mW 0.5 W +85C
-54 to +85C*
5-100 15.5 0.4
Short Term Input power (1 minute max.) Peak Power (3 sec max.) "S" Series Burn-In Temperature (case)
Thermal Data: VCC = +12 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
54C/W 0.7 W +38C
* Over temperature performance limits for part number CA101, guaranteed from 0oC to +50oC only. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
A101 / SMA101
Cascadable Amplifier 5 to 100 MHz
Typical Performance Curves at +25C Outline Drawing: TO-8B *
Rev. V2
WEIGHT: 2 grams (0.07 oz.) max
Outline Drawing: Surface Mount *
WEIGHT: 2 grams (0.07 oz.) max
Outline Drawing: SMA Connectorized *
WEIGHT: 23 grams (0.81 oz.) max
2
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAM-008734-0CA101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X