Part Number Hot Search : 
E110C MAX684 A3998 SPD3910R D2NC40 0ETTS 7906CT ER14505
Product Description
Full Text Search
 

To Download LVR008S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco/Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: LVR008S
DOCUMENT: SCD 24903 PCN: 029390 REV LETTER: H REV DATE: JUNE 18, 2003 PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating at 20C Rated Operating Voltage: 240 VAC Rated Interrupt Current: 1.2 ARMS
Max Interrupt Voltage: 265 VAC Insulating Material : Cured, Flame Retardant Epoxy Polymer Meets UL94 V-0 Requirements. Lead Material: 24 AWG Sn Plated Copper Marking:
240 L008
Raychem Logo and Voltage Part Identification Lot Identification (can be on back)
TABLE I. DIMENSIONS:
mm: in*: A B MIN MAX MIN MAX -8.3 -10.7 -(0.33) -(0.43) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.8 (0.15)
TABLE II. PERFORMANCE RATINGS:
IHOLD RATED CURRENT AMPS AT 20oC HOLD 0.08 CURRENT RATINGS TIME TO TRIP RESISTANCE POST-TRIP RESISTANCE STANDARD TRIP OHMS AT 20oC MAX 26.0 NOMINAL TRIPPED POWER DISSIPATION WATTS AT 20oC 0.8
AMPS AT 20oC HOLD 0.08 TRIP 0.19
SECONDS AT 20oC, 0.4A MAX 15.0
OHMS AT 20oC MIN MAX 7.4 12.0
Recognitions: Reference Documents: Precedence: Effectivity: Warning:
UL, TUV, CSA recognized. PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Refer to Page 2 of this document for application limitations.
Tyco/Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: LVR008S
DOCUMENT: SCD 24903 PCN: 029390 REV LETTER: H REV DATE: JUNE 18, 2003 PAGE NO.: 2 OF 2
Warning: Application Limitations for LVR Product Line 1. Users should independently evaluate the suitability of and test each product selected for their own application. 2. This product should not be used in an application where maximum interrupt voltage or maximum interrupt current can be exceeded in a fault condition. Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame. 3. A PTC device is not a fuse - it is a nonlinear thermistor that limits current. Because under a fault condition all PTC devices go into a high resistance state but not open circuit, hazardous voltage may be present at PTC locations. 4. The devices are intended for protection against occasional overcurrent or overtemperature fault conditions and should not be used when repeated fault conditions or prolonged trip events are anticipated. 5. In most applications, power must be removed and the fault condition cleared in order to reset a PTC device. However, under certain unusual conditions, a PTC device may automatically reset (see Raychem Circuit Protection Databook). Accordingly, PTC devices should not be used in an application where an automatic reset could create a safety hazard, such as garbage disposals and blenders. 6. It is the responsibility of the user to determine the need for back up or fail safe protection to prevent damage that may occur in the event of abnormal function or failure of the PTC device. 7. Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of a PTC device. 8. Devices are not recommended for reflow soldering. 9. Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, or mechanical procedures for electronic components. 10. PTC devices are not recommended to be installed in applications where the device is constrained such that its PTC properties are inhibited, for example in rigid potting materials or in rigid housings which lack adequate clearance to accommodate device expansion. 11. Contamination of the PTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices.


▲Up To Search▲   

 
Price & Availability of LVR008S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X