Part Number Hot Search : 
HCT00 215630P MB100 C03GV HV7131R PI6C2302 VB922 102M6
Product Description
Full Text Search
 

To Download LVG2041-TRS-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
TAPE AND REEL TYPE LED LAMPS
LVG2041/TRS-X
DATA SHEET
DOC. NO REV. DATE
: :
QW0905- LVG2041/TRS-X A
: 21 - Dec - 2004
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG2041/TRS-X Page 1/5
Package Dimensions
G H
P2
H2 H1 L W0 W1
W2
W3
D
P1
F P
T
LVG2041
3.0 4.0
4.2
5.2
1.5MAX
25.0MIN
1/4
0.5 TYP
1.0MIN 2.54TYP
Note : 1.All dimension are in millimeter tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LVG2041/TRS-X Page 2/5
Absolute Maximum Ratings at Ta=25 J
Ratings
Parameter
Symbol
VG
UNIT
Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature Soldering Temperature
IF IFP PD Ir Topr Tstg Tsol
30 120 100 10 -40 ~ +85 -40 ~ +100 Max 260 J for 5 sec Max
mA mA mW
g A J J
Typical Electrical & Optical Characteristics (Ta=25 J )
COLOR PART NO MATERIAL Emitted LVG2041/TRS-X GaP Green Lens Green Transparent
Peak wave length f Pnm
Spectral halfwidth f nm
Forward voltage @20mA(V)
Luminous intensity @20mA(mcd)
Viewing angle 2c 1/2 (deg)
Min. 565 30 1.7
Max. 2.6
Min. 120
Typ. 220 30
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG2041/TRS-X E Dimensions Symbol Information SPECIFICATIONS SYMBOL ITEMS OPTION SYMBOL CODE
------------------
Page 3/5
Minimum mm inch
0.15 0.09
-------
Maximum mm
4.2 3.0 2.0 18.5 22.5 26.5 28.5 23.5 20.9 25.0 25.5 20.0 19.4 36 11.0
inch
0.17 0.12 0.08 0.73 0.89 1.04 1.12 0.93 0.82 0.98 1.0 0.79 0.76 1.42 0.43 0.51 0.23 0.3 0.06 0.38 0.61 0.16 0.75
Tape Feed Hole Diameter Component Lead Pitch Front-To-Rear Deflection
D F H
3.8 2.3
-------
Feed Hole To Bottom Of Component
TRS-1 TRS-2 TRS-3 TRS-4 TRS-5 TRS-6 TRS-7 TRS-8 TRS-9 TRS-10
-------------------------------------------------------------
H1
17.5 21.5 25.5 27.5 22.5 19.9 24.0 24.5 19.0 18.0
-------
0.69 0.85 1.0 1.08 0.89 0.78 0.94 0.96 0.75 0.72
-------
Feed Hole To Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center Of Component Location Overall Taped Package Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width
H2 L P P1 P2 T W0 W1 W2 W3
W0 12.4 4.4 5.1
-------
0.49 0.17 0.2
-------
13.0 5.8 7.7 1.42 9.75 15.5 4.0 19.0
8.5 14.5 0 17.5
0.33 0.57 0 0.69
REMARK:TRS=Tape And Reel Straight Leads
E Dimensions Symbol Information
Specification Description Symbol minimum mm
Reel Diameter Core Diameter Hub Recess Inside Diameter Arbor Hole Diameter Overall Reel Thickness Iside Reel Flange Thickness
E Package Dimensions
maxmum D3 mm 380 102 88.0 38.1 57.2 inch 14.96 4.02 3.46 1.5 2.25 1.97 T1 T2 D MARKING D2 D1
inch 3.08 1.37 1.13 0.54
D D1 D2 D3 T2 T1
78.2 34.9 28.6 13.8
30.0
1.18 2000PCS
50.0
Quantity/Reel
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO.LVG2041/TRS-X Page 4/5
Typical Electro-Optical Characteristics Current
VG CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.5
Forward Current(mA)
100
Relative Intensity Normalize @20mA
3.0 2.5 2.0 1.5 1.0 0.5 0.0
10 1.0
0.1 1.0 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Relative Intensity@20mA Normalize @25J
-40 -20 0 20 40 60 80 100
Forward Voltage@20mA Normalize @25J
1.2
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9 0.8
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directivity Radiation 0X
Relative Intensity@20mA
1.0
-30X
30X
-60X
0.5
-60X
0.0 500 550 600 650
100% 75% 50%
25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG2041/TRS-X Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of hogh temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 JO 5J 2.RH=90 %~95% 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO (10min) (10min) 2.total 10 cycles
5J
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 J O 5J 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 J O 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LVG2041-TRS-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X