Part Number Hot Search : 
TN3501J3 23842 LT3957A KMM5324 4HCT3 70M35V6 4LCX16 2J333K
Product Description
Full Text Search
 

To Download LTL2R3KGK-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High luminous intensity output. * Low power consumption. * High efficiency. * Versatile mounting on P.C. board or panel. * I.C. Compatible/low current requirements. * Popular T-13/4 diameter.
Package Dimensions
Part No. LTL2R3KGK-002
Lens
Water Clear
Source Color
AlInGaP Green
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm(.010") unless otherwise noted. 3. Protruded resin under flange is 1.0mm(.04") max. 4. Lead spacing is measured where the leads emerge from the package. 5. Specifications are subject to change without notice.
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
1
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25
Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) DC Forward Current Derating Linear From 50C Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6mm(.063") From Body] Maximum Rating 75 60 30 0.4 5 -40C to + 100C -55C to + 100C 260C for 5 Seconds Unit mW mA mA mA/C V
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
2
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25
Parameter Luminous Intensity Viewing Angle Peak Emission Wavelength Dominant Wavelength Spectral Line Half-Width Forward Voltage Reverse Current Capacitance Symbol IV 21/2 P d VF IR C 40 Min. 310 Typ. 680 30 575 572 11 2.1 2.4 Max. Unit mcd deg nm nm nm V A pF IF = 20mA VR = 5V VF = 0 , f = 1MHz Test Condition IF = 20mA Note 1 ,5 Note 2 (Fig.5) Measurement @Peak (Fig.1) Note 4
100
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. Iv classification code is marked on each packing bag. 4. The dominant wavelength, d is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 5. The Iv guarantee should be added 15%.
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
3
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Typical Electrical / Optical Characteristics Curves
(25 Ambient Temperature Unless Otherwise Noted)
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
4
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Compatible with radial lead automatic insertion equipment. * Most radial lead plastic lead lamps available packaged in tape and reel. * 2.54mm (0.1") straight lead spacing available. * Reel packaging simplifies handling and testing. Folding packaging is available by adding suffix "A" on option.
Package Dimensions
Specification
Item
Tape Feed Hole Diameter Component Lead Pitch Front to Rear Deflection Feed Hole to Bottom of Component Feed Hole to Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center of Component Location Total Tape Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Symbol D F H H1 H2 L P P1 P2 T W0 W1 W2 W3
Minimum mm 3.8 2.3 -17.5 25.9 W0 12.4 4.4 5.05 -8.5 14.5 0 17.5 0.488 0.173 0.198 -0.334 0.571 0 0.689 Page : inch 0.149 0.091 -0.689 1.020
Maximum mm 4.2 3.0 2.0 18.5 27.5 11.0 13.0 5.8 7.65 0.90 9.75 15.5 3.0 19.0 5 of inch 0.165 0.118 0.078 0.728 1.083 0.433 0.511 0.228 0.301 0.035 0.384 0.610 0.118 0.748 11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Packing Spec
2 reel per inner carton total 2000pcs per inner carton
6 Inner cartons per outer carton total 12000 pcs per outer carton In every shipping lot, only the last pack will be non-full packing.
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
6
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Bin Code List For Reference
Luminous Intensity Bin Code KL MN PQ Min. 310 520 880 Unit : mcd @20mA Max. 520 880 1500
Note: Tolerance of each bin limit is 15%
Dominant Wavelength Bin Code H06 H07 H08 H09 H10 H11 Min. 566.0 568.0 570.0 572.0 574.0 576.0
Unit : nm @20mA Max. 568.0 570.0 572.0 574.0 576.0 578.0
Note: Tolerance of each bin limit is 1nm
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
7
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household applications).Consult Liteon's Sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30C temperature or 70% relative humidity. It is recommended that LEDs out of their original packaging are used within three months. For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use the base of the lead frame as a fulcrum during forming. Lead forming must be done before soldering, at normal temperature. During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point. Dipping the lens into the solder must be avoided. Do not apply any external stress to the lead frame during soldering while the LED is at high temperature. Recommended soldering conditions : Soldering iron Temperature Soldering time 300C Max. 3 sec. Max. (one time only) Wave soldering Pre-heat Pre-heat time Solder wave Soldering time 100C Max. 60 sec. Max. 260C Max. 10 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
8
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
LED
Circuit model B
LED
(A) Recommended circuit (B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage: Use a conductive wrist band or anti- electrostatic glove when handling these LEDs All devices, equipment, and machinery must be properly grounded Work tables, storage racks, etc. should be properly grounded Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic lens as a result of friction between LEDs during storage and handing
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page :
9
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Suggested checking list :
Training and Certification 1. Everyone working in a static-safe area is ESD-certified? 2. Training records kept and re-certification dates monitored? Static-Safe Workstation & Work Areas 1. Static-safe workstation or work-areas have ESD signs? 2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V? 3. All ionizer activated, positioned towards the units? 4. Each work surface mats grounding is good? Personnel Grounding 1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes with conductive flooring? 2. If conductive footwear used, conductive flooring also present where operator stand or walk? 3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*? 4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs? 5. All wrist strap or heel strap checkers calibration up to date? Note: *50V for Blue LED. Device Handling 1. Every ESDS items identified by EIA-471 labels on item or packaging? 2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items? 4. All flexible conductive and dissipative package materials inspected before reuse or recycle? Others 1. Audit result reported to entity ESD control coordinator? 2. Corrective action from previous audits completed? 3. Are audit records complete and on file?
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page : 10
of
11
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
8. Reliability Test
Classification Test Item Test Condition
Ta= Under Room Temperature As Per Data Sheet Maximum Rating *Test Time= 1000HRS (-24HRS,+72HRS) Ta= 655C RH= 90 95% Test Time= 240HRS2HRS Ta= 655C RH= 90 95% VR=5V Test Time = 500HRS (-24HRS, +48HRS) Ta= 1055C *Test Time= 1000HRS (-24HRS,+72HRS)
Reference Standard
MIL-STD-750D:1026 (1995) MIL-STD-883D:1005 (1991) JIS C 7021:B-1 (1982) MIL-STD-202F: 103B(1980) JIS C 7021 : B-11(1982)
Operation Life
High Temperature High Humidity Storage High Temperature High Humidity Reverse BIAS
Endurance Test
JIS C 7021 : B-11(1982)
High Temperature Storage
MIL-STD-883D:1008 (1991) JIS C 7021:B-10 (1982)
Low Temperature Storage
Ta= -555C *Test Time=1000HRS (-24HRS,+72HRS) 105C 25C -55C 25C 30mins 5mins 30mins 5mins 10 Cycles 105 5C -55C 5C 10mins 10mins 10 Cycles T.sol = 260 5C Dwell Time= 10 1secs
JIS C 7021:B-12 (1982) MIL-STD-202F:107D (1980) MIL-STD-750D:1051(1995) MIL-STD-883D:1010 (1991) JIS C 7021: A-4(1982) MIL-STD-202F:107D(1980) MIL-STD-750D:1051(1995) MIL-STD-883D:1011 (1991) MIL-STD-202F:210A(1980) MIL-STD-750D:2031(1995) JIS C 7021: A-1(1982) MIL-STD-202F:208D(1980) MIL-STD-750D:2026(1995) MIL-STD-883D:2003(1991) JIS C 7021: A-2(1982)
Temperature Cycling
Environmental Test
Thermal Shock
Solder Resistance
Solderability
T. sol = 230 5C Dwell Time= 5 1secs
9. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.
Part No. : LTL2R3KGK-002 BNS-OD-C131/A4
Page : 11
of
11


▲Up To Search▲   

 
Price & Availability of LTL2R3KGK-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X