Part Number Hot Search : 
28F16 225710 12SH3 GP30A NTD20 ST7037 32CAB N2803
Product Description
Full Text Search
 

To Download LF114EDI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LF100EDI Series
Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 1W Output Power * 3,000 VDC Isolation * Ultra-Miniature SMT Case * UL Approved (File E245422) * Dual Outputs * Low 0.24" Profile * >3.5 MHour MTBF * 3.3, 5V, & 12V Inputs * LOWEST COST!
Input
Parameter Input Voltage Range Reverse Polarity Input Current Input Filter Capacitor Conditions Balanced Loads For Vin Change of 1% See Model Selection Guide 50 0.01 Momentary (0.5 Sec.) Conditions 60 Seconds 500 VDC 100 kHz, 1V 100 Conditions Ambient Min. -40 -55 Free Air Convection RH, Non-condensing 95 % Min. 3,000 1,000 70 150 Typ. +25 200 Max. +85 +125 Typ. Max. Units VDC M pF kHz Units C C 75 0.02 mV P - P %/C Min. Typ. 3.0 1.0 1.2 Max. Units % % % Conditions 3.3 VDC Input 5 VDC Input 12 VDC Input Min. 3.0 4.5 10.8 Typ. 3.3 5.0 12.0 Max. 3.6 5.5 13.2 1.0 A VDC Units
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation (Note 1) Ripple & Noise (20 MHz) (Note 2) Temperature Coefficient Output Short Circuit
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency
Environmental
Parameter Operating Temperature Range Storage Temperature Range Cooling Humidity
Physical
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Case Size Case Material Weight
0.60 x 0.29 x 0.24 Inches (15.24 x 7.5 x 6.0 mm) Non-Conductive Black Plastic (UL94-V0) 0.05 Oz (1.5g) Conditions MIL HDBK 217F, 25C, Gnd Benign Min. 3.5 Typ. Max. Units MHours
Reliability Specifications
Parameter MTBF Safety Standards Safety Approvals
UL 1950, EN 60950, IEC 60950 UL, cUL; File No. E245422 Conditions 3.3 VDC Input 5 VDC Input 12 VDC Input 1.5 mm From Case For 10 Sec All Models Min. -0.7 -0.7 -0.7 Typ. Max. 7.0 7.0 15.0 260.0 450 C mW VDC Units
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number LF101EDI LF102EDI LF103EDI LF104EDI LF111EDI LF112EDI LF113EDI LF114EDI LF151EDI LF152EDI LF153EDI Input Voltage (VDC) Current (mA) Voltage Nominal Range Full-Load No-Load (VDC) 5 4.5 - 5.5 294 30 5.0 5 4.5 - 5.5 277 30 9.0 5 4.5 - 5.5 270 30 12.0 5 4.5 - 5.5 270 30 15.0 12 10.8 - 13.2 121 15 5.0 12 10.8 - 13.2 116 15 9.0 12 10.8 - 13.2 113 15 12.0 12 10.8 - 13.2 113 15 15.0 3.3 3.0 - 3.6 452 55 5.0 3.3 3.0 - 3.6 445 55 12.0 3.3 3.0 - 3.6 432 55 15.0 Output Current (mA, Max) 100.0 56.0 42.0 33.0 100.0 56.0 42.0 33.0 100.0 42.0 33.0 Current (mA, Min) 10.0 6.0 5.0 4.0 10.0 6.0 5.0 4.0 10.0 5.0 4.0 Load Regulation (%, Max) 12.0 8.0 8.5 7.0 12.0 8.0 8.5 7.0 12.0 8.5 7.0 Efficiency (%, Typ) 68 72 74 74 69 72 74 75 67 68 70 Fuse Rating Slow-Blow (mA) 500 500 500 500 200 200 200 200 750 750 750
Notes: 1. Output load regulation is specified for a load change of 10% to 100%. 2. When measuring output ripple, it is recommended that an external 0.33 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. 3. During operation, care must be taken not to exceed the specified input range of the unit or to allow the output load to drop below the specified minimum (10% of full load). Operating the unit under either of these conditions could cause damage to the unit. 4. These converters are specified for operation without external components. However, in some applications the addition of input/output capacitors will enhance stability and reduce output ripple. Recommended capacitor values are: Vin Input Capacitor Vout Output Capacitor
Derating Curve
3.3 VDC 5 VDC 12 VDC
10.0 F 4.7 F 2.2 F
5 VDC 9 VDC 12 VDC 15 VDC
4.7 F 2.2 F 1.0 F 0.47 F
For applications requiring very low output noise levels, a simple LC filter should be effective. 5. It is recommended that a fuse be used on the input of a power supply for protection. See Pin Description Pin Description the Model Selection table above for the correct 1 -Vin 7 NC rating. 2 +Vin 8 +Vout 3 NC 10 NC 5 Common 11 NC 6 -Vout 12 NC NC = No Connection
Pin Connections
Recommended Solder Profile
Mechanical Dimensions
Board Layout
Notes: * All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25) * Pin 1 is marked by a "dot" or indentation on the unit
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of LF114EDI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X