![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATASHEET LANC2415UW12 DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A Features: * * * * * * UL TUV CB CE MARK RoHS Compliant Single Output Standard 24 Pin DIP and SMT Package Five-Sided Continuous Shield No Minimum Load Required High Power Density High Efficiency up to 88% Small Size: 1.25 x 0.8 x 0.450 Inches Input to Output Isolation (1600VDC) 4:1 Ultra Wide Input Voltage Range Fixed Switching Frequency Input Under-Voltage Protection Output Over-Voltage Protection Over-Current Protection Output Short Circuit Protection Remote ON/OFF * * * * * * * * * * Applications: * * * Distributed Power Architectures Communications Equipment Computer Equipment Work Stations * Description: The LANCUW12 single output series offers 12 watts of output power from a package in an IC compatible 24pin DIP and SMT configuration. LANCUW12 single output series has 4:1 wide input voltage of 9-36VDC and 18-75VDC. The LANCUW12 single output series features 1600VDC of isolation, short circuit protection and five sided shielding. All models are particularly suited for telecommunications, industrial, mobile telecom, and test equipment applications. (888) 597-WALL www.wallindustries.com 1 of 14 TECHNICAL DATASHEET LANC2415UW12 Technical Specifications All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION Related condition Min Nom Max Switching Frequency Test at nominal Vin and full load 400 INPUT (Vin) Operating Voltage Range 9 24 36 Input Voltage (Continuous) 40 Input Voltage (Transient 100ms) 50 UVLO Turn-on Threshold 9 UVLO Turn-off Threshold 8 Input Standby Current Nominal Vin and No Load 25 Input Voltage Variation Complies with EST300 132 part 4.4 5 Input Current Nominal Vin and Full Load 610 5 to 20MHz, 12H source impedance Reflected Ripple Current 20 (See the Test Setup section - pg 8) Test at nominal Vin and full load 86 EFFICIENCY (See the Test Setup section - pg 8) OUTPUT (Vo) Operating Output Range Nominal Vin and Full Load 14.82 15.0 15.18 Load Regulation (DIP Type) 0% to 100% Full Load -0.5 +0.5 Load Regulation (SMT Type) 0% to 100% Full Load -1.0 +1.0 Line Regulation LL to HL at Full Load -0.2 +0.2 5Hz to 20MHz bandwidth Output Ripple & Noise 85 (See the Test Setup section - pg 8) Output Current 0 0.8 Output Voltage Overshoot Over Voltage Protection Over Current Protection Short Circuit Protection DYNAMIC LOAD RESPONSE Peak Deviation Setting Time (Vout < 10% peak deviation) REMOTE ON/OFF ON/OFF pin High Voltage (Remote ON) ON/OFF pin Low Voltage (Remote OFF) ON/OFF pin Low Voltage, input current START UP TIME Power Up Remote ON/OFF ISOLATION Isolation Voltage (Input-Output) Isolation Voltage (Output to Case-DIP Type) Isolation Voltage (Output to Case-SMT Type) Isolation Voltage (Input to Case - DIP Type) Isolation Voltage (Input to Case - SMT Type) Isolation Resistance Isolation Capacitance ENVIRONMENTAL Operating Ambient Temperature (w/ derating) Operating Case Temperature Storage Temperature Temperature Coefficient MTBF Bellcore TR-NWT-000332, TC=40C MIL-STD-217F MECHANICAL Weight Dimensions LL to HL at Full Load Zener diode clamp Test at nominal Vin Load step change from 75 to 100% or 100 to 75 % of FL The ON/OFF pin voltage is referenced to -Vin (See the Remote ON/OFF Control section - pg 5) 3.0 0 Test at nominal Vin and constant resistive load 450 5 1600 1600 1000 1600 1000 1 1500 -40 -55 -0.02 See the MTBF and Reliability section (pg 13) 2,350,000 875,000 See Figure 1 18.0 1.25 x 0.8 x 0.450 85 105 125 +0.02 12 1.2 2.5 0 3 Model No. LANC2415UW12 Unit kHz Vdc Vdc Vdc Vdc Vdc mA V/ms mA mApk-pk % Vdc % % % mVpk-pk A % Vout 18 Vdc 150 % FL Continuous, automatic recovery 200 250 mV s Vdc Vdc mA ms ms Vdc Vdc Vdc Vdc Vdc G pF o o C C o C % / oC hours hours grams inches (888) 597-WALL www.wallindustries.com Page 2 of 14 TECHNICAL DATASHEET LANC2415UW12 Figure 1: Mechanical Dimensions Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin 0.08(2.0) DIP Type 23 22 BOTTOM VIEW 16 14 1 2 3 0.80 (20.3) 0.20 (5.1) Table 1 Pin Connection Pin 1 2 3 9 11 Define CTRL -Input -Input NC NC Pin 23 22 16 14 Define +Input +Input -Output +Output 1.25 (31.8) 9 11 0.15 (3.8) 0.40 (10.2) 0.60(15.2) 0.80(20.3) 1. All dimensions are in Inches (mm) Tolerance: x.xx0.02 (x.x0.5) 2. Pin pitch tolerance 0.014(0.35) SMT Type 1.00(25.4) 0.92(23.4) Suffix-S 0.44(11.2) 0.10 (2.54) 0.43(10.9) Table 2 Pin Connection Pin 1 2 3 Define CTRL -Input -Input NC NC NC Pin 23 22 16 14 Others Define +Input +Input -Output +Output NC 0.02(0.5) 20 1.26 (32.0) BOTTOM VIEW 5 0.15 (3.81) 24 1 16 Pin Area 0.04 x 0.02 (1.0 x 0.5) 9 12 0.80(20.3) 0.25 (6.35) 9 11 Others 13 1. All dimensions in Inches (mm) Tolerance: x.xx0.02 (x.x0.5) 2. Pin pitch tolerance 0.014(0.35) (888) 597-WALL www.wallindustries.com Page 3 of 14 TECHNICAL DATASHEET LANC2415UW12 DESIGN CONSIDERATIONS: Output Over Current Protection When excessive output currents occur in the system, circuit protection is required on all power supplies. Normally, overload current is maintained at approximately 150% of rated current for the LANCUW12 single output series. Fold back-mode is a method of operation in a power supply whose purpose is to protect the power supply from being damaged during an over-current fault condition. It also enables the power supply to operate normally when the fault is removed. One of the problems resulting from over current is that excessive heat may be generated in power devices; especially MOSFET and Schottky diodes and the temperature of those devices may exceed their specified limits. A protection mechanism has to be used to prevent those power devices from being damaged. The operation of fold back is as follows. When the current sense circuit sees an over-current event, the output voltage of the module will be decreased for low power dissipation and decrease the heat of the module. Figure 2 Output Over Voltage Protection The output over-voltage protection consists of an output Zener diode that monitors the voltage on the output terminals. If the voltage on the output terminals exceeds the over-voltage protection threshold, then the Zener diode clamps the output voltage. Input Source Impedance The power module should be connected to a low impedance input source. Highly inductive source impedance can affect the stability of the power module. Input external L-C filter is recommended to minimize input reflected ripple current. The inductor is simulated source impedance of 12H and capacitor is Nippon chemi-con KZE series 47F/100V. The capacitor must as close as possible to the input terminals of the power module for lower impedance. (888) 597-WALL www.wallindustries.com Page 4 of 14 TECHNICAL DATASHEET LANC2415UW12 Thermal Consideration The power module operates in a variety of thermal environments. However, sufficient cooling should be provided to help ensure reliable operation of the unit. Heat is removed by conduction, convention, and radiation to the surrounding environment. Proper cooling can be verified by measuring the point as the figure below. The temperature at this location should not exceed 105C. When operating, adequate cooling must be provided to maintain the test point temperature at or below 105C. Although the maximum point temperature of the power modules is 105C, you can limit this temperature to a lower value for extremely high reliability. Figure 3 Measurement shown in inches and millimeters TOP VIEW Remote ON/OFF Control The positive logic remote ON/OFF control circuit is included. Turns the module ON during a logic High on the On/Off pin and turns OFF during a logic Low. The On/Off pin is an open collector/drain logic input signal (Von/off) that's referenced to GND. If not using the Remote On/Off feature, please open circuit between on/off pin and -input pin to turn the module on. Remote ON/OFF Implementation Figure 4 Isolated-Closure Remote ON/OFF Figure 5 Figure 6 Level Control using TTL Output (888) 597-WALL Level Control using Line Voltage www.wallindustries.com Page 5 of 14 TECHNICAL DATASHEET LANC2415UW12 Graph 1: Efficiency vs. Output Current Graph 2: Efficiency vs. Input Voltage (Full Load) Efficiency (%) Vin=9V Vin=24V Vin=36V % Of Full Load Efficiency (%) Input Voltage (V) Graph 3: Output Power vs. Ambient Temperature & Airflow (Nominal Vin) Graph 4: Power Dissipation Vs. Output Current Vin=9V Vin=24V Vin=36V Natural Convection 100LFM 200LFM 300LFM 400LFM 500LFM Power Dissipation (W) Output Power (%) 9V 24V 36V Ambient Temperature, Ta (C) % Of Full Load Graph 5: Conducted Emission of EN55022 Class A (Nominal Vin and Full Load) Graph 6: Conducted Emission of EN55022 Class B (Nominal Vin and Full Load) Frequency (MHz) Frequency (MHz) (888) 597-WALL www.wallindustries.com Page 6 of 14 TECHNICAL DATASHEET LANC2415UW12 Graph 7: Typical Input Start-Up and Output Rise Characteristic (Nominal Vin and Full Load) Graph 8: Typical Output Ripple and Noise (Nominal Vin and Full Load) Vin Vout Graph 9: Using ON/OFF Voltage Start-Up and Vo Rise Characteristic (Nominal Vin and Full Load) Graph 10: Transient Response to Dynamic Load Change from 100% to 75% to 100% of Full Load at Nominal Vin Von-off Vout (888) 597-WALL www.wallindustries.com Page 7 of 14 TECHNICAL DATASHEET LANC2415UW12 TEST SETUP: The LANC2415UW12 specifications are tested with the following configurations: Input Reflected-Ripple Current Measurement Test Setup Figure 7 Component L C Value 12H 47F Voltage ---100V Reference ---Aluminum Electrolytic Capacitor Peak-to-Peak Output Ripple & Noise Measurement Setup Figure 8 Figure 9 Output Voltage and Efficiency Measurement Setup Figure 10 Vout x Iout Efficiency = x 100% Vin x Iin NOTE: All measurements are taken at the module terminals (888) 597-WALL www.wallindustries.com Page 8 of 14 TECHNICAL DATASHEET LANC2415UW12 EMC Considerations Suggested Schematic for EN55022 Conducted Emission Class A Limits Figure 11 Recommended Layout with Input Filter Figure 12 To meet Conducted Emissions EN55022 CLASS A needed the following components: LANC24xxUW12 Component C1 C2, C3 Value 1uF 1000pF Voltage 50V 2KV Reference 1210 MLCC 1206 MLCC LANC48xxUW12 Component C1 C2, C3 Value 0.47uF 1000pF Voltage 100V 2KV Reference 1812 MLCC 1206 MLCC (888) 597-WALL www.wallindustries.com Page 9 of 14 TECHNICAL DATASHEET LANC2415UW12 EMC Considerations (Continued) Suggested Schematic for EN55022 Conducted Emission Class B limits Figure 13 Recommended Layout with Input Filter Figure 14 To meet Conducted Emissions EN55022 CLASS B needed the following components: LANC24xxUW12 Component C1 C3, C4 L1 Value 4.7F 1000pF 325H Voltage 50V 2KV ---Reference 1812 MLCC 1206 MLCC Common Choke, P/N: PMT-050 LANC48xxUW12 Component C1 C3, C4 L1 Value 1.5F 1000pF 325H Voltage 100V 2KV ---Reference 1812 MLCC 1206 MLCC Common Choke, P/N: PMT-050 (888) 597-WALL www.wallindustries.com Page 10 of 14 TECHNICAL DATASHEET LANC2415UW12 Recommended Pad Layout for DIP Type Figure 15 Recommended Pad Layout for SMT Type Figure 16 1. All dimensions in Inches (mm) 2. Pin pitch tolerance 0.35mm 3. Tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) (888) 597-WALL www.wallindustries.com Page 11 of 14 TECHNICAL DATASHEET LANC2415UW12 Soldering and Reflow Considerations: Lead Free Wave Solder Profile for DIP Type Reference Solder: Sn-Ag-Cu; Sn-Cu TEMPERATURE (C) Hand Welding: Soldering Iron: Power 90W Welding Time: 2~4 sec Temp: 380~400C Figure 17 TIME (SEC) Zone Preheat Zone Actual Heating Reference Parameter Rise temp. speed: 3/sec max. Preheat temp: 100~130 Peak temp: 250~260 Peak time (T1+T2 time): 4~6 sec Lead free reflow profile for SMT type Figure 18 TEMPERATURE (C) TIME (SEC) Zone Preheat Zone Reference Parameter Rise temp. speed: 1~3/sec Preheat time: 60~120sec Preheat temp.155~185 Rise temp. speed: 1~3/sec Melting time: 30~60 sec Melting temp: 217C Peak temp: 230~240 Peak time: 10~20 sec Rise temp. speed: -1~ -5/sec Reference Solder: Sn-Ag-Cu; Sn-Cu Actual Heating Cooling (888) 597-WALL www.wallindustries.com Page 12 of 14 TECHNICAL DATASHEET LANC2415UW12 Packaging Information: DIP Type Figure 19 16 PCS per tube SMT Type Figure 20 16 PCS per tube Safety and Installation Instruction: Fusing Consideration Caution: This power module is not internally fused. An input line fuse must always be used. This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an integrated part of sophisticated power architecture. To maximum flexibility, internal fusing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a normal-blow fuse with maximum rating of 3A. Based on the information provided in this data sheet on Inrush energy and maximum DC input current; the same type of fuse with lower rating can be used. Refer to the fuse manufacturer's data for further information. MTBF and Reliability The MTBF of the LANCUW12 single output series of DC/DC converters has been calculated using Bellcore TR-NWT-000332 Case I: 50% stress, Operating Temperature at 40C (Ground fixed and controlled environment). The resulting figure for MTBF is 2.35 x 106 hours. MIL-HDBK 217F NOTICE2 FULL LOAD, Operating Temperature at 25C. The resulting figure for MTBF is 8.745 x 106 hours. (888) 597-WALL www.wallindustries.com Page 13 of 14 TECHNICAL DATASHEET LANC2415UW12 Ordering Information: Part Number Example: LANC 24 Series Designation 15 UW 12 - S Nominal Input Voltage Nominal Output Voltage 4:1 Ultra Wide Input Voltage Range Maximum Output Power Option Blank S Description DIP Type SMT Type Company Information: Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2000 certification is just one example of our commitment to producing a high quality, well documented product for our customers. Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects. Contact Wall Industries for further information: Phone: Toll Free: Fax: E-mail: Web: Address: (603)778-2300 (888)587-9255 (603)778-9797 sales@wallindustries.com www.wallindustries.com 5 Watson Brook Rd. Exeter, NH 03833 (888) 597-WALL www.wallindustries.com Page 14 of 14 |
Price & Availability of LANC2415UW12
![]() |