Part Number Hot Search : 
1N487B 2C100 ZT03C MA3693 15T1G AN3202 BA6809 MHO12TAD
Product Description
Full Text Search
 

To Download KOI-6002ASD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IR Transceiver Module
KOI-6002ASD
Features
Small footprint surface mount package(1.8 H x 2.90 W x 7.40 L) Operating Voltage(Vcc) from 2.7 V to 5.5 V Operating Temperature from -20 to 85 LED Stuck High Protection Complete Shut-down at TxD, RxD, PIN diode
Mounting center
Dimensions
(Unit : mm)
Applications Cellular Phones(both CDMA & GSM based) PDAs, PDA Phones, Smart Phones POS Terminals(ex. IrFM dongles) Tablet, Notebook, Desktop PCs Portable Printers(for photos of Camera Phones), Inkjet & Laser Printers Digital Cameras KIOSKs, Vending Machines, ATMs
M O U N TIN G CENTER LED A NC TXD RXD SD Vcc GND
SHIELD SOLDER PAD
Block Diagram
TXD
Vcc
Vcc SD
LED
Bias circuit with shutdown
RLED RXD
Tx Driver
PD
CX2
Stuck on protection
CX1
LED A
Vcc
GND
Rx Driver
Comparator
Peak Detector
Preamp
RLED 3.35%, 0.25 Watt, LED A=2.7V RLED 4.75%, 0.25 Watt, LED A=3.0V RLED 6.85%, 0.25 Watt, LED A=3.6V RLED 105%, 0.25 Watt, LED A=4.2V CX1 0.4720%, Ceramic : CX2 4.720%, Tantalum CX1, CX2 must be placed 7 of the KOI-6002ASD
1/2
IR Transceiver Module
KOI-6002ASD
Absolute Maximum Ratings
Parameter Supply Voltage LED Supply Voltage Operating Temperature Storage Temperature DC LED Transmit Current Peak LED Transmit Current Receiver Data Output Voltage Transmitter Data Input Voltage Symbol Vcc VLED Topr. Tstg. ILED (DC) ILED (PK) VRXD VTXD Conditions <90 pulse width, <20% duty cycle Min. 0 0 -20 -40 -0.5 -0.5 Max. 6.5 6.0 85 100 50 200 VCC+0.5 VCC+0.5
[Ta = 25
]
Unit V V
mA mA V V
Electro-Optical Characteristics Parameter Symbol
Icc1 Icc2 Supply Current Icc3 Icc4 Transmitter Wakeup Time Viewing Angle Ttw 2
1/2
[Ta=25
, VCC=3.0V]
Conditions
Shutdown Idle Active Receiver Active Transmitter
Min.
-
Typ.
140 180 12.5 30 1.7 50 100 875 45 880 2.6 50 50 0.6 60 50
Max.
1 200 800 15 200 60 1.9 100 150 60 0.4 4 100 100 200 100
Unit
tpw(RxD)=1.63 at 115.2kbit/s
30 1.5 -
deg.
Transmitter
Data Output Pulse Width Rise Time Fall Time Peak Emission Wavelength Spectral Bandwidth Viewing Angle Peak Sensitivity Wavelength High Level Output Voltage Low Level Ouput Voltage
Tstpw tr
ns ns nm nm deg. nm V V
tpw(TxD)=1.63 at 115.2kbit/s
tf p 2
1/2
30 VCC-0.2 at 1 tpw(TxD)=1.63 at 115.2kbit/s 0.3 -
IOH=-20 IOL=1mA tpw(TxD)=1.63 115.2kbit/s
p VOH VOL Tsrpw tr tf D TL Trw
Receiver
Rx SIR Pulse Width Rise Time Fall Time Communication Distance Receiver Latency Time Receiver Wakeup Time
ns ns m
2/2


▲Up To Search▲   

 
Price & Availability of KOI-6002ASD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X