Part Number Hot Search : 
30021 15R06 FM104 1980589 PM574 N74AC C380B NE5534A
Product Description
Full Text Search
 

To Download HJP2040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
HJP2040CT
20A SCHOTTKY BARREIER RECTIFIER Features
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss,High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage,High Frequency Inverters,Free Wheelings ,and Polarity Protection Applications
1Pin A1 2Pin K 3Pin A2
Package
TO-220
Maximum Ratings
Tstg----Storage Temperature....................................... -65~150 Tj----Operating Temperature.......................................-65~150 VRRM----Peak Repetitive Reverse Voltage.............................. 40V VRWM ---- Working Peak Reverse Voltage..............................40V VR----DC Blocking Voltage................................................ 40V VR(RMS) ----RMS Reverse Voltage....................................... 28V IFAV----Average Recified Output Current@Tc=95........................Double Dies 20A (Note 1) ........................Single Die 10A
IFSM----Non-Repetitive Peak Forward Surge CurrentSingle Die60HZ............200A
Electrical Characteristic@Ta=25unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
Characteristic Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance(Note 2) Typical Thermal Resistance Junction to Case(Note 1)
Symbol VFM IRM Cj Rth-j
Min
Max 0.55 1.0 50 1100 2.8
Unit V mA pF /W
Condition IF=10A,TC=25 VR = VRRM TC=25 TC=100
Notes:1Thermal resistance junction to case mounted on heatsink. 2Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
Shantou Huashan Electronic Devices Co.,Ltd.
HJP2040CT
PERFORMANCE CURVES


▲Up To Search▲   

 
Price & Availability of HJP2040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X