Part Number Hot Search : 
MUR1610 MAX1134 95030 MM5Z62V OPF391A 327MS8GE SM5272B N7040A
Product Description
Full Text Search
 

To Download HGPJPM001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Magnetic Sensors
Latch Output Type
HGP P Series
Best suited for rotation mechanism using the small size and high precision latch output type.
Magnetic Sensor Piezo Sensor Resistive Sensor
MAP type
SOT23 type
Features
Small size and low profile (1.3G0.9G0.55mm for the MAP Type). Adoption of high-sensitivity elements contributes to improved margin in the magnet gap design. Low consumption current (10BA at VDD=1.8V ).
Applications
Detection of rotation speed and rotation direction for motors and flow meters, etc., as well as dial input of all types of consumer products, including mobile devices, electronic home appliances.
Typical Specifications
Specifications Items Drive voltage Sampling period Current consumption
Typ. 1.8V (1.6V min. to 3.6V max.) 1.3m sec 10BA Ave. (at VDD= 1.8V) 320B sec 35BA Ave. (at VDD= 1.8V) Typ. 5V (4.5V min. to 5.5V max.) 35B sec 2mA Ave. (at VDD= 5V)
Product list
Drive voltage Package Specifications/Size Function
1-phase alternating output Sampling period 1.3m sec 1-phase alternating output Sampling period 320Bsec 1-phase alternating output Sampling period 35Bsec
Model No.
HGPJPM001A HGPHPM001A HGPFPT001A
Operating magnetic field
Typ. 1.8V
MAP type 1.3 0.9 0.55mm SOT23 type 2.9 2.8 1.1mm
Hon:+1mT Hoff:-1mT
Typ. 5V
Dimensions
Style MAP type
0.9 0.5
1.6 2.8
Unit:mm
SOT23 type
2.9
1.3
1.9
12
0.55
1.1


▲Up To Search▲   

 
Price & Availability of HGPJPM001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X