Part Number Hot Search : 
MAX475 00TTS 68HC91 GA271 00130 18F66 TSP190SC 100N055
Product Description
Full Text Search
 

To Download HES24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES HES24 SERIES
FEATURES:
UNIVERSAL INPUT DESKTOP IEC320 AC RECEPTACLE MEET UNIVERSAL SAFETY STANDARDS EMI MEET EN 55022/ FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Input Connector: IEC320-3P DT7 type AC inlet receptacle. Input Frequency: 47-63Hz. Inrush Current: 25A @230Vac typical. Input Current: 0.34A @115Vac typical. 0.17A @230Vac typical. Dielectric Withstand: Meet IEC60950. EMI: Meet EN 55022 / FCC Class B. Hold-up Time: 15mS @115Vac typical. 60mS @230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 24-26 Watts typical. Output Connector & Cord: Optional. Line Regulation: 0.1-0.2% typical. Load Regulation: Main O/P VO1 1.5-3.0% typical. Aux. O/P VO2 2.5-4.0% typical. Aux. O/P VO3 3.0-6.0% typical. Noise & Ripple: 1.0% typical peak to peak. OVP: Built-in at main VO1 only Zener diode clamping. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting. Operating Temperature: 0 to +25/35/40C without derating. (various with output voltage) Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04%/C typical. Cooling: Free air convection. Construction: Impact resistant thermo-plastic enclosure case. Desktop Format.
GENERAL SPECIFICATION
Efficiency: 78% typical. Switching Frequency: Approximate 60K Hz. Circuit Topology: Fixed Frequency Flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: Meet UL1950/EN60950 Class I. Power Density: 1.89 Watts / Cubic inch.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit %). For the multi-output, the main output remains 50% load and other aux. output remains 20% load. (3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft. (2 m) cord AWG#18 wires. (4) Due to requests in market and advances in technology, specifications subject to change without notice
For the details of safety approval, please consult the factory.
-23-
MODEL NO. DESCRIPTION: HES24 - XXX YY - N2N3
[NULL] FOR SINGLE OUTPUT [A]+5V, [B[+12V, [C]+15V, [D]+18V, [E]+24V, [F]-5V, [G]-12V, [H]-15V, [I] -18V, [J] -24V
AUX. OUTPUT SET OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (HiTRON External Switcher): About 24W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE(Vdc)/CURRENT (A) 5.0V/4.0A, 5.5V/3.7A, 6.0V/3.5A, 6.5V/3.2A, 7.0V/3.0A, 7.5V/2.7A, 8.0V/2.5A, 8.5V/2.4A, 9.0V/2.3A, 5.0Vdc Any Voltage 15.0Vdc 9.5V/2.2A, 10.0-11.0V/2.1A, 11.5-12.0V/2.0A, 13.0V/1.8A, 13.5-14.0V/1.7A, 14.5-15.0V/1.6A. 15.5-16.0V/1.5A, 16.5-17.0V/1.4A, 17.5-18.0V/1.3A, 18.5-20.0V/1.2A, 15.0VdcAny Voltage 30.0Vdc 20.5-22.0V/1.1A, 22.5-24.0V/1.0A, 24.5-26.5V/0.9A, 27.0-30.0V/0.8A. Note: Refer to the upper Chart, or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO. HES24-05040 HES24-07527 HES24-12020 HES24-15016 HES24-18013 HES24-24010 HES24-30008 O/P VOLTAGE 5.0Vdc 7.5Vdc 12.0Vdc 15.0Vdc 18.0Vdc 24.0Vdc 30.0Vdc O/P CURRENT 4.0A 2.7A 2.0A 1.6A 1.3A 1.0A 0.8A
DUAL OUTPUT
OUTPUT RAIL OUTPUT VOLT.(Vdc)/ AMP.(A) Main O/P VO1 5-24V/2.0-0.5A. Max.Watts.10 ~12W Aux. O/P VO2 5,12,15,18,24V/2.0-0.5A. Max.Watts.12 ~18W
DUAL OUTPUT (Model No. for example)
MAIN O/P VO1 AUX. O/P VO2 TYP. TYP. VOLT. VOLT. 1.5A 1.5A HES24-05015-B +5Vdc +12Vdc 1.0A 1.0A HES24-12010-G +12Vdc -12Vdc 0.8A 1.2A HES24-15008-H +15Vdc -15Vdc 0.5A 1.0A HES24-24005-G +24Vdc -12Vdc Symbol: "" OVP built-in. "" Double feedback MODEL NO.
TRIPLE OUTPUT
OUTPUT RAIL Main O/P VO1 Aux. O/P +VO2 Aux. O/P -VO3 OUTPUT VOLT. (Vdc)/ AMP.(A) +5-20V/3.0-0.60A. Max. Watts:12- 15.0W +5,12,15,18,24V/1.2-0.25A. Max. Watts: 6.0W -5,12,15,18,24V/0.6-0.125A. Max. Watts: 3.0W
TRIPLE OUTPUT (Model No. for example)
MAIN O/P VO1 AUX. O/P VO2 TYP. VOLT. TYP. VOLT. 3.0A +12Vdc 0.50A HES24-05030-BG +5Vdc 3.0A +12Vdc 0.50A HES24-05030-BH +5Vdc 3.0A +24Vdc 0.25A HES24-05030-EJ +5Vdc Symbol: "" OVP built-in. "" Double feedback. MODEL NO. AUX. O/P VO3 VOLT. TYP. -12Vdc 0.250A -15Vdc 0.200A -24Vdc 0.125A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 330.0g (11.6 Oz.)
-24-


▲Up To Search▲   

 
Price & Availability of HES24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X