Part Number Hot Search : 
CA3028B SS120 CH168 AM5888S SUG91D CLR1210 8041NLI 500CA
Product Description
Full Text Search
 

To Download HER104GPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low power loss, high efficiency * Low leakage * High current capability * High speed switching * High current surge * High reliability * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
1.0(25.4) MIN.
HER101GPT THRU HER108GPT
DO-41
0.034(0.9) DIA. 0.028(0.7)
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band Weight: 0.35 gram
0.205(5.2) 0.166(4.2) 0.107(2.7) DIA. 0.080(2.0)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-41
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 30 Amps
o
SYMBOL VRRM VRMS VDC IO
HER101GPT HER102GPT HER103GPT HER104GPT HER105GPT HER106GPT HER107GPT HER108GPT
50 35 50
100 70 100
200 140 200
300 210 300 1.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
CJ TJ, TSTG
15 -65 to +175
12
pF
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle 0.375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A SYMBOL VF
HER101GPT HER102GPT HER103GPT HER104GPT HER105GPT HER106GPT HER107GPT HER108GPT
UNITS Volts uAmps uAmps
1.0
1.3 5.0
1.50
1.70
IR 100 trr 50 70 nSec 2001-6
RATING CHARACTERISTIC CURVES ( HER101GPT THRU HER108GPT )
50 NONINDUCTIVE
10 NONINDUCTIVE
trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
2.0 Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
1.0
1 NONINDUCTIVE
0.5
OSCILLOSCOPE (NOTE 1)
(+) -1.0A
NOTES: 1. Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedlance= 50 ohms.
1cm SET TIME BASE FOR 10/20 nS/cm
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
TJ= 150oC
HER101GPT~HER103GPT
10
TJ= 100oC
1.0
HER104GPT~HER105GPT
1.0
TJ= 25oC
.1
HER106GPT
.1
0.1
TJ= 25oC
HER107GPT~HER108GPT
Pulse Width = 300uS 1% Duty Cycle 0.01
.01
0
20
40
60
80
100
120
140
0
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % ) FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 35 JUNCTION CAPACITANCE, ( pF ) 30 25 20 15 10 5 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100 200
.2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, ( V ) FIG. 6 - TYPICAL JUNCTION CAPACITANCE
TJ= 25oC
100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
HER1 01GP T~HE R105 GPT
8.3ms Single Half Sine-Wave (JEDEC Method)
HER1
06GP
T~HE
R108
GPT


▲Up To Search▲   

 
Price & Availability of HER104GPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X